Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME125-12S Datasheet(PDF) 1 Page - AIMTEC

No. de pieza AME125-12S
Descripción Electrónicos  125 Watt (Enclosed) AC/DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AME125-12S Datasheet(HTML) 1 Page - AIMTEC

  AME125-12S Datasheet HTML 1Page - AIMTEC AME125-12S Datasheet HTML 2Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VISIT US AT WWW.AIMTEC.CA
Continued on next page
AME125 Series
125 Watt (Enclosed) AC/DC Converter
ENCLOSED SWITCHING POWER SUPPLY
UNIVERSAL INPUT RANGE 90…264 VAC,
47…63HZ OR 120…370VDC
ULTRA COMPACT SIZE
3000 VAC INPUT-OUTPUT ISOLATION
REGULATED OUTPUT
125W WITH 18CFM FAN
EFFICIENCY UP TO 75%
PFC FUNCTION
ELECTRICAL SPECIFICATIONS
All specifications valid at nominal Input voltage, full load and +25°C after warm-up time unless otherwise stated.
Specifications are subject to change without notification.
Model No. (Single Output)
AME125-3.3S
AME125-5S
AME125-12S
AME125-15S
AME125-24S
AME125-48S
Max. Output Wattage (Convection)
52W
80W
95W
95W
95W
95W
Max. Output Wattage (18CFM Fan)
82.5W
125W
120W
125W
125W
125W
Voltage
90-260 VAC or 120-370 VDC
Frequency (Hz)
47-63 Hz
Input
Current (Full Load)
3A Max. (115VAC) / 1.5A Max. (230VAC)
Inrush Current (<2ms)
30A Max. (115VAC) / 60A Max. (230VAC)
Leakage Current
3.5mA max.
Power Factor
PF>0.97 (115VAC) / PF>0.93 (230 VAC) at Full Load
Voltage (VDC)
3.3V
5V
12V
15V
24V
48V
Voltage Accuracy
±2%
Max. Current (Convection)
16A
16A
7.9A
6.33A
3.95A
1.98A
Max. Current (18CFM Fan)
25A
25A
10.4A
8.33A
5.2A
2.6A
Line Regulation (LL-HL) (typ.)
±1%
Output
Load Regulation (5-100%) (typ.)
±1%
Minimum Load
0%
Maximum Capacitive Load
470-23,000μF Depending on model.
Ripple & Noise
100mV max.
1% max.
Efficiency
68%
70%
75%
75%
75%
75%
Hold-up Time
18ms min.
Switching Frequency
67kHz
Over Power Protection
Auto Recovery
Protection
Over Voltage Protection
Auto Recovery
Short Circuit Protection
Auto Recovery
Input-Output (VAC)
3000V
Isolation
Input-FG (VAC)
1500V
Output-FG (VAC)
500V
Operating Temperature (Conv)
-25°C ... +40°C (without derating)
Operating Temperature (Fan)
-25°C ... +50°C (without derating)
Environment Storage Temperature
-40°C ... +85°C
Temperature Coefficient
0.02% / °C (0...50°C)
Humidity
95% RH
MTBF
> 100,000 hrs @ 25°C (MIL-HDBK-217F)
Physical
Dimensions (LxWxH)
5.00 x 3.24 x 1.50 Inches (127.0 x 82.2 x 38.1mm) Tolerance ±0.5mm
Weight
470g
Cooling Method
Free Air Convection / 18CFM Forced Air
EMC
EMI (Conducted & Radiated Emission)
EN55022 Class B
EMS (Noise Immunity)
EN55024


Número de pieza similar - AME125-12S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AME1-12SAZ AIMTEC-AME1-12SAZ Datasheet
444Kb / 3P
   AC-DC Converter
AME1-12SAZ AIMTEC-AME1-12SAZ Datasheet
178Kb / 3P
   Over load, Short Circuit Protection
AME1-12SAZ AIMTEC-AME1-12SAZ Datasheet
163Kb / 3P
   1Watt | AC-DC Converter
AME1-12SBAZ AIMTEC-AME1-12SBAZ Datasheet
444Kb / 3P
   AC-DC Converter
AME1-12SBAZ AIMTEC-AME1-12SBAZ Datasheet
163Kb / 3P
   1Watt | AC-DC Converter
More results

Descripción similar - AME125-12S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AMEO125 AIMTEC-AMEO125 Datasheet
280Kb / 2P
   125 Watt (Open Frame) AC/DC Converter
AMED125 AIMTEC-AMED125 Datasheet
316Kb / 2P
   125 Watt (Din Rail) AC/DC Converter
AMEOF5-JZ AIMTEC-AMEOF5-JZ Datasheet
210Kb / 3P
   5 Watt | AC-DC Converter
AME30-MAZ AIMTEC-AME30-MAZ Datasheet
1Mb / 3P
   30 Watt | AC-DC Converter
AMEL10-AZ AIMTEC-AMEL10-AZ Datasheet
330Kb / 3P
   10 Watt | AC-DC Converter
AMEC15-MAZ AIMTEC-AMEC15-MAZ Datasheet
585Kb / 5P
   15 Watt | AC-DC Converter
AME15-MAZ AIMTEC-AME15-MAZ Datasheet
287Kb / 4P
   15 Watt | AC-DC Converter
AMEC30-MAZ AIMTEC-AMEC30-MAZ_1 Datasheet
604Kb / 4P
   30 Watt | AC/DC Converter
logo
ETA-USA
MRM-SA ETA-USA-MRM-SA Datasheet
489Kb / 4P
   15 WATT AC-DC CONVERTER
WRA-00X ETA-USA-WRA-00X Datasheet
938Kb / 6P
   25 WATT AC-DC CONVERTER
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com