Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME30-15D Datasheet(PDF) 2 Page - AIMTEC

No. de pieza AME30-15D
Descripción Electrónicos  30 watt encapsulated ac-dc converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AME30-15D Datasheet(HTML) 2 Page - AIMTEC

  AME30-15D Datasheet HTML 1Page - AIMTEC AME30-15D Datasheet HTML 2Page - AIMTEC AME30-15D Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
103
VISIT US AT WWW.AIMTEC.CA
Continued on next page
AME30 Series
30 watt encapsulated ac-dc converter
Note:
1. The triple output required a minimum 20% loading on the ouput to maintain specified regulation. Operation under no-load condition
will not damage these devices, however they may not meet all listed specifications.
2. Load regulation for triple output:
Main output (V1): 20% to 100% with 20% to 100% balanced on auxiliaries.
Auxiliary outputs (V2 abd V3): 20% to 100% balanced on all outputs.
3. Cross regulation for triple output:
Main output 100% load, auxiliary 100%, other auxiliary 25% to 100%.
Auxiliary outputs (V2 and V3): Main output 100% load, auxiliary 100%, other auxiliary 25% to 100% or main output 25%, auxiliary 25%,
other auxiliary 25% to 100%
ELECTRICAL SPECIFICATIONS
All specifications valid at nominal Input voltage, full load and +25°C after warm-up time unless otherwise stated.
Specifications are subject to change without notification
Model No. (Dual & Triple Output)
AME30-5D AME30-12D AME30-15D AME30-5S12S AME30-512T AME30-515T
Max output wattage (W)
30W
30W
30W
30W
30W
30W
Voltage
90 ... 260 VAC or 120 ... 370 VDC
Frequency (Hz)
47 ... 440 Hz
Current (Full Load)
520mA max. (115 VAC) / 320mA max. (230 VAC)
Input
Inrush Current (<2ms)
10 A max. (115 VAC) / 20 A max. (230VAC)
Leakage Current
0.75mA max.
External Fuse (recommended)
1.5 A slow blow type
Voltage (VDC)
±5V
±12V
±15V
5/12V
5/±12V
5/±15V
Voltage Accuracy
±2%
Current (mA) max.
±3000
±1250
±1000
3000/1250 3000/±630 3000/±500
Line Regulation (typ.)
±1%
±1%
±1%
±1%/±5% ±1%/±5% ±1%/±5%
Load Regulation (typ.)
±3%
±3%
±3%
±3%/±6% ±2%/±6% ±2%/±6%
Output
Minimum Load
2%
3%
1%
20%
20%
20%
Maximum Capacitive Load
470-23,000m F depending on model
Noise
<0.5% Vout +50mV max (Vp-p)
Ripple
<0.2% Vout +40mV max (Vp-p)
Efficiency
80%
84%
84%
80%
80%
80%
Hold-up Time
15 ms min.
Switching Frequency
100 kHz
Over Current Protection
Hiccup technique, auto-recovery
Protection
Over Voltage Protection
Zener diode clamp
Short Circuit Protection
Hiccup mode, indefinite (automatic recovery)
Isolation
Input-Output (VAC)
3000V
Operating Temperature
-25°C ... +71°C
Storage Temperature
-40°C ... +85°C
Environment Temperature Coefficient
0.02% / °C
Humidity
95% RH
MTBF
>190,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
3.5 x 2.5 x 0.98 inches (89.0 x 63.5 x 25.0 mm)
Case Material
Plastic resin + Fiberglass (flammability to UL 94V-0)
Physical
Weight
220g
Cooling Method
Free air convection
Safety
Agency Approvals
cUL, CE
EMI (Conducted & Radiated Emission)
EN 55022 class B
EMC
EMS (Noise Immunity)
EN 55024


Número de pieza similar - AME30-15D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AME30-15DMAZ AIMTEC-AME30-15DMAZ Datasheet
1Mb / 3P
   30 Watt | AC-DC Converter
AME30-15DMAZ AIMTEC-AME30-15DMAZ Datasheet
749Kb / 3P
   30 Watt | AC-DC Converter
AME30-15DMAZ AIMTEC-AME30-15DMAZ Datasheet
391Kb / 3P
   30 Watt | AC-DC / DC-DC Converter
AME30-15DMAZ AIMTEC-AME30-15DMAZ Datasheet
298Kb / 4P
   30 Watt | AC-DC / DC-DC Converter
AME30-15DMAZ AIMTEC-AME30-15DMAZ Datasheet
298Kb / 4P
   30 Watt | AC-DC / DC-DC Converter
More results

Descripción similar - AME30-15D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AME10 AIMTEC-AME10 Datasheet
364Kb / 3P
   10 watt encapsulated ac-dc converter
AME15 AIMTEC-AME15 Datasheet
401Kb / 3P
   15 watt encapsulated ac-dc converter
AMEL05 AIMTEC-AMEL05 Datasheet
307Kb / 2P
   5 watt encapsulated ac-dc converter
AME05 AIMTEC-AME05 Datasheet
364Kb / 3P
   5 watt encapsulated ac-dc converter
AMEL10 AIMTEC-AMEL10 Datasheet
300Kb / 2P
   10 watt encapsulated ac-dc converter
AMEC30-MAZ AIMTEC-AMEC30-MAZ Datasheet
514Kb / 5P
   30 Watt | AC/DC Converter
AMEOS30-MAZ AIMTEC-AMEOS30-MAZ Datasheet
388Kb / 5P
   30 Watt | AC/DC Converter
logo
ETA-USA
ERT-FWB ETA-USA-ERT-FWB Datasheet
482Kb / 3P
   30 WATT AC-DC CONVERTER
WRT05SX-U ETA-USA-WRT05SX-U Datasheet
476Kb / 4P
   30 WATT AC-DC CONVERTER
logo
AIMTEC
AME30-MAZ AIMTEC-AME30-MAZ Datasheet
1Mb / 3P
   30 Watt | AC-DC Converter
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com