Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADM1062ACP Datasheet(PDF) 9 Page - Analog Devices |
|
ADM1062ACP Datasheet(HTML) 9 Page - Analog Devices |
9 / 32 page Preliminary Technical Data ADM1062 Rev. PrJ | Page 9 of 32 ABSOLUTE MAXIMUM RATINGS Table 3. Parameter Rating Voltage on VH Pin 17 V Voltage on VP Pins 7 V Voltage on Any Other Input −0.3 V to +6.5 V Input Current at any pin ±5 mA Package Input Current ±20 mA Maximum Junction Temperature (TJmax) 150°C Storage Temperature Range −65°C to +150°C Lead Temperature, Soldering Vapor Phase, 60 s 215°C ESD Rating all pins 2000 V Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. THERMAL CHARACTERISTICS 40-pin LFCSP Package: θJA = TBD°C/W ESD CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. |
Número de pieza similar - ADM1062ACP |
|
Descripción similar - ADM1062ACP |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |