Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD239 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

No. de pieza BD239
Descripción Electrónicos  NPN SILICON POWER TRANSISTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BOURNS [Bourns Electronic Solutions]
Página de inicio  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

BD239 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  BD239 Datasheet HTML 1Page - Bourns Electronic Solutions BD239 Datasheet HTML 2Page - Bourns Electronic Solutions BD239 Datasheet HTML 3Page - Bourns Electronic Solutions BD239 Datasheet HTML 4Page - Bourns Electronic Solutions BD239 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BD239, BD239A, BD239B, BD239C
NPN SILICON POWER TRANSISTORS
P R O D UCT
INFORMA TION
1
JUNE 1973 - REVISED SEPTEMBER 2002
Specifications are subject to change without notice.
Designed for Complementary Use with the
BD240 Series
30 W at 25°C Case Temperature
2 A Continuous Collector Current
4 A Peak Collector Current
Customer-Specified Selections Available
absolute maximum ratings at 25°C case temperature (unless otherwise noted)
NOTES: 1. This value applies for tp ≤ 0.3 ms, duty cycle ≤ 10%.
2. Derate linearly to 150°C case temperature at the rate of 0.24 W/°C.
3. Derate linearly to 150°C free air temperature at the rate of 16 mW/°C.
4. This rating is based on the capability of the transistor to operate safely in a circuit of: L = 20 mH, IB(on) = 0.4 A, RBE = 100 Ω,
VBE(off) = 0, RS = 0.1 Ω, VCC = 20 V.
RATING
SYMBOL
VALUE
UNIT
Collector-emitter voltage (RBE = 100 Ω)
BD239
BD239A
BD239B
BD239C
VCER
55
70
90
115
V
Collector-emitter voltage (IC = 30 mA)
BD239
BD239A
BD239B
BD239C
VCEO
45
60
80
100
V
Emitter-base voltage
VEBO
5V
Continuous collector current
IC
2A
Peak collector current (see Note 1)
ICM
4A
Continuous base current
IB
0.6
A
Continuous device dissipation at (or below) 25°C case temperature (see Note 2)
Ptot
30
W
Continuous device dissipation at (or below) 25°C free air temperature (see Note 3)
Ptot
2W
Unclamped inductive load energy (see Note 4)
½LIC2
32
mJ
Operating junction temperature range
Tj
-65 to +150
°C
Storage temperature range
Tstg
-65 to +150
°C
Lead temperature 3.2 mm from case for 10 seconds
TL
250
°C
B
C
E
TO-220 PACKAGE
(TOP VIEW)
Pin 2 is in electrical contact with the mounting base.
MDTRACA
1
2
3


Número de pieza similar - BD239

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Power Innovations Ltd
BD239 POINN-BD239 Datasheet
86Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Fairchild Semiconductor
BD239 FAIRCHILD-BD239 Datasheet
27Kb / 3P
   Medium Power Linear and Switching Applications
logo
Savantic, Inc.
BD239 SAVANTIC-BD239 Datasheet
90Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BD239 ISC-BD239 Datasheet
132Kb / 3P
   Silicon NPN Power Transistors
logo
Comset Semiconductor
BD239 COMSET-BD239 Datasheet
103Kb / 3P
   MEDIUM POWER LINEAR AND SWITCHING APPLICATIONS
More results

Descripción similar - BD239

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com