Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDMR-12TR Datasheet(PDF) 1 Page - Bourns Electronic Solutions

No. de pieza SDMR-12TR
Descripción Electrónicos  Surface Mount DIP Switch
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BOURNS [Bourns Electronic Solutions]
Página de inicio  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SDMR-12TR Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SDMR-12TR Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
SDM Series Surface Mount DIP Switch
Features
Double contacts
Low contact resistance
Self-clean on contact area
Vapor phase solderable, IR-reflow solderable
Terminal plating by gold gives excellent
results when soldering
RoHS compliant*
Electrical Characteristics
Electrical Life ............2,000 operations min.
per switch, 24 VDC, 25 mA
Non-Switching Rating ......100 mA, 50 VDC
Switching Rating ................25 mA, 24 VDC
Contact Resistance (@ current 100mA)
........................50 milliohms max. at initial
100 milliohms max. after life test
Insulation Resistance
........100 megohms min. at 500 ±15 VDC
Dielectric Strength ............500 VDC/minute
Capacitance ..................5 pF max. between
adjacent closed switch
Circuit ....................Single pole single throw
Environmental Characteristics
Mechanical Life ..2,000 operations per switch
Operation Force ......................1000 gf max.
Stroke ..............................................1.0 mm
Operating Temp. Range ....-20 °C to +70 °C
Storage Temperature ........-40 °C to +85 °C
Vibration Test ......................MIL-STD-202F,
Method 201A
Frequency ..............10-55-10 Hz/1 minute
Directions ................X,Y,Z, three mutually
perpendicular directions
Time......................2 hours each direction.
High reliability
Shock Test ..........................MIL-STD-202F,
Method 213B, Condition A
Gravity ..........50 G (peak value), 11 msec
Direction & Times....................6 sides and
3 times in each direction.
High reliability
Physical Characteristics
Base and Cover Materials
..UL94V-0 PPS plus glass fiber reinforced
Color ................................................Black
Actuator Materials ..............................Nylon
plus glass fiber reinforced
Color ................................................White
Contact Materials ....................Alloy copper
Terminal Materials ..............................Brass
Contact Plating Materials ....3 micro inches
gold plating over 40 micro inches nickel
Terminal Plating Materials ....................Gold
Soldering Process ............Vapor phase and
IR-reflow soldering can be applied
Standard Packaging
......IC tubes/all poles in the “off” position
How to Order
SDM R - 2 - T R
Model
Actuator
• X = Raised Actuator
• R = Recessed Actuator
Number of Positions
• 1 = 1 Position
• 7 = 7 Positions
• 2 = 2 Positions
• 8 = 8 Positions
• 3 = 3 Positions
• 9 = 9 Positions
• 4 = 4 Positions
• 10 = 10 Positions
• 5 = 5 Positions
• 12 = 12 Positions
• 6 = 6 Positions
Seal
• X = Standard (Not Sealed)
• T = Top Tape Sealed (“R” Actuator only)
Packaging Option
(Top Sealed, Recessed only)
• R = Tape and Reel Packaging
(900 pcs./reel)
B±0.10=2.54X(P-1)
(B±.004=.10X(P-1))
SDM Series
A + 0.2 / - 0
(A + .008/-0)
0.50
(.020)
2.0
(.079)
6.20 + 0.2 / -0
(.244 = .008/-0)
B
1.74
(.069)
2.54
(.100)
TYP.
3.0 + 0.10 / -0
(.118 + .004/-0)
0.70
(.028)
MIN.
7.62 ± 0.25
(.300 ± .010)
9.80 ± 0.3
(.386 ± .012)
0.7 ± 0.2
(.028 ± .088)
0°~4°
1.0
(.039)
0.70
(.028)
RECOMMENDED PCB LAYOUT
SDMR SERIES
SDMX SERIES
7.40
(.291)
10.4
(.409)
2.54
(.100)
TYP.
1.1
(.043)
SCHEMATIC (TYP.)
1,2,3,4,5,6,7,8,9,10 POSITIONS AVAILABLE
MODEL NO.
POSITIONS
DIM. A
DIM. B
SDM-12
12
31.42
27.94
SDM-10
10
26.34
22.86
SDM-8
8
21.26
17.78
SDM-6
6
16.18
12.70
SDM-4
4
11.10
7.62
SDM-2
2
6.02
2.54
SCHEMATIC (TYP.)
1,2,3,4,5,6,7,8,9,10,12 POSITIONS AVAILABLE
2.00 ± 0.25
(.079 ± .010)
DIA.
DIA.
1.55 ± 0.05
(.061 ± .002)
16.00 ± 0.1
(.630 ± .004)
4.00 ± 0.1
(.157 ± .004)
2.00 ± 0.15
(.079 ± .006)
POLE
TAPE SIZE (W)
2,3
16 mm
4,5,6
24 mm
7,8
32 mm
9,10,12
44 mm
Packaging Specifications
Product Dimensions
DIMENSIONS:
MM
(IN)
Reflow Soldering Profile
Time (Seconds)
275
30-40 Sec.
120 °C
225
175
125
75
25
0
20
40
60
80
100 120 140 160 180 200
80-90 Sec.
10-15
Sec.
35-60
Sec.
180 °C
240 °C
REV. 02/06
The SDM Series is currently available,
although not recommended for new
designs.


Número de pieza similar - SDMR-12TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bourns Electronic Solut...
SDMR-4-T BOURNS-SDMR-4-T Datasheet
1Mb / 6P
   BOURNS OFFERS OVER 35 ASSORTED KITS
More results

Descripción similar - SDMR-12TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
CTS Corporation
219-3MSTR CTS-219-3MSTR Datasheet
289Kb / 2P
   Surface Mount DIP Switch Auto Placeable
219-6MST CTS-219-6MST Datasheet
289Kb / 2P
   Surface Mount DIP Switch ??Auto Placeable
219 CTS-219 Datasheet
94Kb / 2P
   Surface mount DIP Switch-Auto Placeable
219-8LPST CTS-219-8LPST Datasheet
289Kb / 2P
   Surface Mount DIP Switch ??Auto Placeable
219-5LPST CTS-219-5LPST Datasheet
289Kb / 2P
   Surface Mount DIP Switch ??Auto Placeable
219-4LPST CTS-219-4LPST Datasheet
289Kb / 2P
   Surface Mount DIP Switch ??Auto Placeable
219-6LPST CTS-219-6LPST Datasheet
289Kb / 2P
   Surface Mount DIP Switch ??Auto Placeable
logo
Grayhill, Inc
97C06SRTRT GRAYHILL-97C06SRTRT Datasheet
351Kb / 1P
   Surface Mount DIP Switches
90HBW02PRT GRAYHILL-90HBW02PRT Datasheet
445Kb / 2P
   Surface Mount DIP Switches
90HBW04PT GRAYHILL-90HBW04PT Datasheet
56Kb / 2P
   Surface Mount DIP Switches
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com