Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM5TW-2424D-N Datasheet(PDF) 2 Page - AIMTEC

No. de pieza AM5TW-2424D-N
Descripción Electrónicos  5 watt dc-dc converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AM5TW-2424D-N Datasheet(HTML) 2 Page - AIMTEC

  AM5TW-2424D-N Datasheet HTML 1Page - AIMTEC AM5TW-2424D-N Datasheet HTML 2Page - AIMTEC AM5TW-2424D-N Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TO ORDER CALL 1-888-9-AIMTEC
AM5TW-N Series
MODELS
Single Output
Models
Input Voltage
Output Voltage
Max. Output Current
9 - 36VDC
18 - 72VDC
AM5TW-2403S-N
AM5TW-2405S-N
AM5TW-2412S-N
AM5TW-2415S-N
AM5TW-2424S-N
AM5TW-4803S-N
AM5TW-4805S-N
AM5TW-4812S-N
AM5TW-4815S-N
AM5TW-4824S-N
3.3VDC
5VDC
12VDC
15VDC
24VDC
3.3VDC
5VDC
12VDC
15VDC
24VDC
1200mA
1000mA
420mA
330mA
200mA
1200mA
1000mA
420mA
330mA
200mA
MODELS
Dual Output
Models
Input Voltage
Output Voltage
Max. Output Current
9 - 36VDC
18 - 72VDC
AM5TW-2405D-N
AM5TW-2412D-N
AM5TW-2415D-N
AM5TW-2424D-N
AM5TW-4805D-N
AM5TW-4812D-N
AM5TW-4815D-N
AM5TW-4824D-N
OUTLINE DIMENSIONS & PIN CONNECTIONS
Note: All Pins on a 2.54mm pitch; All Pin diameters are 0.50 mm (Tolerance:±0.25);
All dimensions in mm.
±5VDC
±12VDC
±15VDC
±24VDC
±5VDC
±12VDC
±15VDC
±24VDC
±500mA
±210mA
±165mA
±100mA
±500mA
±210mA
±165mA
±100mA
Pin
Single
Dual
1
Omitted
Omitted
2
-V Input
-V Input
3
-V Input
-V Input
9
Omitted
Common
10
Omitted
Omitted
11
N.C.
-V Output
12/13
Omitted
Omitted
14
+V Output
+V Output
15
Omitted
Omitted
16
-V Output
Common
22
+V Input
+V Input
23
+V Input
+V Input
24
Omitted
Omitted
Continued on next page


Número de pieza similar - AM5TW-2424D-N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AM5TW-2424D-RZ AIMTEC-AM5TW-2424D-RZ Datasheet
412Kb / 3P
   5 Watt | DC-DC Converter
AM5TW-2424D-RZ AIMTEC-AM5TW-2424D-RZ Datasheet
248Kb / 3P
   5 Watt | DC-DC Converter
More results

Descripción similar - AM5TW-2424D-N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AM5TW AIMTEC-AM5TW Datasheet
261Kb / 2P
   5 watt dc-dc converters
logo
List of Unclassifed Man...
AM5TW ETC-AM5TW Datasheet
466Kb / 2P
   5 WATT DC-DC CONVERTERS
logo
AIMTEC
AM5TW-C AIMTEC-AM5TW-C Datasheet
311Kb / 2P
   5 watt dc-dc converters
AM5T AIMTEC-AM5T Datasheet
279Kb / 3P
   5 watt dc-dc converters
AM5T-N AIMTEC-AM5T-N Datasheet
295Kb / 3P
   5 watt dc-dc converters
logo
Wall Industries,Inc.
DCMUA WALL-DCMUA Datasheet
279Kb / 5P
   5 Watt DC/DC Power Converters
logo
CINCON ELECTRONICS Corp...
EC4AW-H6 CINCON-EC4AW-H6 Datasheet
132Kb / 2P
   5-6 WATT DC-DC CONVERTERS
logo
TRACO Electronic AG
TES5 TRACOPOWER-TES5 Datasheet
207Kb / 3P
   DC/DC Converters TES 5 Series, 5 Watt
Rev. September 16, 2022
logo
Wall Industries,Inc.
DCHAA WALL-DCHAA_16 Datasheet
402Kb / 4P
   5~6 Watt DC/DC Power Converters
DCHAA WALL-DCHAA Datasheet
401Kb / 4P
   5~6 Watt DC/DC Power Converters
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com