Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM6TW-2424S Datasheet(PDF) 1 Page - AIMTEC

No. de pieza AM6TW-2424S
Descripción Electrónicos  6 watt dc-dc converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AM6TW-2424S Datasheet(HTML) 1 Page - AIMTEC

  AM6TW-2424S Datasheet HTML 1Page - AIMTEC AM6TW-2424S Datasheet HTML 2Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
68
TO ORDER CALL 1-888-9-AIMTEC
AM6TW Series
6 watt dc-dc converters
24-PIN DIP PACKAGE
LOW PROFILE METAL PACKAGE
HIGH EFFICIENCY UP TO 79%
WIDE 4:1 INPUT RANGE
INPUT/OUTPUT ISOLATION: 1500VDC & 3500VDC
OPERATING TEMPERATURE: -40°C ... +85°C
PIN-COMPATIBLE WITH MULTIPLE MANUFACTURERS
CONTINUOUS SHORT CIRCUIT PROTECTION
GENERAL DESCRIPTION
ELECTRICAL SPECIFICATIONS
Specifications typical at +25ºC, nominal input voltage, rated output current unless otherwise specified
Our AM6TW series is a family of cost effective 6W sin-
gle and dual output DC-DC converters. These converters
combine a nickel-coated copper package in a 24-pin DIP
compatible case with high performance features such as
1500VDC & 3500VDC input/output isolation voltage,
continuous short circuit protection with automatic restart
and tight line / load regulation. Wide range devices oper-
ate over 4:1 input voltage range providing stable output
voltage. Devices are encapsulated using flame retardant
resin. Input voltages of 24 & 48VDC with output volt-
ages of 3.3, 5, 7.2, 9, 12, 15, 18, 24, ±3.3, ±5, ±7.2, ±9,
±12, ±15, ±18 & ±24VDC. High performance features
include high efficiency operation up to 79% and output
voltage accuracy of ±1% maximum.
MTBF: > 1,003,000 hrs (MIL-HDBK-217F,
Ground Benign, t=+25ºC)
Specifications are subject to change without notification
Isolation Specifications:
Rated voltage
1500 & 3500VDC
Resistance
> 1000 MOhm
Capacitance
80pF, typ.
Output Specifications:
Voltage accuracy
±1% max.
Voltage balance (dual outputs) ±1%
Ripple & Noise (at 20MHz BW) 60m V p-p, max.
Short circuit protection
Continuous
Short circuit restart
Automatic
Line voltage regulation
±0.5%, max.
Load voltage regulation
±0.5%, max.
Temperature Coefficient
±0.2%/°C, typ.
Input Specifications:
Voltage range
24VDC, 9~36VDC
48VDC, 18~72VDC
Filter
p
(Pi) Network
General Specifications:
Efficiency
75% to 79%
Switching Frequency
250KHz, typ. 100% load
Physical Specifications:
Dimensions
31.75x20.32x10.16 mm
1.25x0.80x0.40 inches
Weight
26 g
Case material
Nickel-Coated Copper
Environmental Specifications:
Operating temperature (ambient) -40ºC ... +85ºC
Storage temperature
-55ºC ... +125ºC
Case temperature
+100ºC, max.
Derating
None required
Humidity (non-condensing)
Up to 90%
Cooling
Free-air Convection
OUTLINE DIMENSIONS
& PIN CONNECTIONS
Pin
1500VDC
Single
Dual
+V Input
N.C.
N.C.
Omitted
-V Output
+V Output
-V Input
+V Output
-V Output
Omitted
N.C.
N.C.
+V Input
+V Input
-V Output
Common
Omitted
Common
+V Output
-V Input
+V Output
Common
Omitted
Common
-V Output
+V Input
Omitted
-V Input
-V Input
N.C.
Omitted
N.C.
Omitted
+ V Output
Omitted
-V Output
+V Input
+V Input
Omitted
Omitted
-V Input
-V Input
Common
Omitted
-V Output
Omitted
+ V Output
Omitted
Common
+V Input
+V Input
Omitted
1
2
3
9
10
11
12/13
14
15
16
22
23
24
3500VDC
Single
Dual


Número de pieza similar - AM6TW-2424S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AM6TW-2424S-N AIMTEC-AM6TW-2424S-N Datasheet
310Kb / 3P
   6 watt dc-dc converters
AM6TW-2424S-NZ AIMTEC-AM6TW-2424S-NZ Datasheet
259Kb / 5P
   Very low no load power consumption of 0.12W
AM6TW-2424S-RZ AIMTEC-AM6TW-2424S-RZ Datasheet
426Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-2424S-RZ AIMTEC-AM6TW-2424S-RZ Datasheet
258Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-2424SH35Z AIMTEC-AM6TW-2424SH35Z Datasheet
490Kb / 5P
   6 Watt | DC-DC Converter
More results

Descripción similar - AM6TW-2424S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AM6TW-N AIMTEC-AM6TW-N Datasheet
310Kb / 3P
   6 watt dc-dc converters
AM6T AIMTEC-AM6T Datasheet
279Kb / 3P
   6 watt dc-dc converters
AM6T-N AIMTEC-AM6T-N Datasheet
195Kb / 3P
   6 watt dc-dc converters
logo
Power-One
IMO POWER-ONE-IMO Datasheet
107Kb / 2P
   6 Watt DC-DC Converters
logo
List of Unclassifed Man...
AM6T ETC1-AM6T Datasheet
527Kb / 3P
   6 watt dc-dc converters
logo
Wall Industries,Inc.
DCPDLW06 WALL-DCPDLW06 Datasheet
887Kb / 6P
   6 Watt DC/DC Power Converters
DCPDLW06 WALL-DCPDLW06_16 Datasheet
824Kb / 6P
   6 Watt DC/DC Power Converters
logo
CINCON ELECTRONICS Corp...
EC4AW-H6 CINCON-EC4AW-H6 Datasheet
132Kb / 2P
   5-6 WATT DC-DC CONVERTERS
logo
Wall Industries,Inc.
ELANC WALL-ELANC Datasheet
103Kb / 4P
   6 Watt DC/DC Power Converters
DCPDL06 WALL-DCPDL06_16 Datasheet
826Kb / 7P
   6 Watt DC/DC Power Converters
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com