Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

PHA2UOAG001A Datasheet(PDF) 3 Page - ITT Industries

No. de Pieza. PHA2UOAG001A
Descripción  Short Stroke Pushbutton Switches
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo 

PHA2UOAG001A Datasheet(HTML) 3 Page - ITT Industries

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
A-80
Dimensions are shown: IN (mm)
Dimensions subject to change
www.ittcannon.com
C&K PHA Series
Short Stroke Pushbutton Switches
DESIGNATION
CONTACT ARRANGEMENT
MECHANICAL FUNCTION
Third Angle
Projection
A
PC MOUNTING
6U 6 CHANGEOVERS
Momentary
Push-push
OA
EE
FUNCTION
OPTION CODE
2X
3X
2PDT
4PDT
6PDT
2U
4U
6U
SCHEMATIC
NO. OF POLES *
OPTION CODE
*Non-shorting contacts.


Html Pages

1  2  3  4 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn