Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


BC856AT Datasheet(Hoja de datos) 6 Page - NXP Semiconductors

No. de Pieza. BC856AT
Descripción  PNP general purpose transistors
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo 

   
 6 page
background image
1999 Apr 26
6
Philips Semiconductors
Product specification
PNP general purpose transistors
BC856T; BC857T
PACKAGE OUTLINE
UNIT
A1
max
bp
cD
E
e1
HE
Lp
Qw
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
0.1
0.30
0.15
0.25
0.10
1.8
1.4
0.9
0.7
0.5
e
1
1.75
1.45
0.2
v
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
0.23
0.13
SOT416
SC-75
w M
bp
D
e1
e
A
A1
Lp
Q
detail X
HE
E
A
B
B
v M A
0
0.5
1 mm
scale
A
0.95
0.60
c
X
12
3
Plastic surface mounted package; 3 leads
SOT416
97-02-28




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
2N4403General Purpose Transistors PNP Silicon 1 2 3 4 5 MoreWeitron Technology
MMBT2907ATPNP General Purpose Transistors 1 2 3 4 5 Weitron Technology
S9015PNP General Purpose Transistors 1 2 3 4 Weitron Technology
2SA1020PNP General Purpose Transistors 1 2 3 4 5 Weitron Technology
MMBT2907AWPNP General Purpose Transistors 1 2 3 4 5 MoreWeitron Technology
BCX71PNP general purpose transistors 1 2 3 4 5 MoreNXP Semiconductors
L8550LT1General Purpose Transistors PNP Silicon 1 2 3 Leshan Radio Company
2SA1036KPNP General Purpose Transistors 1 2 3 4 Weitron Technology
BC307PNP general purpose transistors 1 2 3 4 5 MoreNXP Semiconductors
BCY70PNP general purpose transistors 1 2 3 4 5 MoreNXP Semiconductors

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl