Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA4UEEAAGPNTABBLK Datasheet(PDF) 2 Page - E-SWITCH

No. de pieza TA4UEEAAGPNTABBLK
Descripción Electrónicos  PUSHBUTTON SWITCHES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  E-SWITCH [E-SWITCH]
Página de inicio  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

TA4UEEAAGPNTABBLK Datasheet(HTML) 2 Page - E-SWITCH

  TA4UEEAAGPNTABBLK Datasheet HTML 1Page - E-SWITCH TA4UEEAAGPNTABBLK Datasheet HTML 2Page - E-SWITCH TA4UEEAAGPNTABBLK Datasheet HTML 3Page - E-SWITCH TA4UEEAAGPNTABBLK Datasheet HTML 4Page - E-SWITCH TA4UEEAAGPNTABBLK Datasheet HTML 5Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SERIES TA/LT
119
Phone: 612-504-3525
Fax: 612-531-8235
www.e-switch.com info@e-switch.com
PUSHBUTTON SWITCHES
TERMINATION OPTIONS
MODULE SCHEMATICS
CIRCUIT OPTIONS
TOP
SIDE
BOTTOM
(TA) STANDARD OPERATING FORCE
(LT) LIGHT TOUCH OPERATING FORCE
2PDT
42.15
4PDT
54.15
6PDT
66.15
8PDT
78.15
10PDT
90.15
16PDT
126.15
POLE DIMENSIONS
TA2UEE A
2U = DPDT
4U = 4PDT
6U = 6PDT
8U = 8PDT
10U = 10PDT
16U = 16PDT
TRAVEL
4.8
T R AV E LTO LOCK
3.3
TOLERANCE
±0.2MM
2PDT
≤700 grams
4PDT
≤700 grams
6PDT
≤1000 grams
8PDT
≤1000 grams
10PDT
≤1200 grams
16PDT
≤1200 grams
PLATING
MATERIAL
TIMING
AG = Silver
P = Polycarbonate UL94HB
N = (BBM) Non-Shorting
AU = Gold
V = Valox UL94VO
S = (MBB) Shorting
2PDT
≤250 grams
4PDT
≤400 grams
6PDT
≤650 grams
Y
TA4UEE A
Y
PLATING, MATERIAL & TIMING OPTIONS
*Retentive (Snap In) pins available;
please contact E-Switch for specifications.
OPERATING FORCE OPTIONS
RETENTIVE PIN OPTION


Número de pieza similar - TA4UEEAAGPNTABBLK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TiMOTION Technology Co....
TA4 TIMOTION-TA4 Datasheet
951Kb / 11P
   Max. load 3,500N (push); 2,000N (pull)
20210521-Q
logo
Kingbright Corporation
TA40-11EWA KINGBRIGHT-TA40-11EWA Datasheet
231Kb / 6P
   The High Efficiency Red Source color Devices
TA40-11GWA KINGBRIGHT-TA40-11GWA Datasheet
231Kb / 6P
   The High Efficiency Red Source color Devices
TA40-11GWA KINGBRIGHT-TA40-11GWA Datasheet
218Kb / 4P
   101.6mm (4.0 INCH) 5x7 DOT MATRIX DISPLAY
TA40-11SRWA KINGBRIGHT-TA40-11SRWA Datasheet
231Kb / 6P
   The High Efficiency Red Source color Devices
More results

Descripción similar - TA4UEEAAGPNTABBLK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
   Pushbutton Switches
logo
Copal Electronics
MSP COPAL-MSP Datasheet
607Kb / 1P
   Pushbutton Switches
logo
E-SWITCH
5500 E-SWITCH-5500 Datasheet
288Kb / 3P
   PUSHBUTTON SWITCHES
LC1257EENP E-SWITCH-LC1257EENP Datasheet
287Kb / 3P
   PUSHBUTTON SWITCHES
logo
Copal Electronics
FP_SERIES COPAL-FP_SERIES Datasheet
765Kb / 3P
   Pushbutton Switches
logo
C&K Components
F CK-COMPONENTS-F Datasheet
1Mb / 9P
   Pushbutton Switches
29 may 19
PS-12G CK-COMPONENTS-PS-12G_V01 Datasheet
888Kb / 8P
   Pushbutton Switches
28 Nov 22
logo
E-SWITCH
5500 E-SWITCH-5500_1 Datasheet
323Kb / 3P
   PUSHBUTTON SWITCHES
700A E-SWITCH-700A Datasheet
570Kb / 3P
   PUSHBUTTON SWITCHES
logo
C&K Components
SF4UEE CK-COMPONENTS-SF4UEE Datasheet
440Kb / 10P
   Pushbutton Switches
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com