Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMC1210IRHAR Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No. de pieza AMC1210IRHAR
Descripción Electrónicos  Quad Digital Filter for 2nd-Order Delta-Sigma Modulator
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

AMC1210IRHAR Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button AMC1210IRHAR Datasheet HTML 7Page - Burr-Brown (TI) AMC1210IRHAR Datasheet HTML 8Page - Burr-Brown (TI) AMC1210IRHAR Datasheet HTML 9Page - Burr-Brown (TI) AMC1210IRHAR Datasheet HTML 10Page - Burr-Brown (TI) AMC1210IRHAR Datasheet HTML 11Page - Burr-Brown (TI) AMC1210IRHAR Datasheet HTML 12Page - Burr-Brown (TI) AMC1210IRHAR Datasheet HTML 13Page - Burr-Brown (TI) AMC1210IRHAR Datasheet HTML 14Page - Burr-Brown (TI) AMC1210IRHAR Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
Temperature( C)
°
1000
800
600
400
200
0
-40
4filters
1filter
25
85
125
Temperature( C)
°
-40
25
85
125
Parallelmode
SPImode
90
88
86
84
82
80
78
76
74
72
70
68
Temperature( C)
°
-40
25
85
125
155
150
145
140
135
Temperature( C)
°
VOH
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-40
25
85
125
VOL
Supply(V)
14
12
10
8
6
4
2.7
3.0
3.3
3.7
4.0
4.3
4.5
5.0
5.5
AMC1210
SBAS372A – APRIL 2006 – REVISED OCTOBER 2006
At –40°C to +125°C, AVDD, CVDD, DVDD = +5V, BVDD = +2.7V, unless otherwise noted.
The following condition must be true on the supplies: CVDD
≥ DVDD ≥ BVDD.
FILTER MODULE CURRENT
INTERFACE MODULE CONTROL
vs TEMPERATURE
vs TEMPERATURE
Figure 7.
Figure 8.
SIGNAL GENERATOR CURRENT
PWM OUTPUT VOLTAGE
vs TEMPERATURE
vs TEMPERATURE
Figure 9.
Figure 10.
TYPICAL CURRENT CONSUMPTION
vs SUPPLY VOLTAGE
Figure 11.
11
Submit Documentation Feedback


Número de pieza similar - AMC1210IRHAR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AMC1210 TI1-AMC1210 Datasheet
117Kb / 9P
[Old version datasheet]   Full-featured evaluation module
AMC1210 TI1-AMC1210 Datasheet
1Mb / 54P
[Old version datasheet]   Quad Digital Filter for 2nd-Order Delta-Sigma Modulator
logo
Ohmite Mfg. Co.
AMC1210 OHMITE-AMC1210 Datasheet
550Kb / 3P
   Thick Film Automotive Grade Chips
logo
Texas Instruments
AMC1210 TI1-AMC1210_14 Datasheet
1Mb / 54P
[Old version datasheet]   Quad Digital Filter for 2nd-Order Delta-Sigma Modulator
More results

Descripción similar - AMC1210IRHAR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AMC1210 TI1-AMC1210_14 Datasheet
1Mb / 54P
[Old version datasheet]   Quad Digital Filter for 2nd-Order Delta-Sigma Modulator
ADS1208 TI1-ADS1208_14 Datasheet
426Kb / 25P
[Old version datasheet]   2nd-Order Delta-Sigma Modulator with Excitation for Hall Elements
ADS1208 TI1-ADS1208 Datasheet
309Kb / 23P
[Old version datasheet]   2nd-Order Delta-Sigma Modulator with Excitation for Hall Elements
logo
Burr-Brown (TI)
ADS1208 BURR-BROWN-ADS1208 Datasheet
381Kb / 22P
   2nd-Order Delta-Sigma Modulator with Excitation for Hall Elements
logo
Texas Instruments
AMC1203 TI-AMC1203_15 Datasheet
990Kb / 29P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
AMC1203 TI-AMC1203 Datasheet
695Kb / 23P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
logo
Burr-Brown (TI)
ADS1202 BURR-BROWN-ADS1202 Datasheet
311Kb / 21P
   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
logo
Texas Instruments
ADS1202 TI1-ADS1202_14 Datasheet
890Kb / 26P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202 TI1-ADS1202 Datasheet
502Kb / 24P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202IPWRG4 TI-ADS1202IPWRG4 Datasheet
875Kb / 25P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com