Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


TMP275 Datasheet(Hoja de datos) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No. de Pieza. TMP275
Descripción  0.5°C Digital Out Temperature Sensor
Descarga  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo 

 8 page
background image
TMP275
SBOS363A − JUNE 2006 − REVISED JUNE 2006
www.ti.com
8
A2
A1
A0
SLAVE ADDRESS
0
0
0
1001000
0
0
1
1001001
0
1
0
1001010
0
1
1
1001011
1
0
0
1001100
1
0
1
1001101
1
1
0
1001110
1
1
1
1001111
Table 11. Address Pins and Slave Addresses for
the TMP275
BUS OVERVIEW
The device that initiates the transfer is called a master, and
the devices controlled by the master are slaves. The bus
must be controlled by a master device that generates the
serial clock (SCL), controls the bus access, and generates
the START and STOP conditions.
To address a specific device, a START condition is
initiated, indicated by pulling the data-line (SDA) from a
HIGH to LOW logic level while SCL is HIGH. All slaves on
the bus shift in the slave address byte, with the last bit
indicating whether a read or write operation is intended.
During the ninth clock pulse, the slave being addressed
responds to the master by generating an Acknowledge
and pulling SDA LOW.
Data transfer is then initiated and sent over eight clock
pulses followed by an Acknowledge Bit. During data
transfer SDA must remain stable while SCL is HIGH, as
any change in SDA while SCL is HIGH is interpreted as a
control signal.
Once all data has been transferred, the master generates
a STOP condition indicated by pulling SDA from LOW to
HIGH, while SCL is HIGH.
WRITING/READING TO THE TMP275
Accessing a particular register on the TMP275 is
accomplished by writing the appropriate value to the
Pointer Register. The value for the Pointer Register is the
first byte transferred after the slave address byte with the
R/W bit LOW. Every write operation to the TMP275
requires a value for the Pointer Register. (Refer to
Figure 5.)
When reading from the TMP275, the last value stored in
the Pointer Register by a write operation is used to
determine which register is read by a read operation. To
change the register pointer for a read operation, a new
value must be written to the Pointer Register. This is
accomplished by issuing a slave address byte with the
R/W bit LOW, followed by the Pointer Register Byte. No
additional data is required. The master can then generate
a START condition and send the slave address byte with
the R/W bit HIGH to initiate the read command. See
Figure 6 for details of this sequence. If repeated reads
from the same register are desired, it is not necessary to
continually send the Pointer Register bytes, as the
TMP275 remembers the Pointer Register value until it is
changed by the next write operation.
Note that register bytes are sent most-significant byte first,
followed by the least significant byte.
SLAVE MODE OPERATIONS
The TMP275 can operate as a slave receiver or slave
transmitter.
Slave Receiver Mode:
The first byte transmitted by the master is the slave
address, with the R/W bit LOW. The TMP275 then
acknowledges reception of a valid address. The next byte
transmitted by the master is the Pointer Register. The
TMP275 then acknowledges reception of the Pointer
Register byte. The next byte or bytes are written to the
register addressed by the Pointer Register. The TMP275
acknowledges reception of each data byte. The master
may terminate data transfer by generating a START or
STOP condition.
Slave Transmitter Mode:
The first byte is transmitted by the master and is the slave
address, with the R/W bit HIGH. The slave acknowledges
reception of a valid slave address. The next byte is
transmitted by the slave and is the most significant byte of
the register indicated by the Pointer Register. The master
acknowledges reception of the data byte. The next byte
transmitted by the slave is the least significant byte. The
master acknowledges reception of the data byte. The
master may terminate data transfer by generating a
Not-Acknowledge on reception of any data byte, or
generating a START or STOP condition.
SMBus ALERT FUNCTION
The TMP275 supports the SMBus Alert function. When
the TMP275 is operating in Interrupt Mode (TM = 1), the
ALERT pin of the TMP275 may be connected as an
SMBus Alert signal. When a master senses that an ALERT
condition is present on the ALERT line, the master sends
an SMBus Alert command (00011001) on the bus. If the
ALERT pin of the TMP275 is active, the device
acknowledges the SMBus Alert command and responds
by returning its slave address on the SDA line. The eighth
bit (LSB) of the slave address byte indicates if the
temperature exceeding THIGH or falling below TLOW
caused the ALERT condition. This bit will be HIGH if the
temperature is greater than or equal to THIGH. This bit will
be LOW if the temperature is less than TLOW. Refer to
Figure 7 for details of this sequence.
If multiple devices on the bus respond to the SMBus Alert
command, arbitration during the slave address portion of
the SMBus Alert command determines which device will
clear its ALERT status. If the TMP275 wins the arbitration,




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
TMP4011C Programmable Remote/Local Digital Out TEMPERATURE SENSOR 1 2 3 4 5 MoreBurr-Brown (TI)
TMP141Digital Out Temperature Sensor with Single-Wire SensorPath Bus 1 2 3 4 5 MoreTexas Instruments
LM74SPI/MICROWIRE™ Digital Temperature Sensor 1 2 3 4 5 MoreNational Semiconductor (TI)
MC74Serial Digital Temperature Sensor 1 2 3 4 5 MoreON Semiconductor
ADT7316SPI/I2C Compatible 10-Bit Digital Temperature Sensor and Quad Voltage Output 12/10/8-Bit DAC 1 2 3 4 5 MoreAnalog Devices
FM75Low Voltage 2-Wire Digital Temperature Sensor with Thermal Alarm 1 2 3 4 5 MoreFairchild Semiconductor
LM63±1C/±3C Accurate Remote Diode Digital Temperature Sensor with Integrated Fan Control 1 2 3 4 5 MoreNational Semiconductor (TI)
ADT7484ADigital Temperature Sensor with SST Interface 1 2 3 4 5 MoreAnalog Devices
LM75Digital Temperature Sensor and Thermal WATCHDOG with Two-Wire Interface 1 2 3 4 5 MoreNational Semiconductor (TI)
ADT7411SPI/I2C Compatible 10-Bit Digital Temperature Sensor and 8-Channel ADC 1 2 3 4 5 MoreAnalog Devices

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl