Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA2UOACAUPNTACBLK Datasheet(PDF) 1 Page - E-SWITCH

No. de pieza TA2UOACAUPNTACBLK
Descripción Electrónicos  PUSHBUTTON SWITCHES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  E-SWITCH [E-SWITCH]
Página de inicio  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

TA2UOACAUPNTACBLK Datasheet(HTML) 1 Page - E-SWITCH

  TA2UOACAUPNTACBLK Datasheet HTML 1Page - E-SWITCH TA2UOACAUPNTACBLK Datasheet HTML 2Page - E-SWITCH TA2UOACAUPNTACBLK Datasheet HTML 3Page - E-SWITCH TA2UOACAUPNTACBLK Datasheet HTML 4Page - E-SWITCH TA2UOACAUPNTACBLK Datasheet HTML 5Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SERIES TA/LT
Phone: 612-504-3525
Fax: 612-531-8235
7153 Northland Dr., Brooklyn Park, MN 55428
118
PUSHBUTTON SWITCHES
SPECIFICATIONS
R ATING: 0 . 5 A@ 100 VAC, 0.2A@ 250 VAC, 1A@ 25 V D C
CONTACT RESISTANCE: 20 m
Ω typical
INSULATIONRESISTANCE: Adjacent Contacts — 2 x 1012
Ω min.
(Dry Condition)
DIELECTRIC STRENGTH: 1,500 V RMS min.
LIFE CYCLE: 100,000 cycles min.
O P E R ATING T E M P E R ATURE RANGE: -20° to + 70°C
FUNCTIONSAVAILABLE:
GR = Interlocking
O A= Momentary
EE = Latching
TA= Standard Operating Force (See Next Page)
LT = Light Touch Operating Force (See Next Page)
S = Shorting (MBB)
N= Non-Shorting (BBM)
HOUSING: Polycarbonate (UL94-HB) Std.
Valox (UL94-VO)
PLUNGER: Duracon (UL94-HB) Std.
Valox (UL94-VO)
TERMINALBOARD: Polycarbonate (UL94-HB) Std.
MOVING CONTA C T S : Silver plated copper alloy
Gold plate over nickel plated copper alloy
FIXED CONTA C T S : Copper alloy with silver plate over nickel plate
TERMINALSEAL: High strength bonding red resin
RELEASE BAR: Steel / zinc plated
CHASSIS: Steel / Nickel plated or steel/zinc plated
TA/LT Series push button switches offer an “ultra-lite”
alternative to design engineers working in a variety of
applications. Available features include:
• Spring loaded, wiping contacts for smooth, silent
actuation stroke and excellent reliability
• Up to 16 poles per module
• Mounting chassis available.
• Interlocked assemblies up to 20 stations
• Optional terminal length
• Snap-on buttons
• Solder lugs on top for hand wiring; PC at bottom for
flow soldering
• Switch plunger with sliding contacts can be removed
from the front without disturbing electrical connections.
• Fixed terminals are epoxied and “staked” in position,
providing an extra seal to help prevent wicking of solder
or flu x .
MATERIALS
HOW TO ORDER INDIVIDUAL MODULES
2U
4U
6U
8U
10U
16U
EE=
Latching
OA=
Momentary
A
B
C
E
F
*Retentive
(Snap In)
pins available;
please contact
E-Switch for
Specifications.
AG=
Silver
AU=
Gold
P=
UL94HB
V=
UL94VO
N=
BBM
S=
MBB
TA
LT
TA
10U
OA
E
AU
P
S
TA12
Blu
Example:
TAA1
TAB2
TAC1
TAD1
TAE1
TAG2
TAK3
TAL3
TAM4
TA12
TA28005
.08
.09
.094
Blk
Wht
Gry
Red
Blu
Chr
Blk
Gry
Yel
Blu
Red
Grn
Wht
1
Blk, Gry, Wht,
Red Only
2
Blk, Gry, Wht,
Red, Chr Only
3
Blk & Gry Only
4
Blk, Gry, Wht Only
5
Blk & Red Only


Número de pieza similar - TA2UOACAUPNTACBLK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Magnetrol International...
TA2 MAGNETROL-TA2 Datasheet
1Mb / 12P
   THERMATEL짰THERMALDISPERSION
logo
Tumbler Technologies + ...
TA2 TRUMPOWER-TA2 Datasheet
30Kb / 1P
   DC/DC CONVERTERS
logo
TiMOTION Technology Co....
TA2 TIMOTION-TA2 Datasheet
807Kb / 10P
   Max. load 1,000N (push/pull)
20230814-V
logo
Tumbler Technologies + ...
TA2-4D1205 TRUMPOWER-TA2-4D1205 Datasheet
30Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 24-pin DIP, 4-6 Watt
TA2-4D1205 TRUMPOWER-TA2-4D1205 Datasheet
30Kb / 1P
   DC/DC CONVERTERS
More results

Descripción similar - TA2UOACAUPNTACBLK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
   Pushbutton Switches
logo
Copal Electronics
MSP COPAL-MSP Datasheet
607Kb / 1P
   Pushbutton Switches
logo
E-SWITCH
5500 E-SWITCH-5500 Datasheet
288Kb / 3P
   PUSHBUTTON SWITCHES
LC1257EENP E-SWITCH-LC1257EENP Datasheet
287Kb / 3P
   PUSHBUTTON SWITCHES
logo
Copal Electronics
FP_SERIES COPAL-FP_SERIES Datasheet
765Kb / 3P
   Pushbutton Switches
logo
C&K Components
F CK-COMPONENTS-F Datasheet
1Mb / 9P
   Pushbutton Switches
29 may 19
PS-12G CK-COMPONENTS-PS-12G_V01 Datasheet
888Kb / 8P
   Pushbutton Switches
28 Nov 22
logo
E-SWITCH
5500 E-SWITCH-5500_1 Datasheet
323Kb / 3P
   PUSHBUTTON SWITCHES
700A E-SWITCH-700A Datasheet
570Kb / 3P
   PUSHBUTTON SWITCHES
logo
C&K Components
SF4UEE CK-COMPONENTS-SF4UEE Datasheet
440Kb / 10P
   Pushbutton Switches
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com