Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

8121SD9ABE223 Datasheet(PDF) 6 Page - ITT Industries

No. de Pieza. 8121SD9ABE223
Descripción  Snap-acting Momentary Pushbutton Switches
Descarga  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo 

8121SD9ABE223 Datasheet(HTML) 6 Page - ITT Industries

Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
A–32
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Third Angle
Projection
C&K 8020 Series
Snap-acting Momentary Pushbutton Switches
PLUNGER
BUSHING
1/4-40 UNS-2A
NONE
NO BUSHING
CHOICE REQUIRED
(JXX ACTUATORS)
Y9 .350" HIGH UNTHREADED, KEYWAY
H9 .250" HIGH UNTHREADED, FLAT
H .250" HIGH THREADED, FLAT
Y .350" HIGH THREADED, KEYWAY
D9 .280" HIGH UNTHREADED,
KEYWAY
D .280" HIGH THREADED, KEYWAY
M
SNAP-FITTING PLUNGER
L
PLUNGER
NONE
NO PLUNGER CHOICE REQUIRED
(JXX ACTUATORS)
S
PLUNGER
ACTUATOR OR PLUNGER
D, D9
.244 (6,20)
.228 (5,79)
.224 (5,69)
H, H9
.218 (5,54)
.202 (5,13)
.198 (5,03)
Y, Y9
.203 (5,16)
.187 (4,75)
.183 (4,65)
Y3
(5,54)
(5,13)
(5,03)
Y4
.185 (4,70)
.169 (4,29)
.165 (4,19)
D2, D8
N/A
.232 (5,89)
.228 (5,79)
D3
N/A
.162 (4,11)
.158 (4,01)
DIM. ‘A’
FOR V3-V61
TERMINATIONS
DIM. ‘A’
FOR A, A2, A3, A4, A6,
AV-A 3, R & R2
TERMINATIONS
DIM. ‘A’
FOR C, W-W4, Z & Z3
TERMINATIONS
AVAILABLE
BUSHINGS
D, D9
.297 (7,54)
.281 (7,14)
.277 (7,04)
H, H9
.267 (6,78)
.251 (6,38)
.247 (6,27)
Y, Y9
.259 (6,58)
.243 (6,17)
.239 (6,07)
Y3
(6,78)
(6,37)
(6,27)
Y4
.259 (6,58)
.243 (6,17)
.239 (6,07)
D2, D8
N/A
.273 (6,93)
.269 (6,83)
D3
N/A
.361 (9,17)
.357 (9,07)
DIM. ‘C’
FOR V3-V61
TERMINATIONS
DIM. ‘C’
FOR A, A2, A3, A4, A6,
AV-A 3, R & R2
TERMINATIONS
DIM. ‘C’
FOR C, W-W4, Z & Z3
TERMINATIONS
AVAILABLE
BUSHINGS
Y, Y9
.178 (4,52)
.162 (4,11)
.158 (4,01)
Y4
.090 (2,29)
.074 (1,88)
.070 (1,78)
DIM. ‘B’
FOR V3-V61
TERMINATIONS
DIM. ‘B’
FOR A, A2, A3, A4, A6,
AV-A 3, R & R2
TERMINATIONS
DIM. ‘B’
FOR C, W-W4, Z & Z3
TERMINATIONS
AVAILABLE
BUSHINGS
NOTE: When selecting plunger option, bushing selection must also be made, see next page. No plunger option is required when any
JXX actuator option is selected. Additional plunger lengths are available on SPDT and DPDT models, consult Customer Service Center.
Not all plunger lengths sufficient for use with caps, see page A-42.
H bushing standard with C, W-W4, Z or Z3 terminations.
H, H9 bushings not available on single pole models with
A3-A6, R, R2 terminations.
Will withstand 12 in./lbs. of torque with
no distortion.
D9 bushing standard with A-A6,
R, R2 AV-AV3 terminations.
N/A = NOT AVAILABLE
A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn