Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

6W-22 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

No. de pieza 6W-22
Descripción Electrónicos  THERMOPILE TYPE INFRARED SENSOR
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

6W-22 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 6W-22 Datasheet HTML 6Page - List of Unclassifed Manufacturers 6W-22 Datasheet HTML 7Page - List of Unclassifed Manufacturers 6W-22 Datasheet HTML 8Page - List of Unclassifed Manufacturers 6W-22 Datasheet HTML 9Page - List of Unclassifed Manufacturers 6W-22 Datasheet HTML 10Page - List of Unclassifed Manufacturers 6W-22 Datasheet HTML 11Page - List of Unclassifed Manufacturers 6W-22 Datasheet HTML 12Page - List of Unclassifed Manufacturers 6W-22 Datasheet HTML 13Page - List of Unclassifed Manufacturers 6W-22 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
10
4 max.
4 max.
3 2
4 2
21 1
87 1
45 1
Resin(black)
Resin (ET-2 : light brown, ETB : black)
Soldered terminal
Resin
(0.17)
(0.25)
Enlarged view
Solder plated lead wires
(resin coated insulation)
Solder plated lead wires
(0.17)
(0.25)
Enlarged view
ET-2, ETB
ET-3
ET-1
Part number
Dimensions
ET THERMISTOR
The ET thermistor is smaller version of the AT thermistor.
Its fast response time and high reliability makes it
Particularly suitable for use in medical equipment
and thermometers. Manufactured by full-automated
production line, all ET thermistors have identical size and
that makes it possible to assemble sensors automatically.
503 ET 1
-
ET thermistor
Shape
Rated zero-power resistance at 25 C
503 : 50k
Specifications
Part No.
R25
*1
B value
*2
Dissipation factor
(mW/ C)
Thermal time
constant (s)
*3
Operating temp.
range ( C)
Rated power
at 25 C(mW)
402ET-1(2)
103ET-1(2)
303ET-1(2)
403ET-1(2)
413ET-1(2)
503ET-1(2)
593ET-1(2)
833ET-1(2)
104ET-1(2)
224ET-1(2)
234ET-1(2)
103ETB
503ET-3
4.0k
3%
10.0k
3%
30.0k
3%
40.0k
3%
41.0k
3%
50.0k
3%
59.0k
3%
83.0k
3%
100.0k
3%
226.0k
3%
232.0k
3%
10.0k
2%
50.0k
2%
3100K 1%
3250K 1%
3760K 1%
3525K 1%
3435K 1%
4055K 1%
3617K 1%
4013K 1%
4132K 1%
4021K 1%
4274K 1%
3435K 1%
4086K 1%
0.7
0.7
0.7
0.7
0.7
0.7
0.7
0.7
0.7
0.7
0.7
0.7
0.7
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
6
6
6
6
6
6
6
6
6
6
6
6
6
40
90
40
90
40 100
40 100
40 100
40 100
40 100
40 100
40
90
40 100
40 100
40
90
40 100
Temperature ( C)
Type
Resistance-Temperature
Unit (k )
Unit (k )
40
30
20
10
0
10
20
30
40
50
60
70
80
90
100
57.71
35.34
22.38
14.60
9.797
6.737
4.736
3.394
2.476
1.835
1.378
1.049
0.7997
0.6145
170.9
102.2
63.07
40.08
26.16
17.51
11.99
8.387
5.988
4.353
3.217
2.414
1.836
1.416
253.7
149.8
91.30
57.31
37.00
24.47
16.56
11.45
8.070
5.791
4.222
3.125
2.346
833.3
481.1
287.5
177.2
112.4
73.00
48.61
33.08
22.96
16.26
11.70
8.569
6.367
4.797
3.662
772.8
456.5
277.9
174.1
111.7
73.63
49.57
34.08
23.89
17.06
12.38
9.135
6.838
5.190
3.990
474.4
272.7
161.9
99.13
62.38
40.24
26.58
17.93
12.33
8.588
6.064
4.338
3.142
445.8
271.7
170.1
109.4
72.10
48.55
33.41
23.44
16.73
12.15
8.951
6.697
5.077
788.5
453.0
269.3
164.8
103.6
66.91
44.18
29.80
20.51
14.37
10.24
7.419
5.459
977.5
559.0
329.8
200.5
125.3
80.27
52.62
35.23
24.00
16.59
11.64
8.287
2116
1225
730.1
447.8
282.1
182.1
120.3
81.07
55.75
39.01
27.78
20.10
14.75
2515
1401
808.2
480.2
293.7
184.4
118.6
78.00
52.39
35.87
24.99
17.72
12.75
204.7
118.5
71.02
43.67
27.70
18.07
12.11
8.301
5.811
4.147
3.011
2.224
1.668
1.267
402ET
103ET
303ET
403ET
413ET
503ET
593ET
833ET
104ET
224ET
234ET
103ETB
Specifications for clinical thermo-meter
Temperature ( C)
Type
40.22
30.00
21.75
3953
67.04
50.00
36.25
3953
182.4
136.0
98.56
3958
184.5
135.0
95.87
4209
R30
R37
R45
B30/45(K)
503ET
833ET
224ET
234ET
Unit (mm)
1602
855.0
1318
754.3
2664
1421
3325
1769
7005
3784
9046
4680
810.7
445.1
Epoxy resin (White)
Polyurethane-covered CP wire
0.16 Color:White
Soldered (Pb free)
100 2
3 1
5max.
*1 R25 : Rated zero-power resistance value at 25 C.
*2 B value : determined by rated zero-power resistance at 25 C and 85 C.
*3 Time when thermistor temperature reaches 63.2% of the temperature difference. The value is measured in the air.


Descripción similar - 6W-22

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
TP337 ETC1-TP337 Datasheet
214Kb / 9P
   Thermopile Infrared Sensor
OTC-236 ETC2-OTC-236 Datasheet
212Kb / 7P
   THERMOPILE INFRARED SENSOR
TS-1AMB ETC-TS-1AMB Datasheet
144Kb / 6P
   THERMOPILE INFRARED SENSOR
TP297A ETC2-TP297A Datasheet
239Kb / 8P
   THERMOPILE INFRARED SENSOR
OTC-238 ETC2-OTC-238 Datasheet
155Kb / 6P
   THERMOPILE INFRARED SENSOR
OTC-239 ETC2-OTC-239 Datasheet
186Kb / 7P
   THERMOPILE INFRARED SENSOR
logo
Roithner LaserTechnik G...
TP339 ROITHNER-TP339 Datasheet
214Kb / 7P
   Thermopile Infrared Sensor
logo
Amphenol Corporation
ZTP-148SRC1 AMPHENOL-ZTP-148SRC1 Datasheet
311Kb / 4P
   Thermopile Infrared (IR) Sensor
logo
Texas Instruments
TMP006 TI1-TMP006 Datasheet
262Kb / 17P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
MAY2011
TMP006 TI1-TMP006_17 Datasheet
1Mb / 38P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com