Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8340 Datasheet(PDF) 4 Page - Analog Devices

No. de pieza AD8340
Descripción Electrónicos  700 MHz to 1000 MHz RF Vector Modulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8340 Datasheet(HTML) 4 Page - Analog Devices

  AD8340 Datasheet HTML 1Page - Analog Devices AD8340 Datasheet HTML 2Page - Analog Devices AD8340 Datasheet HTML 3Page - Analog Devices AD8340 Datasheet HTML 4Page - Analog Devices AD8340 Datasheet HTML 5Page - Analog Devices AD8340 Datasheet HTML 6Page - Analog Devices AD8340 Datasheet HTML 7Page - Analog Devices AD8340 Datasheet HTML 8Page - Analog Devices AD8340 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD8340
Rev. 0 | Page 4 of 20
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameters
Rating
Supply Voltage VPRF, VPS2
5.5 V
DSOP
5.5 V
IBBP, IBBM, QBBP, QBBM
2.5 V
RFOP, RFOM
5.5V
RF Input Power at Maximum Gain
13 dBm, re: 50 Ω
(RFIP or RFIM, Single-Ended Drive)
Equivalent Voltage
2.8 V p-p
Internal Power Dissipation
825 mW
θJA (With Pad Soldered to Board)
59 °C/W
Maximum Junction Temperature
125°C
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature Range (Soldering 60 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features proprie-
tary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic
discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of
functionality.


Número de pieza similar - AD8340

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8340 AD-AD8340 Datasheet
2Mb / 20P
   300 MHz to 1000 MHz Quadrature Modulator
REV. 0
AD8340 AD-AD8340 Datasheet
2Mb / 32P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
AD8340 AD-AD8340_15 Datasheet
426Kb / 20P
   700 MHz to 1000 MHz RF Vector Modulator
REV. C
More results

Descripción similar - AD8340

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8340 AD-AD8340_15 Datasheet
426Kb / 20P
   700 MHz to 1000 MHz RF Vector Modulator
REV. C
logo
Hittite Microwave Corpo...
HMC630LP3 HITTITE-HMC630LP3 Datasheet
283Kb / 8P
   GaAs HBT VECTOR MODULATOR 700 - 1000 MHz
logo
Analog Devices
HMC630LP3 AD-HMC630LP3 Datasheet
813Kb / 8P
   GaAs HBT VECTOR MODULATOR 700 - 1000 MHz
ADL5605 AD-ADL5605 Datasheet
500Kb / 20P
   700 MHz to 1000 MHz
REV. 0
logo
Tyco Electronics
MAMDCC0005 MACOM-MAMDCC0005 Datasheet
390Kb / 5P
   Vector Modulator, 925 to 960 MHz
MAMDCC0006 MACOM-MAMDCC0006 Datasheet
369Kb / 5P
   Vector Modulator, 925 to 960 MHz
logo
M/A-COM Technology Solu...
MAIA-007099-000100 MA-COM-MAIA-007099-000100 Datasheet
143Kb / 5P
   Vector Modulator, 925 to 960 MHz
MAMDCC0005 MA-COM-MAMDCC0005 Datasheet
131Kb / 5P
   Vector Modulator, 925 to 960 MHz
logo
Analog Devices
AD8349 AD-AD8349 Datasheet
969Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. 0
AD8349AREZ AD-AD8349AREZ Datasheet
503Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com