Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CS1204 Datasheet(PDF) 3 Page - Applied Micro Circuits Corporation |
|
CS1204 Datasheet(HTML) 3 Page - Applied Micro Circuits Corporation |
3 / 4 page Empowering Intelligent Optical Networks 3 Product Brief ORINOCO STS-12/STM-4 DS3/E3/STS-1E SONET/SDH Mapper Part Number S1204CBI21, Revision 1.5, Dec. 2002 Applications • Edge and MultiService Switches • Optical Transport Systems • WAN Aggregation Terminals • SONET/SDH Multiplexers and Digital Cross Connects Figure 2: Applications Control S1204CBI ORINOCO Addr Data 16 12 DS3/E3/STS-1 TX_LS_[1:4][1:3]_DATA TX_LS_[1:4][1:3]_CLK APPLICATION: - Universal DS3 Line Card DS3/E3/STS-1 LIU RX_LS_[1:4][1:3]_DATA RX_LS_[1:4][1:3]_CLK (up to 12) Ref Clk SYS_LS_REFCLK_IN Microprocessor Control Control S1202CBI NILE Addr Data 8 12 TX_CLK TX_SYS_DAT[15:0] RX_CLK RX_SYS_DAT[15:0] Utopia Level-2 System Interface TOH Insertion and Extraction ATM Switch OR U T O P I A DS3 DS3 Clear Channel for TX_DS3_[1:12]_DATA RX_DS3_[1:12]_DATA RX_DS3_[1:12]_GAP/SM_CLK RX_DS3_[1:12]_FIFO_[1:0] TX_DS3_[1:12]_CLK Packet over SONET Application Fractional DS3 Channel HDLC Processor IP ROUTER Switching/ Routing Logic Line Interfaces Addr Data Control for Multi-Service Applications TOH Insertion and Extraction STS-1 Cross-Connect - High Density ATM over DS3 Termination - High Density DS3 Aggregation for Synchronous X-Connects Transport Line Card High Density (OC-12, OC-48, OC-192) Data Termination Multi Support Interface 622 Mhz Figure 3: Application OC-12 TX_SDATA_OUT± TX_SCLK_OUT± RX_SCLK_IN± RX_SDATA_IN± 622Mhz Clk SerRxD± Microprocessor Control Control AMCC S3024 Sumitomo SDM7202 HP HFCT5208 Reference Clock Fiber Optic Transceiver SONET Line Side Interface RX_LOSEXT S1204CBI ORINOCO Addr Data 16 12 DS3/E3/STS-1 Line Interfaces TX_LS_[1:4][1:3]_DATA TX_LS_[1:4][1:3]_CLK APPLICATION: OC-12 Aggregation using the DS3/E3/STS-1 LIU RX_LS_[1:4][1:3]_DATA RX_LS_[1:4][1:3]_CLK (up to 12) STS-12 Line Interface Recovery * Can be replaced by a backplane driver Serial 622 Mbit/s Interface Ref Clk SYS_REFCLK_IN |
Número de pieza similar - CS1204 |
|
Descripción similar - CS1204 |