Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


055-607-9172 Datasheet(Hoja de datos) 9 Page - ITT Industries

No. de Pieza. 055-607-9172
Descripción  RF Coaxial Connectors
Descarga  42 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo 

 9 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
110
RF Coaxial Connectors
Assembly Instructions
AI-90, AI-237, AI-773 & BBAI-1212
SMA & MCX Right Angle Connectors, Crimp Type for Braided Cable
HEAT SHRINKABLE
TUBING
CRIMP
FERRULE
CAP
BODY ASSEMBLY
1. Slide ferrule and (if supplied) heat shrinkable tubing on to cable.
2. Trim cable to dimensions shown.
3. Tin center conductor (DO NOT OVER TIN).
4. Slide body over cable dielectric and under the braid until braid is flush against under-side of body.
Ensure center conductor is located in the forked end of the contact.
NOTE: When using cables with inflexible jackets it is permissible to make two 3,17 (.125)
longitudinal slits in the outer jacket.
5. Slide ferrule flush against the body and crimp in position using ITT Cannon’s Crimp Tool and
suitable die set (see table).
6. Using a small soldering iron solder center conductor to contact.
NOTE: The center conductor should not protrude beyond the contact or touch the body. Solder
should not protrude beyond the slotted section of the contact.
7. Locate the cap in rear of body and dimple or lightly punch to ensure it is locked in position.
8. Slide heat shrinkable tubing over ferrule flush against body and heat until tubing shrinks down.
Only common cable retention features are shown in detail. Various body configurations can apply.
Cable
Cable Code
Die Size
RG142/U
9142
5,42 (.213)
RG196/U
9196
2,67 (.105)
RG316/U
9188
3,25 (.128)
RD 316
9399/9875
3,84 (.151)
Assembly Instruction No.
A
B
C
AI-90 & AI-237
11,10 (.437)
5,16 (.203)
1,57 (.062)
AI-773
11,68 (.460)
4,55 (.179)
1,78 (.070)
BBAI-1212
8,50 (.335)
3,00 (.118)
2,00 (.078)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
P05G-P-1.5DHQS 5.8 GHz Mobile Coaxial Connectors 1 2 3 4 Hirose Electric
H.FL-LP-A32THE world smallest low-profile coaxial connectors 1 2 3 4 5 MoreHirose Electric
305SINGLE CHANNEL COAXIAL N & TNC CONNECTORS 1 2 Filtronic Compound Semiconductors
PO40G-J-119MIL Standard SMP Compatible Push-on Lock Coaxial Connectors 1 2 3 4 Hirose Electric
351MINIATURE IN-LINE COAXIAL K CONNECTORS 1 Filtronic Compound Semiconductors
POD1-J-1.5V-CPOD1 SERIES PUSH-ON LOCKING MICROMINIATURE COAXIAL CONNECTORS 1 2 3 4 Hirose Electric
JDAM-7W2PJDM TYPE COAXIAL TERMINAL CONNECTORS 1 2 3 4 5 MoreHirose Electric
POD3-J-DFS111Push-Pull Complete Locking Coaxial Connectors PC Card Type 2 Mountable 1 2 3 4 Hirose Electric
TWT2-PCoaxial two-core TWT2 Connectors 1 2 3 4 Hirose Electric
E.FL-LP-040E.FL Coaxial Connectors with World Smallest Footprint 1 2 3 4 Hirose Electric

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl