Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7401YRWZ-REEL7 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza AD7401YRWZ-REEL7
Descripción Electrónicos  Isolated Sigma-Delta Modulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7401YRWZ-REEL7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7401YRWZ-REEL7 Datasheet HTML 6Page - Analog Devices AD7401YRWZ-REEL7 Datasheet HTML 7Page - Analog Devices AD7401YRWZ-REEL7 Datasheet HTML 8Page - Analog Devices AD7401YRWZ-REEL7 Datasheet HTML 9Page - Analog Devices AD7401YRWZ-REEL7 Datasheet HTML 10Page - Analog Devices AD7401YRWZ-REEL7 Datasheet HTML 11Page - Analog Devices AD7401YRWZ-REEL7 Datasheet HTML 12Page - Analog Devices AD7401YRWZ-REEL7 Datasheet HTML 13Page - Analog Devices AD7401YRWZ-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD7401
Rev. 0 | Page 10 of 20
250
–250
–45
TEMPERATURE (°C)
–35 –25 –15 –5 5 15 25 35 45 55 65 75 85 95 105
200
150
100
50
0
–50
–100
–150
–200
VDD1 =VDD2 =5V
MCLKIN = 16MHz
VDD1 =VDD2 =4.5V
MCLKIN = 5MHz
VDD1 =VDD2 =4.5V
MCLKIN = 16MHz
VDD1 =VDD2 =4.5V
MCLKIN = 10MHz
VDD1 =VDD2 =5V
MCLKIN = 5MHz
VDD1 =VDD2 = 5.25V
MCLKIN = 16MHz
VDD1 =VDD2 = 5.25V
MCLKIN = 10MHz
VDD1 =VDD2 =5V
MCLKIN = 10MHz
VDD1 =VDD2 =5.25V
MCLKIN = 5MHz
Figure 12. Offset Drift vs. Temperature for Various Supply Voltages
200.5
199.5
–45
TEMPERATURE (°C)
–35 –25 –15 –5 5 15 25 35 45 55 65 75 85 95 105
200.4
200.3
200.2
200.1
200.0
199.9
199.8
199.7
199.6
VDD1 =VDD2 =5V
MCLKIN = 16MHz
VDD1 =VDD2 =4.5V
MCLKIN = 5MHz
VDD1 =VDD2 =4.5V
MCLKIN = 16MHz
VDD1 =VDD2 = 5.25V
MCLKIN = 16MHz
VDD1 =VDD2 =5V
MCLKIN = 10MHz
VDD1 =VDD2 =4.5V
MCLKIN = 10MHz
VDD1 =VDD2 =5V
MCLKIN = 5MHz
VDD1 =VDD2 = 5.25V
MCLKIN = 10MHz
VDD1 =VDD2 = 5.25V
MCLKIN = 5MHz
Figure 13. Gain Error Drift vs. Temperature for Various Supply Voltages
VIN DC INPUT VOLTAGE (V)
–0.33
0.33
–0.28 –0.23 –0.18 –0.13 –0.08 –0.03 0.03 0.08 0.13 0.18 0.23 0.28
0.0065
0.0070
0.0075
0.0080
0.0085
0.0090
0.0095
0.0100
0.0105
VDD1 =VDD2 =5V
TA =25°C
MCLKIN = 16MHz
MCLKIN = 10MHz
MCLKIN = 5MHz
Figure 14. IDD1 vs. VIN
VIN DC INPUT VOLTAGE (V)
–0.33
0.33
–0.28 –0.23 –0.18 –0.13 –0.08 –0.03 0.03 0.08 0.13 0.18 0.23 0.28
0.0060
0.0065
0.0070
0.0075
0.0080
0.0085
0.0090
0.0095
0.0100
0.0105
MCLKIN = 16MHz
TA = +85°C
MCLKIN = 16MHz
TA = +105°C
MCLKIN = 16MHz
TA = –40°C
MCLKIN = 10MHz
TA = –40°C
MCLKIN = 10MHz
TA = +105°C
MCLKIN = 10MHz
TA = +85°C
MCLKIN = 5MHz
TA =+105°C
MCLKIN = 5MHz
TA = +85°C
MCLKIN = 5MHz
TA = –40°C
VDD1 =VDD2 =5V
Figure 15. IDD1 vs. VIN at Various Temperatures
VIN DC INPUT VOLTAGE (V)
–0.325
–0.225
–0.125
–0.025
0.075
0.175
0.325
–0.275
–0.175
–0.075
0.025
0.125
0.225
0.275
0.0020
0.0070
VDD1 =VDD2 =5V
TA =25°C
MCLKIN = 16MHz
MCLKIN = 10MHz
MCLKIN = 5MHz
0.0065
0.0060
0.0055
0.0050
0.0045
0.0040
0.0035
0.0030
0.0025
Figure 16. IDD2 vs. VIN
VIN DC INPUT VOLTAGE (V)
–0.325
–0.225
–0.125
–0.025
0.075
0.175
0.325
–0.275
–0.175
–0.075
0.025
0.125
0.225
0.275
0.0020
0.0070
0.0065
0.0060
0.0055
0.0050
0.0045
0.0040
0.0035
0.0030
0.0025
MCLKIN = 16MHz
TA = +105°C
MCLKIN = 16MHz
TA =+85°C
MCLKIN = 16MHz
TA = –40°C
MCLKIN = 10MHz
TA = –40°C
MCLKIN = 10MHz
TA = +105°C
MCLKIN = 10MHz
TA = +85°C
MCLKIN = 5MHz
TA = +105°C
MCLKIN = 5MHz
TA = +85°C
MCLKIN = 5MHz
TA = –40°C
VDD1 =VDD2 =5V
Figure 17. IDD2 vs. VIN at Various Temperatures


Número de pieza similar - AD7401YRWZ-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7401YRWZ-REEL7 AD-AD7401YRWZ-REEL7 Datasheet
460Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. A
AD7401YRWZ-REEL7 AD-AD7401YRWZ-REEL7 Datasheet
422Kb / 18P
   Isolated Sigma-Delta Modulator
Rev. F
More results

Descripción similar - AD7401YRWZ-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
   Isolated Sigma-Delta Modulator
REV. D
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. D
AD7400 AD-AD7400 Datasheet
951Kb / 10P
   Isolated Sigma-Delta Modulator
Rev. PrH
AD7400 AD-AD7400_15 Datasheet
378Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. G
AD7401 AD-AD7401_V01 Datasheet
422Kb / 18P
   Isolated Sigma-Delta Modulator
Rev. F
AD7401A AD-AD7401A Datasheet
436Kb / 20P
   Isolated Sigma-Delta Modulator
REV. 0
AD7400 AD-AD7400_06 Datasheet
444Kb / 20P
   Isolated Sigma-Delta Modulator
REV. A
AD7401_0612 AD-AD7401_0612 Datasheet
460Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. A
AD7400A AD-AD7400A Datasheet
326Kb / 19P
   Isolated Sigma-Delta Modulator
Rev. PrA
AD7400A AD-AD7400A_V01 Datasheet
400Kb / 18P
   Isolated Sigma-Delta Modulator
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com