Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADIS16201 Datasheet(PDF) 9 Page - Analog Devices

No. de pieza ADIS16201
Descripción Electrónicos  Programmable Dual-Axis
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADIS16201 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADIS16201 Datasheet HTML 5Page - Analog Devices ADIS16201 Datasheet HTML 6Page - Analog Devices ADIS16201 Datasheet HTML 7Page - Analog Devices ADIS16201 Datasheet HTML 8Page - Analog Devices ADIS16201 Datasheet HTML 9Page - Analog Devices ADIS16201 Datasheet HTML 10Page - Analog Devices ADIS16201 Datasheet HTML 11Page - Analog Devices ADIS16201 Datasheet HTML 12Page - Analog Devices ADIS16201 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Data Sheet
ADIS16201
Rev. C | Page 9 of 32
90
0
(g)
80
70
60
50
40
30
20
10
Figure 11. X-Axis Self-Test Level at 25°C/3.3 V
80
0
(g)
70
60
50
40
30
20
10
Figure 12. Y-Axis Self-Test Level at 25°C/3.3 V
1200
200
2.9
3.7
POWER SUPPLY (V)
1000
800
600
400
3.0
3.1
3.2
3.3
3.4
3.5
3.6
Figure 13. Self-Test Shift vs. Supply at 25°C
140
0
(Degrees)
120
100
80
60
40
20
Figure 14. Inclination Offset Distribution at 25°C/3.3 V/0 g
20
0
–200
200
(ppm/°C)
18
16
14
12
10
8
6
4
2
–160 –120
–80
–40
0
40
80
120
160
Figure 15. Inclination Offset Tempco Histogram at 3.3 V
10
–10
2.9
3.7
POWER SUPPLY (V)
3.0
3.1
3.2
3.3
3.4
3.5
3.6
8
6
4
2
0
–2
–4
–6
–8
Figure 16. Inclination Offset vs. Supply at 25°C


Número de pieza similar - ADIS16201

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADIS16201 AD-ADIS16201 Datasheet
819Kb / 9P
   iSensor??PC Evaluation System
Rev. Pr.A, 8/10/06
ADIS16201 AD-ADIS16201 Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
ADIS16201 AD-ADIS16201 Datasheet
552Kb / 32P
   Programmable Dual-Axis Inclinometer/Accelerometer
REV. C
ADIS16201 AD-ADIS16201 Datasheet
103Kb / 4P
   Programmable Dual-Axis Inclinometer/Accelerometer
Rev. A
ADIS16201CCCZ AD-ADIS16201CCCZ Datasheet
552Kb / 32P
   Programmable Dual-Axis Inclinometer/Accelerometer
REV. C
More results

Descripción similar - ADIS16201

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADIS16201 AD-ADIS16201_V01 Datasheet
103Kb / 4P
   Programmable Dual-Axis Inclinometer/Accelerometer
Rev. A
ADIS16201 AD-ADIS16201_15 Datasheet
552Kb / 32P
   Programmable Dual-Axis Inclinometer/Accelerometer
REV. C
ADIS16201 AD-ADIS16201 Datasheet
552Kb / 32P
   Programmable Dual-Axis Inclinometer/Accelerometer
REV. C
ADIS16204 AD-ADIS16204 Datasheet
156Kb / 9P
   Programmable Dual Axis Digital Accelerometer and Impact Sensor
Rev. PrA 10/10/2006
logo
TDK Electronics
IXZ-500 TDK-IXZ-500 Datasheet
589Kb / 26P
   Dual-Axis Gyro
logo
TE Connectivity Ltd
DOG2 TEC-DOG2 Datasheet
231Kb / 4P
   Dual axis inclinometer
DOG2-J1939 TEC-DOG2-J1939 Datasheet
462Kb / 4P
   Dual axis inclinometer
DPG TEC-DPG Datasheet
252Kb / 4P
   Dual axis inclinometer
logo
JL World Company Limite...
MTX2-02G JLWORLD-MTX2-02G Datasheet
720Kb / 4P
   Dual Axis Accelerometer
logo
TE Connectivity Ltd
DOG2-MEMS TEC-DOG2-MEMS Datasheet
286Kb / 4P
   Dual axis inclinometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com