Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD139-16 Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza BD139-16
Descripción Electrónicos  NPN power transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BD139-16 Datasheet(HTML) 5 Page - NXP Semiconductors

  BD139-16 Datasheet HTML 1Page - NXP Semiconductors BD139-16 Datasheet HTML 2Page - NXP Semiconductors BD139-16 Datasheet HTML 3Page - NXP Semiconductors BD139-16 Datasheet HTML 4Page - NXP Semiconductors BD139-16 Datasheet HTML 5Page - NXP Semiconductors BD139-16 Datasheet HTML 6Page - NXP Semiconductors BD139-16 Datasheet HTML 7Page - NXP Semiconductors BD139-16 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1999 Apr 12
5
Philips Semiconductors
Product specification
NPN power transistors
BD135; BD137; BD139
PACKAGE OUTLINE
UNIT
bp
cD
E
e1
LQ
w
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
0.88
0.65
2.7
2.3
0.60
0.45
11.1
10.5
7.8
7.2
2.29
e
4.58
0.254
P
3.2
3.0
P1
3.9
3.6
DIMENSIONS (mm are the original dimensions)
Note
1. Terminal dimensions within this zone are uncontrolled to allow for flow of plastic and terminal irregularities.
16.5
15.3
1.5
0.9
L1(1)
max
2.54
SOT32
TO-126
97-03-04
0
2.5
5 mm
scale
A
Plastic single-ended leaded (through hole) package; mountable to heatsink, 1 mounting hole; 3 leads
SOT32
D
P1
P
E
e1
A
L
Q
c
bp
12
3
L1
w M
e


Número de pieza similar - BD139-16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
BD139-16 STMICROELECTRONICS-BD139-16 Datasheet
76Kb / 4P
   NPN SILICON TRANSISTORS
BD139-16 STMICROELECTRONICS-BD139-16 Datasheet
157Kb / 9P
   Complementary low voltage transistor
BD139-16 STMICROELECTRONICS-BD139-16 Datasheet
158Kb / 9P
   Complementary low voltage transistor
logo
SeCoS Halbleitertechnol...
BD139-16 SECOS-BD139-16 Datasheet
85Kb / 2P
   NPN Plastic Encapsulated Transistor
logo
Micro Commercial Compon...
BD139-16 MCC-BD139-16 Datasheet
390Kb / 3P
   Power Transistors NPN Silicon 45,60,80 Volts
More results

Descripción similar - BD139-16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BD825 PHILIPS-BD825 Datasheet
60Kb / 8P
   NPN power transistors
1998 May 29
logo
Unisonic Technologies
BD139 UTC-BD139 Datasheet
84Kb / 2P
   NPN POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
BU508F TEL-BU508F Datasheet
59Kb / 2P
   NPN POWER TRANSISTORS
logo
List of Unclassifed Man...
D42C ETC1-D42C Datasheet
312Kb / 4P
   NPN POWER TRANSISTORS
logo
STMicroelectronics
BD241A STMICROELECTRONICS-BD241A_07 Datasheet
258Kb / 9P
   NPN power transistors
logo
New Jersey Semi-Conduct...
2N5329 NJSEMI-2N5329 Datasheet
179Kb / 1P
   NPN POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
TIP33F TEL-TIP33F Datasheet
126Kb / 3P
   NPN POWER TRANSISTORS
logo
Continental Device Indi...
BU207 CDIL-BU207 Datasheet
249Kb / 4P
   NPN POWER TRANSISTORS
BUF508F CDIL-BUF508F Datasheet
40Kb / 3P
   NPN POWER TRANSISTORS
logo
Suntac Electronic Corp.
STC13003-TO126 SUNTAC-STC13003-TO126 Datasheet
113Kb / 3P
   NPN POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com