Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BDX42 Datasheet(PDF) 4 Page - NXP Semiconductors

No. de pieza BDX42
Descripción Electrónicos  NPN Darlington transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BDX42 Datasheet(HTML) 4 Page - NXP Semiconductors

  BDX42 Datasheet HTML 1Page - NXP Semiconductors BDX42 Datasheet HTML 2Page - NXP Semiconductors BDX42 Datasheet HTML 3Page - NXP Semiconductors BDX42 Datasheet HTML 4Page - NXP Semiconductors BDX42 Datasheet HTML 5Page - NXP Semiconductors BDX42 Datasheet HTML 6Page - NXP Semiconductors BDX42 Datasheet HTML 7Page - NXP Semiconductors BDX42 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1997 Jul 02
4
Philips Semiconductors
Product specification
NPN Darlington transistors
BDX42; BDX43; BDX44
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX. UNIT
ICBO
collector cut-off current
BDX42
IE = 0; VCB =60V
−−
100
nA
BDX43
IE = 0; VCB =80V
−−
100
nA
BDX44
IE = 0; VCB = 100 V
−−
100
nA
ICES
collector cut-off current
BDX42
VBE = 0; VCE =45V
−−
50
nA
BDX43
VBE = 0; VCE =60V
−−
50
nA
BDX44
VBE = 0; VCE =80V
−−
50
nA
IEBO
emitter cut-off current
IC = 0; VEB =4V
−−
50
nA
hFE
DC current gain
VCE = 10 V; see Fig. 2
IC = 150 mA
1000
−−
IC = 500 mA
2000
−−
VCEsat
collector-emitter saturation voltage
IC = 500 mA; IB = 0.5 mA
−−
1.3
V
IC = 500 mA; IB = 0.5 mA; Tj = 150 °C
−−
1.3
V
VCEsat
collector-emitter saturation voltage
BDX42; BDX44
IC = 1 A; IB =4mA
−−
1.6
V
IC = 1 A; IB = 4 mA; Tj = 150 °C
−−
1.6
V
VCEsat
collector-emitter saturation voltage
BDX43
IC = 1 A; IB =1mA
−−
1.6
V
IC = 1 A; IB = 1 mA; Tj = 150 °C
−−
1.8
V
VBEsat
base-emitter saturation voltage
IC = 500 mA; IB = 0.5 mA
−−
1.9
V
VBEsat
base-emitter saturation voltage
IC = 1 A; IB =4mA
BDX42; BDX44
−−
2.2
V
VBEsat
base-emitter saturation voltage
IC = 1 A; IB =1mA
BDX43
−−
2.2
V
fT
transition frequency
IC = 500 mA; VCE = 5 V; f = 100 MHz
200
MHz
Switching times (between 10% and 90% levels); see Fig.3
ton
turn-on time
ICon = 500 mA; IBon = 0.5 mA;
IBoff = −0.5 mA
−−
500
ns
td
delay time
−−
200
ns
tr
rise time
−−
300
ns
toff
turn-off time
−−
1300
ns
ts
storage time
−−
950
ns
tf
fall time
−−
350
ns


Número de pieza similar - BDX42

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Comset Semiconductor
BDX42 COMSET-BDX42 Datasheet
197Kb / 3P
   SILICON PLANAR DARLINGTON TRANSISTORS
BDX42 COMSET-BDX42 Datasheet
66Kb / 3P
   SILICON PLANAR DARLINGTON TRANSISTORS
logo
New Jersey Semi-Conduct...
BDX42 NJSEMI-BDX42 Datasheet
119Kb / 3P
   SILICON PLANAR DARLINGTON TRANSISTORS
logo
Comset Semiconductor
BDX42 COMSET-BDX42_12 Datasheet
66Kb / 3P
   SILICON PLANAR DARLINGTON TRANSISTORS
More results

Descripción similar - BDX42

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
MPSA26 PHILIPS-MPSA26 Datasheet
43Kb / 8P
   NPN Darlington transistors
1999 Apr 27
PMBTA13 PHILIPS-PMBTA13 Datasheet
55Kb / 8P
   NPN Darlington transistors
1999 Apr 29
logo
SEMTECH ELECTRONICS LTD...
BCV27 SEMTECH_ELEC-BCV27 Datasheet
131Kb / 2P
   NPN Darlington Transistors
logo
NXP Semiconductors
BCV29 NXP-BCV29 Datasheet
124Kb / 8P
   NPN Darlington transistors
2004 Dec 06
BSP50 NXP-BSP50 Datasheet
126Kb / 7P
   NPN Darlington transistors
1999 Apr 23
logo
Nexperia B.V. All right...
BCV29 NEXPERIA-BCV29_49 Datasheet
123Kb / 8P
   NPN Darlington transistors
2004 Dec 06
logo
NXP Semiconductors
BC875 NXP-BC875_04 Datasheet
60Kb / 7P
   NPN Darlington transistors
2004 Nov 05
logo
Microsemi Corporation
PTC401P MICROSEMI-PTC401P Datasheet
344Kb / 3P
   NPN Darlington Transistors
logo
NXP Semiconductors
PMBTA13 NXP-PMBTA13 Datasheet
110Kb / 7P
   NPN Darlington transistors
2004 Jan 22
BCV29 PHILIPS-BCV29_15 Datasheet
124Kb / 8P
   NPN Darlington transistors
2004 Dec 06
logo
SHIKUES Electronics
BCV47 SKTECHNOLGY-BCV47 Datasheet
916Kb / 2P
   NPN Darlington Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com