Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8240YRM Datasheet(PDF) 3 Page - Analog Devices

No. de pieza AD8240YRM
Descripción Electrónicos  LED Driver/Monitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8240YRM Datasheet(HTML) 3 Page - Analog Devices

  AD8240YRM Datasheet HTML 1Page - Analog Devices AD8240YRM Datasheet HTML 2Page - Analog Devices AD8240YRM Datasheet HTML 3Page - Analog Devices AD8240YRM Datasheet HTML 4Page - Analog Devices AD8240YRM Datasheet HTML 5Page - Analog Devices AD8240YRM Datasheet HTML 6Page - Analog Devices AD8240YRM Datasheet HTML 7Page - Analog Devices AD8240YRM Datasheet HTML 8Page - Analog Devices AD8240YRM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD8240
Rev. 0 | Page 3 of 12
SPECIFICATIONS
TA = operating temperature range, VPLUS = 13.5 V, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
VO
5 V Reference = 5 V
12
V
VO Regulation1 at 25°C
VPLUS = 13 V to 27 V
−3
±1
+3
%
VO Regulation2 -40°C to 125°C
VPLUS = 13 V to 27 V
−6
±2
+6
%
IOUT3
RSHUNT = 0.4 Ω
500
mA
VO Rise Time
IOUT = 250 mA, CM = 22 nF, CL = 47 nF
12
µs
VSENSE Gain
24
VSENSE Accuracy
−7
±3
+7
%
VSENSE Output Impedance
8
10
12
kΩ
Base Drive
15
mA
PWM Turn-On Threshold
3.5
V
PWM Turn-Off Threshold
1.4
V
VSENSE Latch-Off Threshold4
0
0.1
0.3
V
Latch-Off Delay5
2
µs
PWM Frequency Range
DC
500
Hz
CM
22
nF
CLOAD Range
CL = 47 nF
−30
+30
%
Operating Current6
VPLUS > 13 V
360
µA
VPLUS Operating Range
9
27
V
Shutdown Current
PWM low
10
µA
5 V Reference Current
160
200
240
µA
Operating Temperature Range
−40
+125
°C
1 VO = 12/5 of the applied reference voltage ±1% typical. Minimum VPLUS voltage for regulation depends on the external transistor Vbe and the shunt voltage.
2 VO = 12/5 of the applied reference voltage ±2% typical. Minimum VPLUS voltage for regulation depends on the external transistor Vbe and the shunt voltage.
3 The maximum output current level is set by the selection of the current shunt and power transistor.
4 (VSENSE – 5 V Reference) The latch-off level is determined by the output level of the sense amplifier. When the amplifier output approaches 5 V, the output is latched off.
This allows the maximum current output level to be determined by the shunt resistor value. Latch-off can be restored to on by cycling the PWM input off and back on.
5 Internal delay only. The external delay depends on the external capacitor values, LED string impedance, and wiring inductance.
6 This specifies VPLUS only—ground current includes external transistor base drive.


Número de pieza similar - AD8240YRM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8240 AD-AD8240_15 Datasheet
224Kb / 12P
   LED Driver/Monitor
REV. 0
More results

Descripción similar - AD8240YRM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8240 AD-AD8240_15 Datasheet
224Kb / 12P
   LED Driver/Monitor
REV. 0
logo
Texas Instruments
TLC5960 TI-TLC5960 Datasheet
682Kb / 33P
[Old version datasheet]   Eight-Channel LED Driver with Intelligent Headroom Voltage Monitor (iHVM)
TLS2205 TI-TLS2205 Datasheet
775Kb / 31P
[Old version datasheet]   VOICE - COIL MOTOR DRIVER, SPINDLE - MOTOR DRIVER, AND VOLTAGE MONITOR
logo
Linear Technology
LT3796 LINER-LT3796 Datasheet
331Kb / 8P
   100V LED Controller with Current Monitor
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
   LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
[Old version datasheet]   LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
[Old version datasheet]   LED DRIVER
TLC5922 TI1-TLC5922_14 Datasheet
378Kb / 19P
[Old version datasheet]   LED DRIVER
logo
Dialog Semiconductor
SLG7NT4082 DIALOG-SLG7NT4082 Datasheet
372Kb / 9P
   LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com