Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BF1105 Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza BF1105
Descripción Electrónicos  N-channel dual-gate MOS-FETs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF1105 Datasheet(HTML) 5 Page - NXP Semiconductors

  BF1105 Datasheet HTML 1Page - NXP Semiconductors BF1105 Datasheet HTML 2Page - NXP Semiconductors BF1105 Datasheet HTML 3Page - NXP Semiconductors BF1105 Datasheet HTML 4Page - NXP Semiconductors BF1105 Datasheet HTML 5Page - NXP Semiconductors BF1105 Datasheet HTML 6Page - NXP Semiconductors BF1105 Datasheet HTML 7Page - NXP Semiconductors BF1105 Datasheet HTML 8Page - NXP Semiconductors BF1105 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1997 Dec 02
5
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FETs
BF1105; BF1105R; BF1105WR
Fig.5 Output characteristics; typical values.
VG2-S =4V.
Tj =25 °C.
handbook, halfpage
024
8
25
0
20
MGM244
6
15
10
5
ID
(mA)
VDS (V)
1.6 V
1.5 V
1.4 V
VG1 = 1.7 V
1.3 V
1.2 V
1.1 V
1 V
Fig.6 Transfer characteristics; typical values.
VDS =5V.
Tj =25 °C.
handbook, halfpage
0
40
20
30
10
0
0.5
2.5
MGM245
1
1.5
2
VG1 (V)
ID
(mA)
3 V
2 V
1 V
VG2-S = 4 V 3.5 V
2.5 V
1.5 V
Fig.7
Forward transfer admittance as a function
of drain current; typical values.
VDS =5V.
Tj =25 °C.
handbook, halfpage
0
102030
40
30
10
0
20
MGM246
ID (mA)
yfs
(mS)
3.5 V
3 V
2.5 V
2 V
VG2-S = 4 V
Fig.8
Drain current as a function of gate 2
voltage; typical values.
handbook, halfpage
0
16
8
12
4
0
15
MGM247
23
4
ID
(mA)
VG2-S (V)
(1) (2)
(3)
(4) (5)
(1) VDS =5V.
(2) VDS = 4.5 V.
(3) VDS =4V.
(4) VDS = 3.5 V.
(5) VDS =3V.


Número de pieza similar - BF1105

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BF1105 NXP-BF1105 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BF1105R NXP-BF1105R Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BF1105WR NXP-BF1105WR Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Quanzhou Jinmei Electro...
BF1105 JMNIC-BF1105_15 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
More results

Descripción similar - BF1105

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Quanzhou Jinmei Electro...
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
logo
Quanzhou Jinmei Electro...
BF1212_2015 JMNIC-BF1212_2015 Datasheet
136Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF1101R-215 NXP-BF1101R-215 Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1109 JMNIC-BF1109_15 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
BF1211 JMNIC-BF1211_15 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 PHILIPS-BF904 Datasheet
111Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 17
BF904A PHILIPS-BF904A Datasheet
114Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1211_2015 JMNIC-BF1211_2015 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904_07 Datasheet
309Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com