Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BF1202 Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza BF1202
Descripción Electrónicos  N-channel dual-gate PoLo MOS-FETs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF1202 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BF1202 Datasheet HTML 2Page - NXP Semiconductors BF1202 Datasheet HTML 3Page - NXP Semiconductors BF1202 Datasheet HTML 4Page - NXP Semiconductors BF1202 Datasheet HTML 5Page - NXP Semiconductors BF1202 Datasheet HTML 6Page - NXP Semiconductors BF1202 Datasheet HTML 7Page - NXP Semiconductors BF1202 Datasheet HTML 8Page - NXP Semiconductors BF1202 Datasheet HTML 9Page - NXP Semiconductors BF1202 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
2000 Mar 29
6
Philips Semiconductors
Product specification
N-channel dual-gate PoLo MOS-FETs
BF1202; BF1202R;
BF1202WR
handbook, halfpage
050
20
0
4
8
12
16
10
20
30
40
IG1 (µA)
ID
(mA)
MCD956
Fig.9
Drain current as a function of gate 1 current;
typical values.
VDS = 5 V; VG2-S =4V.
Tj =25 °C.
handbook, halfpage
0
VGG (V)
15
16
12
4
0
8
23
4
MCD957
ID
(mA)
Fig.10 Drain current as a function of gate 1 supply
voltage (= VGG); typical values.
VDS = 5 V; VG2-S = 4 V; Tj =25 °C.
RG1 = 120 kΩ (connected to VGG); see Fig.21.
handbook, halfpage
024
6
VGG = VDS (V)
ID
(mA)
20
0
16
12
8
4
MCD958
RG1 = 68 kΩ
82 k
100 k
120 k
150 k
220 k
180 k
Fig.11 Drain current as a function of gate 1 (= VGG)
and drain supply voltage; typical values.
VG2-S = 4 V; Tj =25 °C.
RG1 connected to VGG; see Fig.21.
handbook, halfpage
02
46
16
12
4
0
8
MCD959
VG2-S (V)
ID
(mA)
4.5 V
4 V
3 V
VGG = 5 V
3.5 V
VDS = 5 V; Tj =25 °C.
RG1 = 120 kΩ (connected to VGG); see Fig.21.
Fig.12 Drain current as a function of gate 2
voltage; typical values.


Número de pieza similar - BF1202

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BF1202 NXP-BF1202 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BF1202 NXP-BF1202 Datasheet
189Kb / 15P
   N-channel dual-gate PoLo MOS-FETs
2010 Sep 16
BF1202.215 NXP-BF1202.215 Datasheet
189Kb / 15P
   N-channel dual-gate PoLo MOS-FETs
2010 Sep 16
BF1202R NXP-BF1202R Datasheet
189Kb / 15P
   N-channel dual-gate PoLo MOS-FETs
2010 Sep 16
BF1202R NXP-BF1202R Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Descripción similar - BF1202

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Quanzhou Jinmei Electro...
BF1202_2015 JMNIC-BF1202_2015 Datasheet
129Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
logo
NXP Semiconductors
BF1201 PHILIPS-BF1201 Datasheet
113Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
2000 Mar 29
BF1202 NXP-BF1202_10 Datasheet
189Kb / 15P
   N-channel dual-gate PoLo MOS-FETs
2010 Sep 16
logo
Quanzhou Jinmei Electro...
BF1202 JMNIC-BF1202_15 Datasheet
129Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
BF1201_2015 JMNIC-BF1201_2015 Datasheet
127Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
logo
NXP Semiconductors
BF1202.215 NXP-BF1202.215 Datasheet
189Kb / 15P
   N-channel dual-gate PoLo MOS-FETs
2010 Sep 16
logo
Quanzhou Jinmei Electro...
BF1201 JMNIC-BF1201_15 Datasheet
127Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com