Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SH-A3681-FREQ Datasheet(PDF) 2 Page - Nel Frequency Controls,inc

No. de pieza SH-A3681-FREQ
Descripción Electrónicos  Frequency Range: 60.0 MHz to 200.0 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEL [Nel Frequency Controls,inc]
Página de inicio  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

SH-A3681-FREQ Datasheet(HTML) 2 Page - Nel Frequency Controls,inc

  SH-A3681-FREQ Datasheet HTML 1Page - Nel Frequency Controls,inc SH-A3681-FREQ Datasheet HTML 2Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Operating Conditions and Output Characteristics
Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typical
Max
Frequency
60.0 MHz
200.0 MHz
Duty Cycle
@VO /2
45/55%
55/45%
Logic 0
VOL
VCC -1.810 Vdc
VCC -1.620 Vdc
Logic 1
VOH
VCC -1.200 Vdc
VCC -0.880 Vdc
Rise & Fall Time
tr, tf
20-80% VO
1.25 ns
Jitter, RMS(1)
3 psec
Absolute Pull Range(4)
APR
VCO = 0.3 to 3.0V
±100ppm
VCO Input Impedance
50na dc current max
100K ohm
VCO Linearity
VCO = 0.3 to 3.0V
10%
Transfer Function(2)
VCO = 0.3 to 3.0V
Positive
General Characteristics
Parameter
Symbol
Conditions
Min
Typical
Max
Supply Voltage
VCC -VEE
3.3V ±5%
3.135 V
3.3 V
3.465 V
Supply Current
ICC
120 mA
Output Current
IO
0.0 mA
±50.0 mA
Operating Temperature
TA
0ºC
70ºC
Storage Temperature
TS
-55ºC
125ºC
Power Dissipation
PD
416 mW
Lead Temperature
TL
Soldering, 10 sec.
300ºC
Load
50 ohm to VCC-2V or Thevenin Equivalent, Bias Required
Environmental and Mechanical Characteristics
Mechanical Shock
Per MIL-STD-202, Method 213, Condition E
Thermal Shock
Per MIL-STD-833, Method 1011, Condition A
Vibration
0.060" double amplitude 10 Hz to 55 Hz, 35g’s 55 Hz to 2000 Hz
Soldering Condition
300ºC for 10 seconds
Hermetic Seal
Leak rate less than 1 x 10-8 atm.cc/sec of helium
Footnotes:
1) Jitter performance is frequency dependent. Please contact factory for full Wavecrest characterization.
RMS jitter bandwidth of 12kHz to 20MHz.
2) Frequency increase with increase in control voltage and is monotonic.
3) Logic levels are dependant on specified load of 50 ohms to Vcc-2 volts
4) Pullability is frequency dependant. Consult factory.
VCXO Series (PECL)
SH-A368X Series Rev B
Frequency Range: 60.0 MHz to 200.0 MHz
D4


Número de pieza similar - SH-A3681-FREQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nel Frequency Controls,...
SH-A3200 NEL-SH-A3200 Datasheet
179Kb / 2P
   VCXO Series (CMOS)
SH-A3200-FREQ NEL-SH-A3200-FREQ Datasheet
179Kb / 2P
   VCXO Series (CMOS)
SH-A3201-FREQ NEL-SH-A3201-FREQ Datasheet
179Kb / 2P
   VCXO Series (CMOS)
SH-A3209-FREQ NEL-SH-A3209-FREQ Datasheet
179Kb / 2P
   VCXO Series (CMOS)
SH-A320B-FREQ NEL-SH-A320B-FREQ Datasheet
179Kb / 2P
   VCXO Series (CMOS)
More results

Descripción similar - SH-A3681-FREQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nel Frequency Controls,...
SD-A3670 NEL-SD-A3670 Datasheet
210Kb / 2P
   Frequency Range: 70.0 MHz to 200.0 MHz
logo
Vectron International, ...
MQF60-0-0400-02 VECTRON-MQF60-0-0400-02 Datasheet
33Kb / 1P
   Nominal centre frequency fo: 60.0 MHz
logo
Pasternack Enterprises,...
PE15A9001 PASTERNACK-PE15A9001 Datasheet
419Kb / 5P
   50 MHz to 1000 MHz Frequency Range
logo
Nel Frequency Controls,...
PJ-0A20X NEL-PJ-0A20X Datasheet
184Kb / 2P
   Frequency Range: 10.0 MHz to 52.0 MHz
logo
Pasternack Enterprises,...
PE15B5002 PASTERNACK-PE15B5002 Datasheet
579Kb / 7P
   30 MHz to 3000 MHz Frequency Range
logo
Nel Frequency Controls,...
SJ-A1440 NEL-SJ-A1440 Datasheet
290Kb / 2P
   Frequency Range: 10.0 MHz to 250.0 MHz
SK-A2910 NEL-SK-A2910 Datasheet
336Kb / 2P
   Frequency Range: 100.0 MHz to 320.0 MHz
SC-B1420 NEL-SC-B1420 Datasheet
206Kb / 2P
   Frequency Range: 1.0 MHz to 80.0 MHz
SJ-A1420 NEL-SJ-A1420 Datasheet
291Kb / 2P
   Frequency Range: 1.0 MHz to 80.0 MHz
logo
Integrated Technology F...
260911B ITF-260911B Datasheet
160Kb / 2P
   200.0 MHz SAW Filter
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com