Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


SD-B29KHCF-FREQ Datasheet(Hoja de datos) 3 Page - Nel Frequency Controls,inc

No. de Pieza. SD-B29KHCF-FREQ
Descripción  LVPECL UHF CLOCK (XO)
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NEL [Nel Frequency Controls,inc]
Página de inicio  http://www.nelfc.com
Logo 

   
 3 page
background image
CRYSTAL CLOCK OSCILLATORS
Rev. B
SD-X29KXXX Series
Continued
LVPECL UHF CLOCK (XO)
Electrical Connection
Pin
Connection
1
Enable/Disable
2
N.C.
3
V
EE /Ground
4
Output
5
/Output
6
V
CC
Environmental and Mechanical Characteristics
Operating temp.
range
see part # table
Mechanical Shock
Per MIL-STD-202, Method 213, Cond. E
Thermal Shock
Per MIL-STD-883, Method 1011, Cond. A
Vibration
Per MIL-STD-883, Method 2007, Cond. A
Hermetic Seal
Leak rate less than 1x10-8 atm.cc/s of helium
Soldering conditions
See MAX reflow profile below
Maximum Reflow Profile
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com www.nelfc.com




Html Pages

1  2  3 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
AA-X29LXXXLVPECL HF/UHF CLOCK XO 1 2 3 Nel Frequency Controls,inc
SD-A29JXXXLVPECL UHF CLOCK XO 1 2 3 Nel Frequency Controls,inc
ICS84326CRYSTAL-TO-3.3V LVPECL SERIAL ATTACHED SCSI CLOCK SYNTHESIZER/FANOUT BUFFER 1 2 3 4 5 MoreIntegrated Circuit Systems
MAX9317-MAX9317CDual 1:5 Differential Clock Drivers with LVPECL Inputs and LVDS Outputs 1 2 3 4 5 MoreMaxim Integrated Products
SY89538L3.3V PRECISION LVPECL AND LVDS PROGRAMMABLE MULTIPLE OUTPUT BANK CLOCK SYNTHESIZER AND FANOUT BUFFER WITH ZERO DELAY 1 2 3 4 5 MoreMicrel Semiconductor
MC100ES62262.5/3.3V Differential LVPECL 1:9 Clock Distribution Buffer and Clock Divider 1 2 3 4 5 MoreMotorola, Inc
MPC9239900 MHz Low Voltage LVPECL Clock Synthesizer 1 2 3 4 5 MoreFreescale Semiconductor, Inc
ICS8530544:1 DIFFERENTIAL-TO-3.3V OR 2.5V LVPECL/ECL CLOCK MULTIPLEXER 1 2 3 4 5 MoreIntegrated Circuit Systems
AA-A2D6XXXLVDS HF/UHF CLOCK XO 1 2 3 Nel Frequency Controls,inc
NB4L62542.5V / 3.3V Differential LVPECL 2x2 Clock Switch and Low Skew Fanout Buffer 1 2 3 4 5 MoreON Semiconductor

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl