Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SD-A2D5HDH-FREQ Datasheet(PDF) 3 Page - Nel Frequency Controls,inc |
|
SD-A2D5HDH-FREQ Datasheet(HTML) 3 Page - Nel Frequency Controls,inc |
3 / 3 page Rev. - CRYSTAL CLOCK OSCILLATORS SD-A2D5XXX Series Continued LVDS UHF CLOCK (XO) Electrical Connection Pin Connection 1 Enable/Disable 2 N.C. 3 V EE /Ground 4 Output 5 /Output 6 V CC Environmental and Mechanical Characteristics Operating temp. range see part # table Mechanical Shock Per MIL-STD-202, Method 213, Cond. E Thermal Shock Per MIL-STD-883, Method 1011, Cond. A Vibration Per MIL-STD-883, Method 2007, Cond. A Hermetic Seal Leak rate less than 1x10-8 atm.cc/s of helium Soldering conditions See MAX reflow profile below Maximum Reflow Profile 357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881 Email: nelsales@nelfc.com www.nelfc.com |
Número de pieza similar - SD-A2D5HDH-FREQ |
|
Descripción similar - SD-A2D5HDH-FREQ |