Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADIS16204BCCZ Datasheet(PDF) 1 Page - Analog Devices

No. de pieza ADIS16204BCCZ
Descripción Electrónicos  Programmable Dual Axis Digital Accelerometer and Impact Sensor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADIS16204BCCZ Datasheet(HTML) 1 Page - Analog Devices

  ADIS16204BCCZ Datasheet HTML 1Page - Analog Devices ADIS16204BCCZ Datasheet HTML 2Page - Analog Devices ADIS16204BCCZ Datasheet HTML 3Page - Analog Devices ADIS16204BCCZ Datasheet HTML 4Page - Analog Devices ADIS16204BCCZ Datasheet HTML 5Page - Analog Devices ADIS16204BCCZ Datasheet HTML 6Page - Analog Devices ADIS16204BCCZ Datasheet HTML 7Page - Analog Devices ADIS16204BCCZ Datasheet HTML 8Page - Analog Devices ADIS16204BCCZ Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Programmable Dual Axis Digital
Accelerometer and Impact Sensor
Preliminary Technical Data
ADIS16204
Rev. PrA
10/10/2006 4:24 AM
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Dual-axis impact sensing
Dual-axis acceleration sensing, +70g, +35g
14-bit resolution
17.1 mg/LSB, 8.55mg/LSB sensitivity
Impact peak-level sample and hold
Programmable Event Recorder
400Hz double-pole Bessel sensor response
12-bit digital temperature sensor output
Digitally controlled sensitivity and bias
Digitally controlled sample rate, up to 4096 SPS
Dual alarm settings with programmable threshold limits
Auxiliary digital I/O
Digitally activated self test
Digitally activated low power mode
SPI®-compatible serial interface
Auxiliary 12-bit ADC input and DAC output
Single-supply operation: 3.0 V to +3.6 V
3500 g powered shock survivability
APPLICATIONS
Impact detection
Condition monitoring
Safety Systems
Shock sensor
FUNCTIONAL BLOCK DIAGRAM
Inertial
MEMS
Sensor
Self-Test
Temperature
Sensor
Signal
Conditioning
&
Conversion
Digital
Processing
Digital
Control
Aux
I/O
Alarms
Power
Management
SPI
Port
VDD
COM
AUX
DAC VREF
AUX
ADC
DIO0 DIO1
RST
CS
SCLK
DIN
DOUT
Figure 1.
GENERAL DESCRIPTION
The ADIS16204 is a programmable impact sensor in a single
compact package enabled by the Analog Devices iSensor™
integration. By enhancing the Analog Devices iMEMS® sensor
technology with an embedded signal processing solution, the
ADIS16204 provides tunable digital sensor data in a convenient
format that can be accessed using a serial peripheral interface
(SPI). The SPI interface provides access to measurements for
dual-axis linear acceleration, a root-sum-square (RSS) of both
axes, temperature, power supply, and one auxiliary analog
input. Easy access to digital sensor data provides developers
with a system-ready device, reducing development time, cost,
and program risk.
Unique characteristics of the end system are accommodated
easily through several built-in features, such as a single
command in-system offset calibration, along with convenient
sample rate control.
The ADIS16204 offers the following embedded features, which
eliminate the need for external circuitry and provide a simplified
system interface:
Peak sample and hold
Programmable Event Recording
Configurable trigger levels
Auxiliary 12-bit ADC and DAC
Configurable digital I/O port
Digital self-test function
The ADIS16204 offers two power management features for
managing system-level power dissipation: low power mode and
a configurable shutdown feature.
The ADIS16204 is available in a 9.2 mm × 9.2 mm × 3.9 mm
laminate-based land grid array (LGA) package with a
temperature range of −40°C to +105°C.


Número de pieza similar - ADIS16204BCCZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADIS16204BCCZ AD-ADIS16204BCCZ Datasheet
554Kb / 24P
   Programmable High-g Digital Impact Sensor and Recorder
REV. 0
More results

Descripción similar - ADIS16204BCCZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADIS16201 AD-ADIS16201_V01 Datasheet
103Kb / 4P
   Programmable Dual-Axis Inclinometer/Accelerometer
Rev. A
ADIS16201 AD-ADIS16201_15 Datasheet
552Kb / 32P
   Programmable Dual-Axis Inclinometer/Accelerometer
REV. C
ADIS16201 AD-ADIS16201 Datasheet
552Kb / 32P
   Programmable Dual-Axis Inclinometer/Accelerometer
REV. C
logo
Freescale Semiconductor...
MMA6222EG FREESCALE-MMA6222EG Datasheet
377Kb / 34P
   Digital Dual Axis Micromachined Accelerometer
MMA6222KEG FREESCALE-MMA6222KEG Datasheet
383Kb / 34P
   Digital Dual Axis Micromachined Accelerometer
logo
Analog Devices
ADIS16209 AD-ADIS16209 Datasheet
286Kb / 16P
   High-Accuracy, Dual-Axis Digital Inclinometer and Accelerometer
Rev. PrA
ADIS16209 AD-ADIS16209_08 Datasheet
450Kb / 16P
   High-Accuracy, Dual-Axis Digital Inclinometer and Accelerometer
REV. 0
logo
JL World Company Limite...
MTX2-02G JLWORLD-MTX2-02G Datasheet
720Kb / 4P
   Dual Axis Accelerometer
logo
STMicroelectronics
LSM303DLH STMICROELECTRONICS-LSM303DLH Datasheet
591Kb / 47P
   Sensor module: 3-axis accelerometer and 3-axis magnetometer
LSM303DLHTR STMICROELECTRONICS-LSM303DLHTR Datasheet
608Kb / 47P
   Sensor module: 3-axis accelerometer and 3-axis magnetometer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com