Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BF510 Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza BF510
Descripción Electrónicos  N-channel silicon field-effect transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF510 Datasheet(HTML) 2 Page - NXP Semiconductors

  BF510 Datasheet HTML 1Page - NXP Semiconductors BF510 Datasheet HTML 2Page - NXP Semiconductors BF510 Datasheet HTML 3Page - NXP Semiconductors BF510 Datasheet HTML 4Page - NXP Semiconductors BF510 Datasheet HTML 5Page - NXP Semiconductors BF510 Datasheet HTML 6Page - NXP Semiconductors BF510 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
December 1997
2
Philips Semiconductors
Product specification
N-channel silicon field-effect transistors
BF510 to 513
DESCRIPTION
Asymmetrical N-channel planar
epitaxial junction field-effect
transistors in the miniature plastic
envelope intended for applications up
to the v.h.f. range in hybrid thick and
thin-film circuits. Special features are
the low feedback capacitance and the
low noise figure. These features
make the product very suitable for
applications such as the r.f. stages in
f.m. portables (BF510), car radios
(BF511) and mains radios (BF512) or
the mixer stage (BF513).
PINNING - SOT23
1
= gate
2
= drain
3
= source
MARKING CODE
BF510 = S6p
BF511 = S7p
BF512 = S8p
BF513 = S9p
Fig.1 Simplified outline and symbol.
handbook, halfpage
12
g
d
s
3
Top view
MAM385
QUICK REFERENCE DATA
Drain-source voltage
VDS
max.
20
V
Drain current (DC or average)
ID
max.
30
mA
Total power dissipation
up to Tamb =40 °CPtot
max.
250
mW
BF510
511
512
513
Drain current
>
0.7
2.5
6
10 mA
VDS = 10 V; VGS = 0
IDSS
<
3.0
7.0
12
18 mA
Transfer admittance (common source)
VDS = 10 V; VGS = 0; f = 1 kHz
 yfs >
2.5
4
6
7 mS
Feedback capacitance
VDS = 10 V; VGS =0
Crs
typ.
0.3
0.3
−− pF
VDS = 10 V; ID = 5 mA
Crs
typ.
−−
0.3
0.3 pF
Noise figure at optimum source admittance
GS = 1 mS; −BS = 3 mS; f = 100 MHz
VDS = 10 V; VGS = 0
F
typ.
1.5
1.5
−− dB
VDS = 10 V; ID = 5 mA
F
typ.
−−
1.5
1.5 dB


Número de pieza similar - BF510

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BF510 NXP-BF510 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Quanzhou Jinmei Electro...
BF510 JMNIC-BF510_15 Datasheet
40Kb / 7P
   N-channel silicon field-effect transistors
BF510_2015 JMNIC-BF510_2015 Datasheet
40Kb / 7P
   N-channel silicon field-effect transistors
More results

Descripción similar - BF510

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BC264A PHILIPS-BC264A Datasheet
294Kb / 6P
   N-CHANNEL SILICON FIELD-EFFECT TRANSISTORS
December 1990
logo
New Jersey Semi-Conduct...
J111 NJSEMI-J111 Datasheet
454Kb / 2P
   N-channel silicon field-effect transistors
logo
NXP Semiconductors
BF245A NXP-BF245A Datasheet
307Kb / 13P
   N-channel silicon field-effect transistors
1996 Jul 30
BF245A PHILIPS-BF245A Datasheet
97Kb / 11P
   N-channel silicon field-effect transistors
1996 Jul 30
PMBFJ308 PHILIPS-PMBFJ308 Datasheet
98Kb / 12P
   N-channel silicon field-effect transistors
1996 Sep 11
logo
Quanzhou Jinmei Electro...
BF245A JMNIC-BF245A_15 Datasheet
73Kb / 11P
   N-channel silicon field-effect transistors
logo
NXP Semiconductors
PN4391 PHILIPS-PN4391 Datasheet
36Kb / 6P
   N-channel silicon field-effect transistors
April 1989
J111 PHILIPS-J111 Datasheet
35Kb / 6P
   N-channel silicon field-effect transistors
July 1993
BF410A PHILIPS-BF410A Datasheet
36Kb / 6P
   N-channel silicon field-effect transistors
December 1990
logo
Quanzhou Jinmei Electro...
BF245A_2015 JMNIC-BF245A_2015 Datasheet
73Kb / 11P
   N-channel silicon field-effect transistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com