Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5532B Datasheet(PDF) 11 Page - Analog Devices

No. de pieza AD5532B
Descripción Electrónicos  32-Channel, 14-Bit DAC with Precision Infinite Sample-and-Hold Mode
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5532B Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5532B Datasheet HTML 7Page - Analog Devices AD5532B Datasheet HTML 8Page - Analog Devices AD5532B Datasheet HTML 9Page - Analog Devices AD5532B Datasheet HTML 10Page - Analog Devices AD5532B Datasheet HTML 11Page - Analog Devices AD5532B Datasheet HTML 12Page - Analog Devices AD5532B Datasheet HTML 13Page - Analog Devices AD5532B Datasheet HTML 14Page - Analog Devices AD5532B Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
REV. A
AD5532B
–11–
FUNCTIONAL DESCRIPTION
The AD5532B can be thought of as consisting of 32 DACs and
an ADC (for ISHA mode) in a single package. In DAC mode,
a 14-bit digital word is loaded into one of the 32 DAC registers
via the serial interface. This is then converted (with gain and
offset) into an analog output voltage (VOUT0–VOUT31).
To update a DAC’s output voltage, the required DAC is addressed
via the serial port. When the DAC address and code have been
loaded, the selected DAC converts the code.
On power-on, all the DACs, including the offset channel, are
loaded with zeros. Each of the 33 DACs is offset internally by
50 mV (typ) from GND so the outputs VOUT0 to VOUT31 are
50 mV (typ) on power-on if the OFFS_IN pin is driven directly by
the on-board offset channel (OFFS_OUT), i.e., if OFFS_IN =
OFFS_OUT = 50 mV = > VOUT = (Gain
× VDAC) – (Gain –1) ×
VOFFS_IN = 50 mV.
Output Buffer Stage—Gain and Offset
The function of the output buffer stage is to translate the 50 mV–3 V
typical output of the DAC to a wider range. This is done by
gaining up the DAC output by 3.52 and offsetting the voltage
by the voltage on OFFS_IN pin.
VV
V
OUT
DAC
OFFS
IN
×
352
252
.– .
_
VDAC is the output of the DAC.
VOFFS_IN is the voltage at the OFFS_IN pin.
Table I shows how the output range on VOUT relates to the offset
voltage supplied by the user:
Table I. Sample Output Voltage Ranges
VOFFS_IN
VDAC (Typ)
VOUT (Typ)
(V)
(V)
(V)
0
0.05 to 3
0.176 to 10.56
1
0.05 to 3
–2.34 to +8.04
2.130
0.05 to 3
–5.192 to +5.192
VOUT is limited only by the headroom of the output amplifiers.
VOUT must be within maximum ratings.
Offset Voltage Channel
The offset voltage can be externally supplied by the user at
OFFS_IN or it can be supplied by an additional offset voltage
channel on the device itself. The offset can be set up in two ways.
In ISHA mode the required offset voltage is set up on VIN
and acquired by the offset channel. In DAC mode, the code
corresponding to the offset value is loaded directly into the
offset DAC. This offset channel’s DAC output is directly
connected to the OFFS_OUT pin. By connecting OFFS_OUT to
OFFS_IN this offset voltage can be used as the offset voltage
for the 32 output amplifiers. The offset must be chosen so
that VOUT is within maximum ratings.
Reset Function
The reset function on the AD5532B can be used to reset all nodes
on this device to their power-on-reset condition. This is imple-
mented by applying a low going pulse of between 90 ns and 200 ns
to the
TRACK/RESET pin on the device. If the applied pulse is
less than 90 ns, it is assumed to be a glitch and no operation
takes place. If the applied pulse is wider than 200 ns, this pin
adopts its track function on the selected channel, VIN is switched
to the output buffer, and an acquisition on the channel will not
occur until a rising edge of
TRACK.
ISHA Mode
In ISHA mode the input voltage VIN is sampled and converted
into a digital word. The noninverting input to the output buffer
(gain and offset stage) is tied to VIN during the acquisition period
to avoid spurious outputs while the DAC acquires the correct
code. This is completed in 16
µs max. At this time, the updated
DAC output assumes control of the output voltage. The output
voltage of the DAC is connected to the noninverting input of
the output buffer. Since the channel output voltage is effectively
the output of a DAC, there is no droop associated with it. As
long as power is maintained to the device, the output voltage
will remain constant until this channel is addressed again. Since
the internal DACs are offset by 70 mV (max) from GND, the
minimum VIN in ISHA mode is 70 mV. The maximum VIN is
2.96 V due to the upper dead band of 40 mV (max).
Analog Input (ISHA Mode)
The equivalent analog input circuit is shown in Figure 8. The
capacitor C1 is typically 20 pF and can be attributed to pin
capacitance and 32 off-channels. When a channel is selected, an
extra 7.5 pF (typ) is switched in. This capacitor C2 is charged
to the previously acquired voltage on that particular channel
so it must charge/discharge to the new level. It is essential that the
external source can charge/discharge this additional capacitance
within 1
µs to 2 µs of channel selection so that V
IN can be
acquired accurately. For this reason a low impedance source
is recommended.
VIN
C1
20pF
C2
7.5pF
ADDRESSED
CHANNEL
Figure 8. Analog Input Circuit
Large source impedances will significantly affect the performance
of the ADC. This may necessitate the use of an input buffer
amplifier.
TRACK Function (ISHA Mode)
Normally in ISHA mode of operation,
TRACK is held high and
the channel begins to acquire when it is addressed. However, if
TRACK is low when the channel is addressed, V
IN is switched to
the output buffer and an acquisition on the channel will not
occur until a rising edge of
TRACK. At this stage the BUSY pin
will go low until the acquisition is complete, at which point the
DAC assumes control of the voltage to the output buffer and
VIN is free to change again without affecting this output value.
This is useful in an application where the user wants to ramp up
VIN until VOUT reaches a particular level (Figure 9). VIN does
not need to be acquired continuously while it is ramping up.
TRACK can be kept low and only when V
OUT has reached its
desired voltage is
TRACK brought high. At this stage, the
acquisition of VIN begins.
In the example shown, a desired voltage is required on the output
of the pin driver. This voltage is represented by one input to a
comparator. The microcontroller/microprocessor ramps up the
input voltage on VIN through a DAC. TRACK is kept low
while the voltage on VIN ramps up so that VIN is not continu-
ally acquired. When the desired voltage is reached on the output


Número de pieza similar - AD5532B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5532BBC-1 AD-AD5532BBC-1 Datasheet
353Kb / 16P
   32-Channel Precision Infinite Sample-and-Hold
REV. A
More results

Descripción similar - AD5532B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5533B AD-AD5533B Datasheet
353Kb / 16P
   32-Channel Precision Infinite Sample-and-Hold
REV. A
AD5533B AD-AD5533B_15 Datasheet
229Kb / 16P
   32-Channel Precision Infinite Sample-and-Hold
REV. A
AD5533 AD-AD5533 Datasheet
224Kb / 16P
   32-Channel Infinite Sample-and-Hold
REV. 0
AD5533 AD-AD5533_15 Datasheet
288Kb / 16P
   32-Channel Infinite Sample-and-Hold
REV. A
logo
Maxim Integrated Produc...
DS4303 MAXIM-DS4303 Datasheet
421Kb / 8P
   Voltage Sample and Infinite Hold
Rev 0; 3/05
DS4305 MAXIM-DS4305 Datasheet
229Kb / 8P
   Sample-and-Infinite Hold Voltage Reference
Rev 0; 1/06
MAX5631 MAXIM-MAX5631 Datasheet
690Kb / 16P
   16-Bit DACs with 32-Channel Sample-and-Hold Outputs
Rev 3; 1/05
MAX5331 MAXIM-MAX5331 Datasheet
900Kb / 16P
   12-Bit DACs with 32-Channel Sample-and-Hold Outputs
19-3563; Rev 1; 5/05
MAX5631 MAXIM-MAX5631_06 Datasheet
690Kb / 16P
   16-Bit DACs with 32-Channel Sample-and-Hold Outputs
Rev 3; 1/05
logo
Analog Devices
AD883B AD-AD883B_15 Datasheet
297Kb / 7P
   Precision Sample and Hold with 16 Channel Multiplexer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com