Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPS2049DG4 Datasheet(PDF) 7 Page - Texas Instruments |
|
TPS2049DG4 Datasheet(HTML) 7 Page - Texas Instruments |
7 / 13 page www.ti.com APPLICATION INFORMATION 2,3 5 4 6,7,8 POWER-SUPPLY CONSIDERATIONS OVERCURRENT OC RESPONSE TPS2049 SLVS713 – OCTOBER 2006 Figure 6. Typical Application A 0.01- µF to 0.1-µF ceramic bypass capacitor between IN and GND, close to the device, is recommended. Placing a high-value electrolytic capacitor on the output pin(s) is recommended when the output load is heavy. This precaution reduces power-supply transients that may cause ringing on the input. Additionally, bypassing the output with a 0.01- µF to 0.1-µF ceramic capacitor improves the immunity of the device to short-circuit transients. A sense FET is employed to check for overcurrent conditions. Unlike current–sense resistors, sense FETs do not increase the series resistance of the current path. When an overcurrent condition is detected, the device maintains a constant output current and reduces the output voltage accordingly. Complete shutdown occurs only if the fault is present long enough to activate thermal limiting. Three possible overload conditions can occur. In the first condition, the output has been shorted before the device is enabled or before VI(IN) has been applied (see Figure 6). The TPS2049 senses the short and immediately switches into a constant-current output. In the second condition, a short or an overload occurs while the device is enabled. At the instant the overload occurs, very high currents may flow for a short period of time before the current-limit circuit can react. After the current-limit circuit has tripped (reached the overcurrent trip threshhold) the device switches into constant-current mode. In the third condition, the load has been gradually increased beyond the recommended operating current. The current is permitted to rise until the current-limit threshold is reached or until the thermal limit of the device is exceeded. The TPS2049 is capable of delivering current up to the current-limit threshold without damaging the device. Once the threshold has been reached, the device switches into its constant-current mode. The OC open-drain output is asserted (active low) when an overcurrent or overtemperature shutdown condition is encountered after a 10-ms deglitch timeout. The output remains asserted until the overcurrent or overtemperature condition is removed. Connecting a heavy capacitive load to an enabled device can cause a momentary overcurrent condition; however, no false reporting on OC occurs due to the 10-ms deglitch circuit. The TPS2049 is designed to eliminate false overcurrent reporting. The internal overcurrent deglitch eliminates the need for external components to remove unwanted pulses. OC is not deglitched when the switch is turned off due to an overtemperature shutdown. Figure 7. Typical Circuit for the OC Pin 7 Submit Documentation Feedback |
Número de pieza similar - TPS2049DG4 |
|
Descripción similar - TPS2049DG4 |