Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2049DRG4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2049DRG4
Descripción Electrónicos  SINGLE-CHANNEL 100 mA POWER SWITCH
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS2049DRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS2049DRG4 Datasheet HTML 5Page - Texas Instruments TPS2049DRG4 Datasheet HTML 6Page - Texas Instruments TPS2049DRG4 Datasheet HTML 7Page - Texas Instruments TPS2049DRG4 Datasheet HTML 8Page - Texas Instruments TPS2049DRG4 Datasheet HTML 9Page - Texas Instruments TPS2049DRG4 Datasheet HTML 10Page - Texas Instruments TPS2049DRG4 Datasheet HTML 11Page - Texas Instruments TPS2049DRG4 Datasheet HTML 12Page - Texas Instruments TPS2049DRG4 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
www.ti.com
GENERIC HOT-PLUG APPLICATIONS (see Figure 8)
DETAILED DESCRIPTION
POWER SWITCH
CHARGE PUMP
DRIVER
ENABLE (EN)
TPS2049
SLVS713 – OCTOBER 2006
APPLICATION INFORMATION (continued)
In many applications it may be necessary to remove modules or pc boards while the main unit is still operating.
These are considered hot-plug applications. Such implementations require the control of current surges seen by
the main power supply and the card being inserted. The most effective way to control these surges is to limit and
slowly ramp the current and voltage being applied to the card, similar to the way in which a power supply
normally turns on. Due to the controlled rise times and fall times of the TPS2049, these devices can be used to
provide a softer start-up to devices being hot-plugged into a powered system. The UVLO feature of the
TPS2049 also ensures the switch will be off after the card has been removed, and the switch will be off during
the next insertion. The UVLO feature insures a soft start with a controlled rise time for every insertion of the card
or module.
Figure 8. Typical Hot-Plug Implementation
By placing the TPS2049 between the VCC input and the rest of the circuitry, the input power reaches these
devices first after insertion. The typical rise time of the switch is approximately 1 ms, providing a slow voltage
ramp at the output of the device. This implementation controls system surge currents and provides a
hot-plugging mechanism for any device.
The power switch is an N-channel MOSFET with a low on-state resistance. Configured as a high-side switch,
the power switch prevents current flow from OUT to IN and IN to OUT when disabled. The power switch
supplies a minimum current of 90 mA.
An internal charge pump supplies power to the driver circuit and provides the necessary voltage to pull the gate
of the MOSFET above the source. The charge pump operates from input voltages as low as 2.7 V and requires
little supply current.
The driver controls the gate voltage of the power switch. To limit large current surges and reduce the associated
electromagnetic interference (EMI) produced, the driver incorporates circuitry that controls the rise times and fall
times of the output voltage.
The logic enable pin disables the power switch and the bias for the charge pump, driver, and other circuitry to
reduce the supply current. The supply current is reduced to less than 1
µA when a logic high is present on EN. A
logic zero input on EN restores bias to the drive and control circuits and turns the switch on. The enable input is
compatible with both TTL and CMOS logic levels.
9
Submit Documentation Feedback


Número de pieza similar - TPS2049DRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2041 TI-TPS2041 Datasheet
416Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2041 TI-TPS2041 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2041A TI-TPS2041A Datasheet
484Kb / 32P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2041A TI1-TPS2041A Datasheet
1,011Kb / 34P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2041AD TI-TPS2041AD Datasheet
484Kb / 32P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results

Descripción similar - TPS2049DRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Analogic Techn...
AAT4625 ANALOGICTECH-AAT4625 Datasheet
395Kb / 8P
   USB Single-Channel Power Switch
AAT4625 ANALOGICTECH-AAT4625_06 Datasheet
400Kb / 15P
   USB Single-Channel Power Switch
logo
HTC Korea TAEJIN Techno...
TJ2110 HTC-TJ2110 Datasheet
981Kb / 14P
   Single-Channel Power Distribution Switch
logo
Advanced Analog Technol...
AAT4625 AAT-AAT4625 Datasheet
400Kb / 15P
   USB Single-Channel Power Switch
logo
Fitipower Integrated Te...
FP6861C FITIPOWER-FP6861C Datasheet
606Kb / 16P
   Single-Channel Power Distribution Switch
logo
Taiwan Semiconductor Co...
TS2021 TSC-TS2021 Datasheet
392Kb / 8P
   0.5A Single Channel USB Power Switch
TS2023 TSC-TS2023 Datasheet
396Kb / 8P
   1A Single Channel USB Power Switch
TS2024 TSC-TS2024 Datasheet
395Kb / 8P
   1.5A Single Channel USB Power Switch
logo
Exar Corporation
SP2525A EXAR-SP2525A Datasheet
711Kb / 10P
   Single Channel USB Power Distribution Switch
logo
Diodes Incorporated
AP22802 DIODES-AP22802 Datasheet
552Kb / 14P
   SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com