Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BF547 Datasheet(PDF) 10 Page - NXP Semiconductors

No. de pieza BF547
Descripción Electrónicos  NPN 1 GHz wideband transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF547 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BF547 Datasheet HTML 3Page - NXP Semiconductors BF547 Datasheet HTML 4Page - NXP Semiconductors BF547 Datasheet HTML 5Page - NXP Semiconductors BF547 Datasheet HTML 6Page - NXP Semiconductors BF547 Datasheet HTML 7Page - NXP Semiconductors BF547 Datasheet HTML 8Page - NXP Semiconductors BF547 Datasheet HTML 9Page - NXP Semiconductors BF547 Datasheet HTML 10Page - NXP Semiconductors BF547 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
September 1995
10
Philips Semiconductors
Product specification
NPN 1 GHz wideband transistor
BF547
Table 3
Common base Y-parameters; VCB = 10 V; IE = −10 mA
Table 4
Common base Y-parameters; VCB = 10 V; IE = −15 mA
f (MHz)
Y11
Y21
Y12
Y22
REAL
(mS)
IMAG.
(mS)
REAL
(mS)
IMAG.
(mS)
REAL
(mS)
IMAG.
(mS)
REAL
(mS)
IMAG.
(mS)
40
189.0
−79.6
−185.5
83.0
−0.10
−0.3
−0.09
0.4
100
108.5
−99.0
−101.4
105.4
−0.30
−0.5
0.30
0.9
200
55.2
−76.2
−44.6
82.8
−0.50
−0.7
0.44
1.4
300
37.1
−59.0
−24.3
65.7
−0.50
−0.9
0.60
2.0
400
28.8
−47.6
−14.6
54.4
−0.60
−1.0
0.69
2.5
500
24.7
−40.2
−8.6
46.7
−0.60
−1.3
0.75
3.1
600
21.2
−35.0
−3.4
40.8
−0.60
−1.5
0.84
3.6
700
19.3
−31.0
−0.2
36.2
−0.60
−1.7
0.93
4.2
800
17.2
−27.5
2.6
31.1
−0.60
−1.9
1.00
4.7
900
16.4
−25.2
4.6
28.3
−0.60
−2.1
1.15
5.3
1000
15.8
−23.0
6.0
25.5
−0.60
−2.3
1.31
6.0
f (MHz)
Y11
Y21
Y12
Y22
REAL
(mS)
IMAG.
(mS)
REAL
(mS)
IMAG.
(mS)
REAL
(mS)
IMAG.
(mS)
REAL
(mS)
IMAG.
(mS)
40
206.5
−113.8
−202.6
118.1
−0.20
−0.3
0.2
0.5
100
104.3
−114.0
−96.4
120.1
−0.40
−0.5
0.4
0.9
200
53.1
−81.1
−41.7
87.7
−0.50
−0.7
0.6
1.4
300
35.9
−62.1
−22.0
68.6
−0.60
−0.8
0.7
2.0
400
28.1
−50.0
−12.5
56.9
−0.60
−1.1
0.8
2.5
500
23.4
−42.3
−6.1
48.2
−0.60
−1.3
0.8
3.1
600
20.1
−36.4
−1.2
41.6
−0.60
−1.5
0.9
3.6
700
18.2
−32.0
2.0
36.7
−0.60
−1.7
1.0
4.2
800
16.2
−28.2
4.5
31.3
−0.60
−1.9
1.1
4.7
900
15.5
−25.7
6.5
28.1
−0.60
−2.1
1.3
5.3
1000
14.7
−23.5
7.9
24.9
−0.60
−2.3
1.4
5.9


Número de pieza similar - BF547

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BF547W PHILIPS-BF547W Datasheet
83Kb / 12P
   NPN 1 GHz wideband transistor
June 1994
More results

Descripción similar - BF547

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Quanzhou Jinmei Electro...
BFS17W JMNIC-BFS17W_15 Datasheet
40Kb / 6P
   NPN 1 GHz wideband transistor
logo
NXP Semiconductors
BF747 PHILIPS-BF747 Datasheet
96Kb / 11P
   NPN 1 GHz wideband transistor
September 1995
logo
Quanzhou Jinmei Electro...
BFS17W_2015 JMNIC-BFS17W_2015 Datasheet
40Kb / 6P
   NPN 1 GHz wideband transistor
logo
NXP Semiconductors
BFQ17 PHILIPS-BFQ17 Datasheet
35Kb / 6P
   NPN 1 GHz wideband transistor
September 1995
logo
Quanzhou Jinmei Electro...
BFS17 JMNIC-BFS17_15 Datasheet
39Kb / 6P
   NPN 1 GHz wideband transistor
logo
NXP Semiconductors
BF547W PHILIPS-BF547W Datasheet
83Kb / 12P
   NPN 1 GHz wideband transistor
June 1994
BFS17 PHILIPS-BFS17 Datasheet
37Kb / 6P
   NPN 1 GHz wideband transistor
September 1995
BFS17W PHILIPS-BFS17W Datasheet
46Kb / 6P
   NPN 1 GHz wideband transistor
1995 Sep 04
logo
Quanzhou Jinmei Electro...
BFS17_2015 JMNIC-BFS17_2015 Datasheet
39Kb / 6P
   NPN 1 GHz wideband transistor
logo
NXP Semiconductors
BFG91 PHILIPS-BFG91 Datasheet
544Kb / 10P
   NPN 6 GHZ WIDEBAND TRANSISTOR
November 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com