Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

HK-2910 Datasheet(PDF) 1 Page - Nel Frequency Controls,inc

No. de Pieza. HK-2910
Descripción  Differential Positive ECL (DPECL)
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NEL [Nel Frequency Controls,inc]
Página de inicio  http://www.nelfc.com
Logo 

HK-2910 Datasheet(HTML) 1 Page - Nel Frequency Controls,inc

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com
www.nelfc.com
Differential Positive ECL (DPECL)
HK-2910 Series
Description
The HK-2910 Series of quartz crystal oscillators provide DPECL Fast Edge compatible signals. This
device is to operate using positive voltage and uses multiple ground pins for improved signal integrity. This
device is intended to operate on positive voltage for PECL applications.
Features
• Wide frequency range–122.0MHz to 300.0MHz
• User specified tolerance available
• Case at electrical ground
• Will withstand vapor phase temperatures of 253°C
for 4 minutes maximum
• All metal, resistance weld, hermetically sealed
package
• High shock resistance, to 1500g
• Low Jitter
• Overtone technology
• High Q Crystal actively tuned oscillator circuit
• Power supply decoupling internal
• Dual ground plane for added stability
• No internal PLL avoids cascading PLL problems
• High frequencies due to proprietary design
• RoHS Compliant, Lead Free Construction
Electrical Connection
Pin
Connection
1
V
CC
2
V
EE Case
6
V
EE Case
7
Output
8
/Output
9
V
EE Case
13
V
EE Case
14
Enable/Disable
All dimensions expressed in Inches/MM
CRYSTAL CLOCK OSCILLATORS
Data Sheet 9318A
Rev. N


Html Pages

1  2 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
SD-A29H0Differential Positive ECL DPECL Fast Edge 1 2 Nel Frequency Controls,inc
SU-A29F0Differential Positive ECL DPECL 1 2 Nel Frequency Controls,inc
HA-2870Differential Positive ECL DPECL 1 2 Nel Frequency Controls,inc
HK-2900Differential Positive ECL DPECL 1 2 Nel Frequency Controls,inc
HS-2920Differential Positive ECL DPECL Fast Edge 1 2 Nel Frequency Controls,inc
HS-A2870Differential Positive ECL DPECL 1 2 Nel Frequency Controls,inc
HS-A2920Differential Positive ECL DPECL Fast Edge 1 2 Nel Frequency Controls,inc
SJ-2870Differential Positive ECL DPECL 1 2 Nel Frequency Controls,inc
PJ-B2980CRYSTAL CLOCK OSCILLATORS Differential Positive ECL DPECL Fast Edge 1 2 Nel Frequency Controls,inc
SJ-A2920Differential Positive ECL DPECL Fast Edge 1 2 Nel Frequency Controls,inc

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn