Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SM-A292A-FREQ Datasheet(PDF) 1 Page - Nel Frequency Controls,inc |
|
SM-A292A-FREQ Datasheet(HTML) 1 Page - Nel Frequency Controls,inc |
1 / 2 page 357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881 Email: nelsales@nelfc.com www.nelfc.com Differential Positive ECL (DPECL) Fast Edge HS-2920 Series Description The HS-2920 Series of quartz crystal oscillators provide DPECL Fast Edge compatible signals in industry standard four-pin DIP hermetic packages. Systems designers may now specify space-saving, cost- effective packaged PECL oscillators to meet their timing requirements. Features • Wide frequency range–50.0MHz to 200.000MHz • User specified tolerance available • Will withstand vapor phase temperatures of 253°C for 4 minutes maximum • Space-saving alternative to discrete component oscillators • High shock resistance, to 3000g • Metal lid electrically connected to ground to reduce EMI • Fast rise and fall times <600 ps • Low Jitter • Overtone technology • High Q Crystal actively tuned oscillator circuit • Power supply decoupling internal • No internal PLL avoids cascading PLL problems • High frequencies due to proprietary design • Gold plated leads - Solder dipped leads available upon request • RoHS Compliant, Lead Free Construction (unless solder dipped leads are supplied) Electrical Connection Pin Connection 1 Output Complement 7 V EE /Ground 8 Output 14 V CC Dimensions are in inches and (MM) CRYSTAL CLOCK OSCILLATORS Data Sheet 9734D Rev. J |
Número de pieza similar - SM-A292A-FREQ |
|
Descripción similar - SM-A292A-FREQ |