Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS73131DBVRG4 Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza TPS73131DBVRG4
Descripción Electrónicos  Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS73131DBVRG4 Datasheet(HTML) 5 Page - Texas Instruments

  TPS73131DBVRG4 Datasheet HTML 1Page - Texas Instruments TPS73131DBVRG4 Datasheet HTML 2Page - Texas Instruments TPS73131DBVRG4 Datasheet HTML 3Page - Texas Instruments TPS73131DBVRG4 Datasheet HTML 4Page - Texas Instruments TPS73131DBVRG4 Datasheet HTML 5Page - Texas Instruments TPS73131DBVRG4 Datasheet HTML 6Page - Texas Instruments TPS73131DBVRG4 Datasheet HTML 7Page - Texas Instruments TPS73131DBVRG4 Datasheet HTML 8Page - Texas Instruments TPS73131DBVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
www.ti.com
PIN ASSIGNMENTS
DBV PACKAGE
SOT23
(TOP VIEW)
IN
GND
EN
NR/FB
OUT
1
2
3
4
5
TPS731xx
SBVS034H – SEPTEMBER 2003 – REVISED OCTOBER 2006
TERMINAL FUNCTIONS
TERMINAL
SOT23
DESCRIPTION
NAME
(DBV)
PIN NO.
IN
1
Input supply
GND
2
Ground
EN
3
Driving the enable pin (EN) high turns on the regulator. Driving this pin low puts the regulator into shutdown
mode. Refer to the Shutdown section under Applications Information for more details. EN can be connected to
IN if not used.
NR
4
Fixed voltage versions only—connecting an external capacitor to this pin bypasses noise generated by the
internal bandgap, reducing output noise to very low levels.
FB
4
Adjustable voltage version only—this is the input to the control loop error amplifier, and is used to set the
output voltage of the device.
OUT
5
Output of the regulator. There are no output capacitor requirements for stability.
5
Submit Documentation Feedback


Número de pieza similar - TPS73131DBVRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS73131DBVR TI1-TPS73131DBVR Datasheet
1Mb / 30P
[Old version datasheet]   Low Dropout Regulator
More results

Descripción similar - TPS73131DBVRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS73101 TI-TPS73101 Datasheet
348Kb / 16P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS731 TI-TPS731 Datasheet
907Kb / 24P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73201 TI-TPS73201 Datasheet
427Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73218-Q1 TI1-TPS73218-Q1 Datasheet
955Kb / 21P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low-Dropout Regulator with Reverse Current Protection
TPS73601 TI-TPS73601 Datasheet
652Kb / 27P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS732XX TI-TPS732XX_08 Datasheet
919Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS732XX TI-TPS732XX Datasheet
678Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73625QDBVRQ1 TI-TPS73625QDBVRQ1 Datasheet
1Mb / 32P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX_0850 TI-TPS736XX_0850 Datasheet
948Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX TI-TPS736XX_07 Datasheet
722Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com