Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BF998 Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza BF998
Descripción Electrónicos  Silicon N-channel dual-gate MOS-FETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF998 Datasheet(HTML) 5 Page - NXP Semiconductors

  BF998 Datasheet HTML 1Page - NXP Semiconductors BF998 Datasheet HTML 2Page - NXP Semiconductors BF998 Datasheet HTML 3Page - NXP Semiconductors BF998 Datasheet HTML 4Page - NXP Semiconductors BF998 Datasheet HTML 5Page - NXP Semiconductors BF998 Datasheet HTML 6Page - NXP Semiconductors BF998 Datasheet HTML 7Page - NXP Semiconductors BF998 Datasheet HTML 8Page - NXP Semiconductors BF998 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1996 Aug 01
5
Philips Semiconductors
Product specification
Silicon N-channel dual-gate MOS-FETs
BF998; BF998R
Fig.5 Output characteristics; typical values.
handbook, halfpage
010
24
0
8
16
4
12
20
MGE813
2468
VDS (V)
ID
(mA)
0.4 V
0.3 V
0.2 V
0.1 V
0 V
−0.5 V
−0.4 V
−0.3 V
−0.2 V
−0.1 V
VG1-S =
VG2-S = 4 V; Tamb =25 °C.
Fig.6 Transfer characteristics; typical values.
handbook, halfpage
−11
24
0
8
16
4
12
20
MGE815
0
3 V
2 V
1 V
0 V
VG2-S = 4 V
VG1 (V)
ID
(mA)
VDS = 8 V; Tamb =25 °C.
Fig.7
Drain current as a function of gate 1
voltage; typical values.
handbook, halfpage
−1600
−400
−800
−1200
400
24
0
8
16
4
12
20
MGE814
0
max
typ
min
VG1 (mV)
ID
(mA)
VDS = 8 V; VG2-S = 4 V; Tamb =25 °C.
Fig.8
Forward transfer admittance as a function of
drain current; typical values.
handbook, halfpage
020
30
0
6
12
18
24
MGE811
16
12
8
4
ID (mA)
0.5 V
4 V
1 V
2 V
3 V
VG2-S = 0 V
|yfs|
(mS)
VDS = 8 V; Tamb =25 °C.


Número de pieza similar - BF998

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
BF998 VISHAY-BF998 Datasheet
155Kb / 9P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 4, 23-Jun-99
logo
Siemens Semiconductor G...
BF998 SIEMENS-BF998 Datasheet
180Kb / 8P
   Silicon N Channel MOSFET Tetrode (Short-channel transistor with high S/C quality factor For low-noise, gain-controlled input stages up to 1 GHz)
logo
Infineon Technologies A...
BF998 INFINEON-BF998 Datasheet
249Kb / 6P
   Silicon N-Channel MOSFET Tetrode
Feb-13-2004
logo
Vishay Siliconix
BF998 VISHAY-BF998 Datasheet
318Kb / 10P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.8, 05-Sep-08
logo
Infineon Technologies A...
BF998 INFINEON-BF998 Datasheet
93Kb / 9P
   Silicon N_Channel MOSFET Tetrode
2007-04-20
More results

Descripción similar - BF998

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BF901 PHILIPS-BF901 Datasheet
46Kb / 7P
   Silicon n-channel dual gate MOS-FETs
November 1992
logo
Quanzhou Jinmei Electro...
BF998_2015 JMNIC-BF998_2015 Datasheet
85Kb / 12P
   Silicon N-channel dual-gate MOS-FETs
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
logo
Quanzhou Jinmei Electro...
BF1212_2015 JMNIC-BF1212_2015 Datasheet
136Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF1101R-215 NXP-BF1101R-215 Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1109 JMNIC-BF1109_15 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
BF1211 JMNIC-BF1211_15 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 PHILIPS-BF904 Datasheet
111Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com