Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BF998 Datasheet(PDF) 4 Page - NXP Semiconductors

No. de pieza BF998
Descripción Electrónicos  Silicon N-channel dual-gate MOS-FETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF998 Datasheet(HTML) 4 Page - NXP Semiconductors

  BF998 Datasheet HTML 1Page - NXP Semiconductors BF998 Datasheet HTML 2Page - NXP Semiconductors BF998 Datasheet HTML 3Page - NXP Semiconductors BF998 Datasheet HTML 4Page - NXP Semiconductors BF998 Datasheet HTML 5Page - NXP Semiconductors BF998 Datasheet HTML 6Page - NXP Semiconductors BF998 Datasheet HTML 7Page - NXP Semiconductors BF998 Datasheet HTML 8Page - NXP Semiconductors BF998 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1996 Aug 01
4
Philips Semiconductors
Product specification
Silicon N-channel dual-gate MOS-FETs
BF998; BF998R
THERMAL CHARACTERISTICS
Notes
1. Device mounted on a ceramic substrate, 8 mm
× 10 mm × 0.7 mm.
2. Device mounted on a printed-circuit board.
STATIC CHARACTERISTICS
Tj =25 °C; unless otherwise specified.
Note
1. Measured under pulse condition.
DYNAMIC CHARACTERISTICS
Common source; Tamb =25 °C; VDS =8V; VG2-S = 4 V; ID = 10 mA.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air; BF998
note 1
460
K/W
note 2
500
K/W
Rth j-a
thermal resistance from junction to ambient in free air; BF998R note 1
500
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
±V
(BR)G1-SS
gate 1-source breakdown voltage
VG2-S =VDS = 0; IG1-SS = ±10 mA
6
20
V
±V(BR)G2-SS gate 2-source breakdown voltage
VG1-S =VDS = 0; IG2-SS = ±10 mA
6
20
V
−V(P)G1-S
gate 1-source cut-off voltage
VG2-S =4V; VDS =8V; ID =20 µA
2.0
V
−V(P)G2-S
gate 2-source cut-off voltage
VG1-S = 0; VDS =8V; ID =20 µA
1.5
V
IDSS
drain-source current
VG2-S =4V; VDS =8V; VG1-S = 0; note 1
2
18
mA
±IG1-SS
gate 1 cut-off current
VG2-S =VDS = 0; VG1-S = ±5V
50
nA
±IG2-SS
gate 2 cut-off current
VG1-S =VDS = 0; VG2-S = ±5V
50
nA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
y
fs
forward transfer admittance
f = 1 kHz
21
24
mS
Cig1-s
input capacitance at gate 1
f = 1 MHz
2.1
2.5
pF
Cig2-s
input capacitance at gate 2
f = 1 MHz
1.2
pF
Cos
output capacitance
f = 1 MHz
1.05
pF
Crs
reverse transfer capacitance
f = 1 MHz
25
fF
F
noise figure
f = 200 MHz; GS = 2 mS; BS =BSopt
0.6
dB
f = 800 MHz; GS = 3.3 mS; BS =BSopt
1.0
dB


Número de pieza similar - BF998

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
BF998 VISHAY-BF998 Datasheet
155Kb / 9P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 4, 23-Jun-99
logo
Siemens Semiconductor G...
BF998 SIEMENS-BF998 Datasheet
180Kb / 8P
   Silicon N Channel MOSFET Tetrode (Short-channel transistor with high S/C quality factor For low-noise, gain-controlled input stages up to 1 GHz)
logo
Infineon Technologies A...
BF998 INFINEON-BF998 Datasheet
249Kb / 6P
   Silicon N-Channel MOSFET Tetrode
Feb-13-2004
logo
Vishay Siliconix
BF998 VISHAY-BF998 Datasheet
318Kb / 10P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.8, 05-Sep-08
logo
Infineon Technologies A...
BF998 INFINEON-BF998 Datasheet
93Kb / 9P
   Silicon N_Channel MOSFET Tetrode
2007-04-20
More results

Descripción similar - BF998

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BF901 PHILIPS-BF901 Datasheet
46Kb / 7P
   Silicon n-channel dual gate MOS-FETs
November 1992
logo
Quanzhou Jinmei Electro...
BF998_2015 JMNIC-BF998_2015 Datasheet
85Kb / 12P
   Silicon N-channel dual-gate MOS-FETs
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
logo
Quanzhou Jinmei Electro...
BF1212_2015 JMNIC-BF1212_2015 Datasheet
136Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF1101R-215 NXP-BF1101R-215 Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1109 JMNIC-BF1109_15 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
BF1211 JMNIC-BF1211_15 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 PHILIPS-BF904 Datasheet
111Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com