Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT3636 Datasheet(PDF) 6 Page - Catalyst Semiconductor

No. de pieza CAT3636
Descripción Electrónicos  6-Channel Quad-ModeTM Fractional LED Driver in TQFN3x3
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3636 Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT3636 Datasheet HTML 2Page - Catalyst Semiconductor CAT3636 Datasheet HTML 3Page - Catalyst Semiconductor CAT3636 Datasheet HTML 4Page - Catalyst Semiconductor CAT3636 Datasheet HTML 5Page - Catalyst Semiconductor CAT3636 Datasheet HTML 6Page - Catalyst Semiconductor CAT3636 Datasheet HTML 7Page - Catalyst Semiconductor CAT3636 Datasheet HTML 8Page - Catalyst Semiconductor CAT3636 Datasheet HTML 9Page - Catalyst Semiconductor CAT3636 Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
CAT3636
Doc. No. 5020 Rev. A
6
© 2006 Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 3.6V, IOUT = 120mA (6 LEDs at 20mA), CIN = COUT = C1 = C2 = 1μF, TAMB = 25°C unless otherwise specified.
Power Down Delay (1x Mode)
Foldback Current Limit
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
100
200
300
400
500
OUTPUT CURRENT [mA]
1x Mode
Operating Waveforms in 1x Mode
Switching Waveforms in 1.33x Mode
Switching Waveforms in 1.5x Mode
Switching Waveforms in 2x Mode


Número de pieza similar - CAT3636

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT3636 CATALYST-CAT3636 Datasheet
344Kb / 16P
   6-Channel Quad-ModeTM Fractional LED Driver in TQFN3x3
logo
ON Semiconductor
CAT3636 ONSEMI-CAT3636 Datasheet
266Kb / 14P
   6-Channel Quad-Mode Fractional LED Driver in TQFN 3x3
May, 2010 ??Rev. 7
CAT3636HV3-GT2 ONSEMI-CAT3636HV3-GT2 Datasheet
266Kb / 14P
   6-Channel Quad-Mode Fractional LED Driver in TQFN 3x3
May, 2010 ??Rev. 7
logo
Catalyst Semiconductor
CAT3636HV3-T2 CATALYST-CAT3636HV3-T2 Datasheet
398Kb / 16P
   6-Channel Quad-ModeTM Fractional LED Driver in TQFN3x3
logo
ON Semiconductor
CAT3636HV3-T2 ONSEMI-CAT3636HV3-T2 Datasheet
328Kb / 16P
   6-Channel Quad-Mode Fractional LED Driver in TQFN3x3
Doc. No. MD-5020 Rev. F
More results

Descripción similar - CAT3636

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT3636 CATALYST-CAT3636_07 Datasheet
398Kb / 16P
   6-Channel Quad-ModeTM Fractional LED Driver in TQFN3x3
CAT3636 CATALYST-CAT3636_08 Datasheet
344Kb / 16P
   6-Channel Quad-ModeTM Fractional LED Driver in TQFN3x3
logo
ON Semiconductor
CAT3636HV3-T2 ONSEMI-CAT3636HV3-T2 Datasheet
328Kb / 16P
   6-Channel Quad-Mode Fractional LED Driver in TQFN3x3
Doc. No. MD-5020 Rev. F
CAT3636 ONSEMI-CAT3636 Datasheet
266Kb / 14P
   6-Channel Quad-Mode Fractional LED Driver in TQFN 3x3
May, 2010 ??Rev. 7
CAT4106 ONSEMI-CAT4106_14 Datasheet
219Kb / 15P
   6 W Quad Channel DC/DC LED Driver
June, 2014 ??Rev. 4
CAT3637HV3-GT2 ONSEMI-CAT3637HV3-GT2 Datasheet
270Kb / 14P
   6-Channel Programmable High Efficiency Quad-Mode LED Driver
Doc. No. MD-5033 Rev. C
CAT3637 ONSEMI-CAT3637 Datasheet
227Kb / 14P
   6-Channel Programmable High Efficiency Quad-Mode LED Driver
April, 2010 ??Rev. 3
logo
Catalyst Semiconductor
CAT3637 CATALYST-CAT3637 Datasheet
283Kb / 14P
   6-Channel Programmable High Efficiency Quad-Mode??LED Driver
logo
Intersil Corporation
ISL97672 INTERSIL-ISL97672_10 Datasheet
380Kb / 17P
   6-Channel LED Driver
logo
Renesas Technology Corp
ISL97672 RENESAS-ISL97672 Datasheet
919Kb / 17P
   6-Channel LED Driver
Sep 8, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com