Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KMI15-1 Datasheet(PDF) 9 Page - NXP Semiconductors

No. de pieza KMI15-1
Descripción Electrónicos  Integrated rotational speed sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KMI15-1 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button KMI15-1 Datasheet HTML 5Page - NXP Semiconductors KMI15-1 Datasheet HTML 6Page - NXP Semiconductors KMI15-1 Datasheet HTML 7Page - NXP Semiconductors KMI15-1 Datasheet HTML 8Page - NXP Semiconductors KMI15-1 Datasheet HTML 9Page - NXP Semiconductors KMI15-1 Datasheet HTML 10Page - NXP Semiconductors KMI15-1 Datasheet HTML 11Page - NXP Semiconductors KMI15-1 Datasheet HTML 12Page - NXP Semiconductors KMI15-1 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1996 Dec 05
9
Philips Semiconductors
Preliminary specification
Integrated rotational speed sensor
KMI15/1
Fig.16 Normalized maximum sensing distance as
a function of gear wheel module.
do = measuring distance for a gear wheel with module m = 2 mm.
handbook, halfpage
module m (mm)
1
0.5
1.5
0
0
12
3
4
5
d
MRA966
d0
Fig.17 Sensing distance as a function of tooth
frequency.
VCC = 12 V; module = 2 mm.
handbook, halfpage
1
2
4
3
01
2
3
4
0
d
(mm)
MRA965
d
ft
tooth
frequency
f (kHz)


Número de pieza similar - KMI15-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
KMI15-4 PHILIPS-KMI15-4 Datasheet
116Kb / 16P
   Rotational speed sensor
2000 Sep 05
More results

Descripción similar - KMI15-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
KMI16 PHILIPS-KMI16 Datasheet
106Kb / 12P
   Integrated rotational speed sensor
2000 Sep 05
logo
List of Unclassifed Man...
KMI16-1-115 ETC2-KMI16-1-115 Datasheet
110Kb / 12P
   Integrated rotational speed sensor
logo
NXP Semiconductors
KMI16 NXP-KMI16 Datasheet
109Kb / 12P
   Integrated rotational speed sensor
2000 Sep 05
KMI15 PHILIPS-KMI15 Datasheet
116Kb / 16P
   Rotational speed sensor
2000 Sep 05
KMI17 NXP-KMI17 Datasheet
228Kb / 16P
   Rotational speed sensor
Rev. 1-1 September 2014
logo
MultiDimension Technolo...
FSD-TMR1005 MULTIDIMENSION-FSD-TMR1005 Datasheet
415Kb / 4P
   Rotational Speed Sensor
Nov-19
logo
NXP Semiconductors
KMI23 NXP-KMI23_2 Datasheet
293Kb / 20P
   High performance rotational speed sensor
Rev. 1-28 April 2016
KMI23 NXP-KMI23 Datasheet
293Kb / 20P
   High performance rotational speed sensor
Rev. 1-28 April 2016
logo
MultiDimension Technolo...
FSD-TMR1006 MULTIDIMENSION-FSD-TMR1006 Datasheet
418Kb / 4P
   Temperature Detection Rotational Speed Sensor
Nov-19
logo
NXP Semiconductors
KMI25 NXP-KMI25_2 Datasheet
352Kb / 26P
   High performance rotational speed sensor
Rev. 1-29 April 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com