Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

O-S21 Datasheet(PDF) 1 Page - Yuechung International Corp.

No. de pieza O-S21
Descripción Electrónicos  O-S21 Series : Programmable Crystal Clock Oscillator 2.0x1.6mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YIC [Yuechung International Corp.]
Página de inicio  https://www.yic.com.tw/en/home-en/
Logo YIC - Yuechung International Corp.

O-S21 Datasheet(HTML) 1 Page - Yuechung International Corp.

  O-S21 Datasheet HTML 1Page - Yuechung International Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPECIFICATION
DIMENSIONS (mm)
Pad 1 :
Pad 2 :
Pad 3 :
Pad 4 :
TEST CIRCUIT
OUTPUT WAVEFORM
Pad Connections
OE
Ground
Output
Input Voltage
Aging at 25°C
Enable : 70% VDD min.
15pF
45% ~ 55% at 1/2VDD
10% VDD max.
Output Load
Output voltage level (VOH)
Tri-state OE (Pad 1)
Output voltage level (VOL)
Start-up Time
Duty cycle
Rise / Fall Time
Phase Jitter RMS (12KHz~20MHz)
Disable : 30% VDD max.
±2.0ppm max. in the 1st year
90% VDD min.
5.0ns max.
10ms max.
2.0ps max.
Frequency stability
Current consumption
30mA max
30mA max
35mA max
O-S21 Series
1.000 ~ 200.000 MHz
- 55°C ~ + 125°C
- 10°C ~ + 70°C , - 40°C ~ + 85°C , - 40°C ~ + 125°C
CMOS
Model
Power supply voltage
Output level
Frequency range
Storage temperature range
Operation temperature range
±20 ppm ~ ±100ppm
2.5V DC ±5%
1.8V DC ±5%
3.3V DC ±5%
Crystal Clock Oscillator
O-S21 Series
O-S21 Series : Programmable Crystal Clock Oscillator 2.0x1.6mm
1.000 - 200.000MHz


Número de pieza similar - O-S21

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
Yuechung International Corp.
Yuechung International ...
O-S22 YIC-O-S22 Datasheet
280Kb / 1P
   O-S22 Series : Programmable Crystal Clock Oscillator 2.5x2.0mm
More results

Descripción similar - O-S21

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
NIHON DEMPA KOGYO
NIHON DEMPA KOGYO
2775Y NDK-2775Y Datasheet
90Kb / 1P
   Crystal Clock Oscillator Programmable Type
Fox Electronics
Fox Electronics
C1BS FOX-C1BS Datasheet
272Kb / 2P
   2.0x1.6mm Ceramic SMD Crystal
Abracon Corporation
Abracon Corporation
AP2S ABRACON-AP2S Datasheet
1Mb / 2P
   PROGRAMMABLE CRYSTAL OSCILLATOR
3.5.07
AP3S ABRACON-AP3S Datasheet
3Mb / 2P
   PROGRAMMABLE CRYSTAL OSCILLATOR
3.5.07
Epson Company
Epson Company
SG-8003CE-SCM EPSON-SG-8003CE-SCM Datasheet
535Kb / 2P
   CRYSTAL OSCILLATOR PROGRAMMABLE
EPCOS
EPCOS
SG-8002CA-PCM EPCOS-SG-8002CA-PCM Datasheet
516Kb / 5P
   CRYSTAL OSCILLATOR PROGRAMMABLE
ECS, Inc.
ECS, Inc.
ECS-UPO-8PINX ECS-ECS-UPO-8PINX Datasheet
434Kb / 1P
   PROGRAMMABLE CLOCK OSCILLATOR
NIHON DEMPA KOGYO
NIHON DEMPA KOGYO
NZ2520SB NDK-NZ2520SB Datasheet
96Kb / 1P
   Crystal Clock Oscillator
List of Unclassifed Manufacturers
List of Unclassifed Man...
TFG-786XH ETC1-TFG-786XH Datasheet
51Kb / 1P
   Crystal Clock Oscillator
HS360 ETC1-HS360 Datasheet
78Kb / 2P
   Crystal Clock Oscillator
NCL030C ETC1-NCL030C Datasheet
147Kb / 1P
   Crystal Clock Oscillator
More results


Html Pages

1 


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com