Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

O-S7 Datasheet(PDF) 1 Page - Yuechung International Corp.

No. de pieza O-S7
Descripción Electrónicos  O-S7 Series : Programmable Crystal Clock Oscillator 7.0x5.0mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YIC [Yuechung International Corp.]
Página de inicio  https://www.yic.com.tw/en/home-en/
Logo YIC - Yuechung International Corp.

O-S7 Datasheet(HTML) 1 Page - Yuechung International Corp.

  O-S7 Datasheet HTML 1Page - Yuechung International Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPECIFICATION
DIMENSIONS (mm)
Pad 1 :
OE - High Enable
Pad 4 :
Pad 2 :
Pad 5 :
Pad 3 :
Pad 6 :
TEST CIRCUIT
OUTPUT WAVEFORM
3.0ns max.
10ms max.
2.0ps max.
Enable : 70% VDD min.
Phase Jitter RMS (12KHz~20MHz)
Aging at 25°C
O-S7 Series
10.000 ~ 250.000 MHz
- 55°C ~ + 125°C
- 10°C ~ + 70°C , - 40°C ~ + 85°C , - 40°C ~ + 125°C
3.3V DC ±5%
2.5V DC ±5%
CMOS
40mA max
±20 ppm ~ ±100ppm
15pF
45% ~ 55% at 1/2VDD
10% VDD max.
Disable : 30% VDD max.
±2.0ppm max. in the 1st year
90% VDD min.
No connection
Ground
Output
NC
Input Voltage
Pad Connections
Tri-state OE (Pad 1)
Model
Power supply voltage
Output level
Frequency range
Storage temperature range
Operation temperature range
Frequency stability
Current consumption
Output Load
Output voltage level (VOL)
Output voltage level (VOH)
Start-up Time
Duty cycle
Rise / Fall Time
Crystal Clock Oscillator
O-S7 Series
O-S7 Series : Programmable Crystal Clock Oscillator 7.0x5.0mm
10.000 - 250.000MHz


Número de pieza similar - O-S7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
Yuechung International Corp.
Yuechung International ...
O-S21 YIC-O-S21 Datasheet
279Kb / 1P
   O-S21 Series : Programmable Crystal Clock Oscillator 2.0x1.6mm
O-S22 YIC-O-S22 Datasheet
280Kb / 1P
   O-S22 Series : Programmable Crystal Clock Oscillator 2.5x2.0mm
O-S3 YIC-O-S3 Datasheet
287Kb / 1P
   O-S3 Series : Programmable Crystal Clock Oscillator 3.2x2.5mm
O-S5 YIC-O-S5 Datasheet
291Kb / 1P
   O-S5 Series : Programmable Crystal Clock Oscillator 5.0x3.2mm
More results

Descripción similar - O-S7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
NIHON DEMPA KOGYO
NIHON DEMPA KOGYO
2775Y NDK-2775Y Datasheet
90Kb / 1P
   Crystal Clock Oscillator Programmable Type
Abracon Corporation
Abracon Corporation
AP2S ABRACON-AP2S Datasheet
1Mb / 2P
   PROGRAMMABLE CRYSTAL OSCILLATOR
3.5.07
AP3S ABRACON-AP3S Datasheet
3Mb / 2P
   PROGRAMMABLE CRYSTAL OSCILLATOR
3.5.07
Epson Company
Epson Company
SG-8003CE-SCM EPSON-SG-8003CE-SCM Datasheet
535Kb / 2P
   CRYSTAL OSCILLATOR PROGRAMMABLE
EPCOS
EPCOS
SG-8002CA-PCM EPCOS-SG-8002CA-PCM Datasheet
516Kb / 5P
   CRYSTAL OSCILLATOR PROGRAMMABLE
ECS, Inc.
ECS, Inc.
ECS-UPO-8PINX ECS-ECS-UPO-8PINX Datasheet
434Kb / 1P
   PROGRAMMABLE CLOCK OSCILLATOR
NIHON DEMPA KOGYO
NIHON DEMPA KOGYO
NZ2520SB NDK-NZ2520SB Datasheet
96Kb / 1P
   Crystal Clock Oscillator
List of Unclassifed Manufacturers
List of Unclassifed Man...
TFG-786XH ETC1-TFG-786XH Datasheet
51Kb / 1P
   Crystal Clock Oscillator
HS360 ETC1-HS360 Datasheet
78Kb / 2P
   Crystal Clock Oscillator
NCL030C ETC1-NCL030C Datasheet
147Kb / 1P
   Crystal Clock Oscillator
NIHON DEMPA KOGYO
NIHON DEMPA KOGYO
NZ3225SJ NDK-NZ3225SJ Datasheet
731Kb / 1P
   Crystal Clock Oscillator
More results


Html Pages

1 


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com