Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL59530 Datasheet(PDF) 3 Page - Intersil Corporation

No. de pieza ISL59530
Descripción Electrónicos  16x16 Video Crosspoint
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59530 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL59530 Datasheet HTML 1Page - Intersil Corporation ISL59530 Datasheet HTML 2Page - Intersil Corporation ISL59530 Datasheet HTML 3Page - Intersil Corporation ISL59530 Datasheet HTML 4Page - Intersil Corporation ISL59530 Datasheet HTML 5Page - Intersil Corporation ISL59530 Datasheet HTML 6Page - Intersil Corporation ISL59530 Datasheet HTML 7Page - Intersil Corporation ISL59530 Datasheet HTML 8Page - Intersil Corporation ISL59530 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3
FN6220.1
June 12, 2006
Absolute Maximum Ratings (TA = +25°C)
Supply Voltage between VS and GND. . . . . . . . . . . . . . . . . . . . 6.0V
Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . . 40mA
Ambient Operating Temperature . . . . . . . . . . . . . . . .-40°C to +85°C
Maximum Die Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Maximum power supply (VS) slew rate . . . . . . . . . . . . . . . . . . 1V/µs
ESD Classification
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1500V
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100V
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
DC Electrical Specifications
VS = 5V, RL = 150Ω unless otherwise noted.
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
VS
Power Supply Voltage
4.5
5.5
V
VSDO
Power Supply for SDO output pin
Establishes serial data output high level
1.2
5.5
V
AV
Gain
AV = 1
0.98
1
1.02
V/V
AV = 2
1.96
2
2.04
V/V
GM
Gain Matching (to average of all other
outputs)
AV = 1
-1.5
+1.5
%
AV = 2
-1.5
+1.5
%
VIN
Video Input Voltage Range
AV = 1
0
3.5
V
VOUT
Video Output Voltage Range
AV = 2
0.1
3.8
V
IB
Input Bias Current
Clamp function disabled (DC coupled inputs)
-10
-5
1
µA
Clamp function enabled, VIN = VREF + 0.5V
0.5
2
10
µA
VOS
Output Offset Voltage
AV = 1
-20
8
35
mV
AV = 2
-70
-10
40
mV
IOUT
Output Current
Sourcing, RL = 10Ω to GND
60
108
mA
Sinking, RL = 10Ω to 2.5V
24
31
mA
PSRR
Power Supply Rejection Ratio
AV = 1 and AV = 2
50
70
dB
IS
Supply Current
Enabled, all outputs enabled, no load current
275
320
360
mA
Enabled, all outputs disabled, no load current
135
165
195
mA
Disabled
1.2
1.8
2.4
mA
AC Electrical Specifications
VS = 5V, RL = 150Ω unless otherwise noted.
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
BW -3dB
3dB Bandwidth
VOUT = 200mVP-P, AV = 2
300
MHz
BW 0.1dB
0.1dB Bandwidth
VOUT = 200mVP-P, AV = 2
50
MHz
SR
Slew Rate
VOUT = 2VP-P, AV = 2
300
520
740
V/µs
TS
Settling Time to 0.1%
VOUT = 2VP-P, AV = 2
12
ns
Glitch
Switching Glitch, Peak
AV = 1
40
mV
Tover
Overlay Delay Time
From OVER rising edge to output transition
6
ns
dG
Diff Gain
AV = 2, RL = 150Ω
0.025
%
dP
Diff Phase
AV = 2, RL = 150Ω
0.05
°
Xt
Hostile Crosstalk
6MHz
-85
dB
VN
Input Referred Noise Voltage
18
nV/
√Hz
ISL59530


Número de pieza similar - ISL59530

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL59530 INTERSIL-ISL59530 Datasheet
1Mb / 22P
   16x16 Video Crosspoint
ISL59530 INTERSIL-ISL59530 Datasheet
1Mb / 25P
   16x16 Video Crosspoint
ISL59530 INTERSIL-ISL59530 Datasheet
2Mb / 26P
   16x16 Video Crosspoint
logo
Renesas Technology Corp
ISL59530 RENESAS-ISL59530 Datasheet
1Mb / 26P
   16x16 Video Crosspoint
logo
Intersil Corporation
ISL59530IKZ INTERSIL-ISL59530IKZ Datasheet
1Mb / 22P
   16x16 Video Crosspoint
More results

Descripción similar - ISL59530

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL59530_0708 INTERSIL-ISL59530_0708 Datasheet
1Mb / 25P
   16x16 Video Crosspoint
logo
Renesas Technology Corp
ISL59530 RENESAS-ISL59530 Datasheet
1Mb / 26P
   16x16 Video Crosspoint
logo
Intersil Corporation
ISL59530 INTERSIL-ISL59530_11 Datasheet
2Mb / 26P
   16x16 Video Crosspoint
ISL59530 INTERSIL-ISL59530_07 Datasheet
1Mb / 22P
   16x16 Video Crosspoint
logo
Analog Devices
AD8116 AD-AD8116_16 Datasheet
210Kb / 16P
   16x16 Buffered Video Crosspoint Switch
logo
Intersil Corporation
ISL59531 INTERSIL-ISL59531 Datasheet
1Mb / 21P
   16x16 Video Crosspoint with Differential Inputs
logo
Analog Devices
AD8114 AD-AD8114_16 Datasheet
403Kb / 25P
   16x16 Crosspoint Switches
logo
Maxim Integrated Produc...
MAX4355 MAXIM-MAX4355 Datasheet
730Kb / 40P
   16x16 Nonblocking Video Crosspoint Switch with I/O Buffers
Rev 0; 10/01
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
logo
Vitesse Semiconductor C...
VSC880 VITESSE-VSC880 Datasheet
381Kb / 28P
   High Performance 16x16 Serial Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com