Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


BY01AFJC03LG2 Datasheet(Hoja de datos) 4 Page - ITT Industries

No. de Pieza. BY01AFJC03LG2
Descripción  4 Tumbler Value Added Security Switchlocks
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo 

   
 4 page
background image
M–25
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
M
TERMINATIONS
LOCK TYPE
BRASS CONTROL KEY
(Removes lock core)
Control key available separately,
part number: 11630CKBYST
.136 DIA.
(3,45)
S
PaT
N
5
6
3
6
5
o
.655
(16,62)
.225
(5,72)
.100
(2,54)
.034
(0,86)
.468
(11,88)
.965
(24,51)
.688
(17,46)
1.000
(25,40)
.500
(12,70)
.470
(11,94)
.105
(2,67)
1.047
(26,59)
Control Key
Lock Core
Plastic Facing
Lock
Switch
L
LATCH PAWL AND NUT
M
LATCH PAWL AND CLIP
N
WITH NUT
D
WITH CLIP
WC
WIRE LEAD
03
SOLDER LUG WITH HOLE
C
4 TUMBLER LOCK WITH DETENT
.085-.105 (2,16-2,67)
WITH CLIP
D, M
.085-.105 (2,16-2,67)
WITH NUT
N, L
PANEL THICKNESS
MOUNTING
STYLE
OPTION
CODE
2
BLACK
LOCK COLOR
OPTION
CODE
Lock Core Removal Instructions
To remove lock core, insert round-headed control key and pull.
Lock must be in position 2 (90º indexing), position 3 (45º indexing).
This feature permits changing key codes.
Black wire standard. other colors and lengths available,
consult Customer Service Center. UL style 1015.
Nut part number: 175050700
Clip part number: 906B00000
C&K BY Series
4 Tumbler Value Added Security Switchlocks
LOCK TYPE




Html Pages

1  2  3  4  5 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
YF00134 Tumbler Miniature Switchlocks 1 2 3 4 List of Unclassifed Manufacturers
A216132A2NNQ4 & 5 Tumbler 1-4 Pole Switchlocks 1 2 3 4 5 ITT Industries
H101132F205NQ4 & 6 Tumbler Power Switchlocks 1 2 3 4 5 ITT Industries
SLE11C001SSecurity & Chip Card ICs 1 2 3 4 5 MoreInfineon Technologies AG
SLE66C80SSecurity & Chip Card ICs 1 2 3 4 5 MoreInfineon Technologies AG
SLE66C681PESecurity & Chip Card ICs 1 2 3 4 5 MoreInfineon Technologies AG
SLE66CX642PSecurity & Chip Card ICs 1 2 3 4 5 MoreInfineon Technologies AG
UA3730SECURITY LOCK WITH ALARM 1 2 3 4 5 MoreUMC Corporation
STM14033V FIPS-140 Security Supervisor with Battery Switchover 1 2 3 4 5 MoreSTMicroelectronics
IS23SC4442256 BYTE EEPROM WITH WRITE PROTECT FUNCTION AND PROGRAMMABLE SECURITY 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl