Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


CA06COM-L10SL-1PW-B-03 Datasheet(Hoja de datos) 7 Page - ITT Industries

No. de Pieza. CA06COM-L10SL-1PW-B-03
Descripción  Industrial Connectors
Descarga  42 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo 

 7 page
background image
7
CA-COM
Contact Arrangements
No. of
Contact
Service
Insulator position
Insulator weight (g)
contacts
arrangement
rating
W
X
Y
Z
including contacts
Contact size
metric
pin
socket
10
18-1
A
70
145
-
290
24
37
15
(B, C, F, G)
8
18-8
A
70
-
-
290
18
30
115
725
4
18-10
A
-
120
240
-
13
22
25
5
18-11
A
-
170
265
-
31
40
25
6
18-12
A
80
-
-
280
15
25
15
7
20-15
A
80
-.
-
280
27
46
25
6
20-17
A
90
180
270
-
20
33
115
525
3
20-19
A
90
180
270
-
33
46
100
14
20-27
A
35
110
250
325
26
42
15
#1171_CA-COM_englisch_250900
18.10.2000, 8:20 Uhr
7




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
PX10-AF6WPPower Supply Connectors For Industrial Equipment 1 2 3 4 5 MoreHirose Electric
DF22-1S-7.92C7.92 mm Contact Pitch High-Current Connectors for Internal Power Supplies UL C-UL and TUV Listed 1 2 3 4 5 MoreHirose Electric
FH26-13S-0.3SHW0.3mm Contact Pitch 1mm above the board Flexible Printed Circuit ZIF Connectors 1 2 3 4 5 MoreHirose Electric
HR25-9TP-20PCWorld Smallest Round Type Multiple Contact Connectors 1 2 3 4 5 MoreHirose Electric
MQ138T-M-16S-CVUniversal Plug connectors for PDC Type Digital Cellular Phones 1 2 3 4 Hirose Electric
POD3-J-DFS111Push-Pull Complete Locking Coaxial Connectors PC Card Type 2 Mountable 1 2 3 4 Hirose Electric
RP5-19PA-14PCRFCO-AXIAL CONNECTORS 1 2 3 4 5 MoreHirose Electric
TM21R-5C-88-LPModular Jack Connectors for High-Speed LAN Transmission 1 2 3 4 5 MoreHirose Electric
450-10-216-00-001PCB connectors 2.54 mm Single row / double row Solder tail 1 Precid-Dip Durtal SA
803-91-016-40-001PCB connectors 2.54 mm Single row / double row / surface mount 1 Precid-Dip Durtal SA

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl