Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ISL1220IUZ Datasheet(PDF) 2 Page - Intersil Corporation |
|
ISL1220IUZ Datasheet(HTML) 2 Page - Intersil Corporation |
2 / 20 page 2 FN6315.0 June 22, 2006 Block Diagram I2C INTERFACE CONTROL LOGIC ALARM FREQUENCY OUT RTC DIVIDER SDA BUFFER CRYSTAL OSCILLATOR POR SWITCH SCL BUFFER SDA SCL X1 X2 VDD VBAT INTERNAL SUPPLY VTRIP SECONDS MINUTES HOURS DAY OF WEEK DATE MONTH YEAR USER SRAM CONTROL REGISTERS FOUT IRQ GND Pin Descriptions PIN NUMBER SYMBOL DESCRIPTION 1 X1 The X1 pin is the input of an inverting amplifier and is intended to be connected to one pin of an external 32.768kHz quartz crystal. X1 can also be driven directly from a 32.768kHz source. 2 X2 The X2 pin is the output of an inverting amplifier and is intended to be connected to one pin of an external 32.768kHz quartz crystal. 3VBAT This input provides a backup supply voltage to the device. VBAT supplies power to the device in the event that the VDD supply fails. This pin should be tied to ground if not used. 4 GND Ground. 5 NC No Connection 6FOUT Frequency Output (FOUT). Open drain output, Programmable to be active/disabled in battery back up mode. 7 SDA Serial Data (SDA) is a bidirectional pin used to transfer serial data into and out of the device. It has an open drain output and may be wire OR’ed with other open drain or open collector outputs. 8 SCL The Serial Clock (SCL) input is used to clock all serial data into and out of the device. 9IRQ Interrupt Output. Open drain output, active low. 10 VDD Power supply. ISL1220 |
Número de pieza similar - ISL1220IUZ |
|
Descripción similar - ISL1220IUZ |