Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CA08COM-IN10SL-1SW-B-03 Datasheet(PDF) 42 Page - ITT Industries

No. de pieza CA08COM-IN10SL-1SW-B-03
Descripción Electrónicos  Industrial Connectors
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

CA08COM-IN10SL-1SW-B-03 Datasheet(HTML) 42 Page - ITT Industries

Back Button CA08COM-IN10SL-1SW-B-03 Datasheet HTML 34Page - ITT Industries CA08COM-IN10SL-1SW-B-03 Datasheet HTML 35Page - ITT Industries CA08COM-IN10SL-1SW-B-03 Datasheet HTML 36Page - ITT Industries CA08COM-IN10SL-1SW-B-03 Datasheet HTML 37Page - ITT Industries CA08COM-IN10SL-1SW-B-03 Datasheet HTML 38Page - ITT Industries CA08COM-IN10SL-1SW-B-03 Datasheet HTML 39Page - ITT Industries CA08COM-IN10SL-1SW-B-03 Datasheet HTML 40Page - ITT Industries CA08COM-IN10SL-1SW-B-03 Datasheet HTML 41Page - ITT Industries CA08COM-IN10SL-1SW-B-03 Datasheet HTML 42Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 42 / 42 page
background image
© 2000 ITT Industries, Cannon. Printed in Germany. All Rights Reserved.
Cannon Worldwide Facilities
Austria
Afrikanergasse 3
1020 Vienna
FAX: (1) 2160948
PH: (1) 2160947
Benelux
Residence Leopold
Genèvestreet 10
1140 Brussels, Belgium
FAX: (02) 7269201
PH: (02) 726 75 94
NL
FAX: 31.35.691.8796
PH: 31.35.691.6855
China
No. 24, 2 Block
Taohuawu New District
Zhenjiang, Jiangsu
P.R.C.
FAX: 86 511 4428616
PH: 86 511 443 3399
Denmark
Park Allé 287 A
2605 Brøndby
FAX: 43 43 58 58
PH: 43 45 52 88
Finland
Virkatie 1
1510 Vantaa
FAX:+358 9 70039188
PH: +358 9 70039180
France
2, Ave Sablons Bouillants, B.P. 133
77109 Meaux
FAX: (1) 64 33 16 82
PH: (1) 60 24 51 51
Germany
Postfach 11 20, 71365 Weinstadt
Cannonstrasse 1, 71384 Weinstadt
FAX: (07151) 699217
PH: (07151) 699-0
Hong Kong
Unit 901 & 912, West Tower
Shun Tak Center
168-200 Connaught Road
Central
FAX: (852) 2732-2919
PH: (852) 2732-2720
Italy
Via Panzeri 10
20123 Milano
FAX: (02) 8372036
PH: (02) 581801
Japan
5362-1, 5-chome, Hibarigaoka
Zama-shi, Kanagawa 228
FAX: 0462-57-1680
PH: 0462-57-2010
Korea
620, Changkang Bldg.
#22, Dohwa-dong, Mapo-ku
Seoul
FAX: (02) 717 7330
PH: (02) 702 7111
Spain
Parque Empresarial San Fernando
Edificio Italia 1a Planta
28830 Madrid
FAX: (34) 91 656 15 83
PH: (34) 91 656 03 11
Sweden
Norr Mälarstrand 64
Jaktvarvet 1
11235 Stockholm
FAX: (46) 8 650 0072
PH: (46) 8 650 0071
Switzerland
Herzogenmühle 18
8304 Wallisellen
FAX: (01) 830-3104
PH: (01) 830-3888, 830-3613
United Kingdom
Jays Close, Viables Estate
Basingstoke Hampshire RG22 4BA
FAX: (01256) 323356
PH: (01256) 311200
United States
666 E. Dyer Road
Santa Ana, CA 92705-5612
FAX: 714.628.2142
PH: 714.557.4700
INTERNET
http://www.ittcannon.com
#1171_CA-COM_englisch_250900
18.10.2000, 8:24 Uhr
42


Número de pieza similar - CA08COM-IN10SL-1SW-B-03

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EPCOS
CA0805P2K17ALCG EPCOS-CA0805P2K17ALCG Datasheet
757Kb / 34P
   Ceramic transient voltage suppressors
CA0805P2K17TLCG EPCOS-CA0805P2K17TLCG Datasheet
757Kb / 34P
   Ceramic transient voltage suppressors
CA0805P2S17ALCG EPCOS-CA0805P2S17ALCG Datasheet
757Kb / 34P
   Ceramic transient voltage suppressors
CA0805P2S17TLCG EPCOS-CA0805P2S17TLCG Datasheet
757Kb / 34P
   Ceramic transient voltage suppressors
CA0805P4K17ALCG EPCOS-CA0805P4K17ALCG Datasheet
757Kb / 34P
   Ceramic transient voltage suppressors
More results

Descripción similar - CA08COM-IN10SL-1SW-B-03

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
1607689 PHOENIX-1607689 Datasheet
17Mb / 64P
   Industrial Circular Connectors
logo
Omron Electronics LLC
XS5H-T421-BM0-K OMRON-XS5H-T421-BM0-K Datasheet
1Mb / 8P
   Industrial Ethernet Connectors
logo
Red Lion Controls. Inc
EB-RJ45 REDLION-EB-RJ45 Datasheet
325Kb / 2P
   Industrial IP67 Waterproof Connectors
logo
ITT Industries
CA06COME20-27PB ITT-CA06COME20-27PB Datasheet
1Mb / 42P
   Industrial Connectors CA-COM
CA02COME14S-5PB ITT-CA02COME14S-5PB Datasheet
1Mb / 42P
   Industrial Connectors CA-COM
logo
Hirose Electric
PX10-AF6WP HIROSE-PX10-AF6WP Datasheet
387Kb / 8P
   Power Supply Connectors For Industrial Equipment
logo
Omron Electronics LLC
XN2_1011 OMRON-XN2_1011 Datasheet
809Kb / 6P
   Easy-wire connectors for Industrial Components
logo
Hirose Electric
PX10-AF6WP HIROSE-PX10-AF6WP_06 Datasheet
432Kb / 8P
   Power Supply Connectors For Industrial Equipment
logo
Omron Electronics LLC
XN2 OMRON-XN2 Datasheet
888Kb / 8P
   Easy-wire connectors for Industrial Components
logo
Hirose Electric
PX HIROSE-PX_18 Datasheet
387Kb / 8P
   Power Supply Connectors For Industrial Equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com