Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CA3106B14S-8P Datasheet(PDF) 1 Page - ITT Industries |
|
CA3106B14S-8P Datasheet(HTML) 1 Page - ITT Industries |
1 / 5 page Dimensions are shown in mm (inch) Dimensions subject to change www.ittcannon.com Circular Connectors CA/MS A&B annon has re-introduced the widely used MS A&B product line with improved features. For corrosion protection we have changed the shell finish to an environmentally safe, zinc alloy plating. The plating is a high quality finish and uniform in color. The contacts, which are preloaded in the insulator, have been redesigned such that the solder cups remain in proper orientation and will not rotate during wiring termination. The contacts are also machined for strength and durability and plated with silver. The Cannon MS A&B design meets the performance requirements of the MIL-C-5015. The product is available in all the popular sizes and configurations in Class A (solid end bell) and Class B (split end bell versions). Applications: • Industrial Controls • Test Equipment • Traffic Signals • Bus Systems • High strength aluminum alloy connector • High strength plastic insulators • Environmentally safe shell finishes • Protected against corrosion • High quality plating finish • Threaded coupling • Product is tooled and available in 50 insert patterns • Machined contacts • Low cost Performance Specifications Temperature Range: –55°C to 125°C (-67°F to 257°F) Current Rating: 13 A to 150 A* Durability: 500 mating cycles min. Wire Accommodation: 0 to 20 AWG* No. of Contacts: 2 to 48 Termination: Solder *Depending on contact size. Materials and Finishes Description Material Finish Shell Aluminum Alloy Green Zinc or Black Zinc Insulator Hard Plastic — Contact Brass or Copper Alloy Silver Product Features and Benefits For more information: www.ittcannon.com/cat107 C 1 |
Número de pieza similar - CA3106B14S-8P |
|
Descripción similar - CA3106B14S-8P |