Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADP3191AJRQZ-RL Datasheet(PDF) 8 Page - Analog Devices

No. de pieza ADP3191AJRQZ-RL
Descripción Electrónicos  6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADP3191AJRQZ-RL Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP3191AJRQZ-RL Datasheet HTML 4Page - Analog Devices ADP3191AJRQZ-RL Datasheet HTML 5Page - Analog Devices ADP3191AJRQZ-RL Datasheet HTML 6Page - Analog Devices ADP3191AJRQZ-RL Datasheet HTML 7Page - Analog Devices ADP3191AJRQZ-RL Datasheet HTML 8Page - Analog Devices ADP3191AJRQZ-RL Datasheet HTML 9Page - Analog Devices ADP3191AJRQZ-RL Datasheet HTML 10Page - Analog Devices ADP3191AJRQZ-RL Datasheet HTML 11Page - Analog Devices ADP3191AJRQZ-RL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ADP3191
Rev. 0 | Page 8 of 28
THEORY OF OPERATION
The ADP3191/ADP3191A combine a multimode, fixed frequency
PWM control with multiphase logic outputs for use in 2-, 3-, and
4-phase synchronous buck CPU core supply power converters.
The internal VID DAC is designed to interface with the Intel
6-bit VRD/VRM 10- and 10.1-compatible CPUs. Multiphase
operation is important for producing the high currents and
low voltages demanded by today’s microprocessors. Handling
the high currents in a single-phase converter places high thermal
demands on the components in the system, such as the inductors
and MOSFETs.
The multimode control of the ADP3191/ADP3191A ensures
a stable, high performance topology for
Balancing currents and thermals between phases
High speed response at the lowest possible switching
frequency and output decoupling
Minimizing thermal switching losses due to lower
frequency operation
Tight load line regulation and accuracy
High current output for up to 4-phase operation
Reduced output ripple due to multiphase cancellation
PC board layout noise immunity
Ease of use and design due to independent component
selection
Flexibility in operation for tailoring design to low cost or
high performance
STARTUP SEQUENCE
During startup, the number of operational phases and their phase
relationship is determined by the internal circuitry that monitors
the PWM outputs. Normally, the ADP3191/ADP3191A operate
as a 4-phase PWM controller. Grounding the PWM4 pin programs
3-phase operation, and grounding the PWM3 pin and the
PWM4 pin programs 2-phase operation.
When the ADP3191/ADP3191A are enabled, the controller
outputs a voltage on PWM3 and PWM4 that is approximately
675 mV. An internal comparator checks each pin’s voltage vs.
a threshold of 300 mV. If the pin is grounded, it is below the
threshold, and the phase is disabled. The output resistance of
the PWM pins is approximately 5 kΩ during this detection
time. Any external pull-down resistance connected to the
PWM pins should not be less than 25 kΩ to ensure proper
operation. PWM1 and PWM2 are disabled during the phase
detection interval, which occurs during the first two clock
cycles of the internal oscillator.
After this time, if the PWM output is not grounded, the 5 kΩ
resistance is removed, and it switches between 0 V and 5 V.
If the PWM output is grounded, it remains off. The PWM out-
puts are logic-level devices intended for driving external gate
drivers, such as the ADP3110A. Because each phase is
monitored independently, operation approaching 100% duty
cycle is possible. Also, more than one output can be on at the
same time for overlapping phases.
MASTER CLOCK FREQUENCY
The clock frequency of the ADP3191/ADP3191A is set with
an external resistor connected from the RT pin to ground.
The frequency follows the graph in Figure 3. To determine
the frequency per phase, the clock is divided by the number of
phases in use. If PWM4 is grounded, divide the master clock by 3
for the frequency of the remaining phases. If PWM3 and PWM4
are grounded, divide by 2. If all phases are in use, divide by 4.
OUTPUT VOLTAGE DIFFERENTIAL SENSING
The ADP3191/ADP3191A differential sense compares a high
accuracy VID DAC and a precision reference to implement a low
offset error amplifier. This maintains a worst-case specification
of ±9.5 mV differential sensing error over their full operating
output voltage and temperature range. The output voltage is
sensed between the FB pin and the FBRTN pin. FB should be
connected through a resistor to the regulation point, usually the
remote sense pin of the microprocessor. FBRTN should be
connected directly to the remote sense ground point. The
internal VID DAC and precision reference are referenced to
FBRTN, which has a minimal current of 100 μA to allow accurate
remote sensing. The internal error amplifier compares the
output of the DAC to the FB pin to regulate the output voltage.
OUTPUT CURRENT SENSING
The ADP3191/ADP3191A provide a dedicated current sense
amplifier (CSA) to monitor the total output current for proper
voltage positioning vs. load current and for current-limit detec-
tion. Sensing the load current at the output gives the total average
current being delivered to the load. This is an inherently more
accurate method than peak current detection or sampling the
current across a sense element such as the low-side MOSFET.
This amplifier can be configured several ways, depending on the
objectives of the system:
Output inductor DCR sensing without a thermistor for
lowest cost
Output inductor DCR sensing with a thermistor for
improved accuracy with tracking of inductor temperature
Sense resistors for highest accuracy measurements


Número de pieza similar - ADP3191AJRQZ-RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADP3190 AD-ADP3190 Datasheet
832Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3190AJRQZ-RL AD-ADP3190AJRQZ-RL Datasheet
832Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3190AJRUZ-RL AD-ADP3190AJRUZ-RL Datasheet
832Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3190JRQZ-RL AD-ADP3190JRQZ-RL Datasheet
832Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3190JRUZ-RL AD-ADP3190JRUZ-RL Datasheet
832Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
More results

Descripción similar - ADP3191AJRQZ-RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADP3168 AD-ADP3168 Datasheet
947Kb / 24P
   6-Bit, Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. B
ADP3190 AD-ADP3190 Datasheet
832Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3188 AD-ADP3188 Datasheet
956Kb / 28P
   6-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
REV. A
ADP3194 AD-ADP3194 Datasheet
649Kb / 32P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
ADP3180 AD-ADP3180 Datasheet
529Kb / 20P
   6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
ADP3197 AD-ADP3197 Datasheet
689Kb / 32P
   6-Bit Programmable 2-/3-Phase Synchronous Buck Controller
REV. 0
ADP3181 AD-ADP3181 Datasheet
541Kb / 24P
   5-Bit or 6-Bit Programmable 2-,3-,4-Phase Synchronous Buck Controller
REV. A
logo
ON Semiconductor
ADP3196 ONSEMI-ADP3196 Datasheet
364Kb / 18P
   6-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
January 2008 ??Rev. 1
logo
Analog Devices
ADP3196 AD-ADP3196 Datasheet
539Kb / 20P
   6-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. 0
ADP3166 AD-ADP3166 Datasheet
351Kb / 20P
   5-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com